전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC2574-VPA 데이터시트(PDF) 3 Page - TelCom Semiconductor, Inc

부품명 TC2574-VPA
상세설명  0.5A Step-Down Switching Regulator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELCOM [TelCom Semiconductor, Inc]
홈페이지  http://www.telcom-semi.com
Logo TELCOM - TelCom Semiconductor, Inc

TC2574-VPA 데이터시트(HTML) 3 Page - TelCom Semiconductor, Inc

  TC2574-VPA Datasheet HTML 1Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 2Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 3Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 4Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 5Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 6Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 7Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 8Page - TelCom Semiconductor, Inc TC2574-VPA Datasheet HTML 9Page - TelCom Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
3
TC2574
0.5A Step-Down Switching Regulator
TC2574-1 1/6/00
ELECTRICAL CHARACTERISTICS: Unless otherwise specified, VIN = 12V for the 3.3V, 5.0V, and Adjustable
version,VIN = 25V for the 12V version. ILOAD = 100mA. For typical values TJ = 25°C, for min/max values TJ is the operat-
ing junction temperature range that applies (Note 2), unless otherwise noted.
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
TC2574-ADJUSTABLE VERSION [(Note 1) Test Circuit Figure 2]
Ib
Feedback Bias Current
VOUT = 5.0V (Adjustable Version Only)
nA
TJ = 25°C
25
100
TJ = –40°C to +125°C
200
fO
Oscillator Frequency (Note 3)
TJ = 25°C
52
kHz
TJ = 0 to +125°C47
52
58
TJ = –40 to +125°C42
63
VSAT
Saturation Voltage
IOUT = 0.5 A, (Note 4)
V
TJ = 25°C
1.0
1.2
TJ = –40 to +125°C
1.4
DC
Max Duty Cycle (“on”) [Note 5]
93
98
%
ICL
Current Limit Peak Current (Notes 3 and 4)
A
TJ = 25°C
0.7
1.0
1.6
TJ = –40 to +125°C
0.65
1.8
IL
Output Leakage Current (Notes 6 and 7), TJ = 25°CmA
Output = 0 V
0.6
2.0
Output = – 1.0 V
10
30
IQ
Quiescent Current (Note 6)
mA
TJ = 25°C
5.0
9.0
TJ = –40 to +125°C—
11
ISTBY
Standby Quiescent Current
ON/OFF Pin = 5.0 V (“off”)
µA
TJ = 25°C
60
200
TJ = –40 to +125°C
400
ON/OFF Pin Logic Input Level
V
VIH
VOUT = 0V
TJ = 25°C
2.2
1.4
TJ = –40 to +125°C
2.4
VIL
Nominal Output Voltage
TJ = 25°C
1.2
1.0
TJ = –40 to +125°C
0.8
ON/OFF Pin Input Current mA
µA
IIH
ON/OFF Pin = 5.0V (“off”), TJ = 25°C
15
30
IIL
ON/OFF Pin Input Current mA
µA
ON/OFF Pin = 0 (“on”), TJ = 25°C
0
5.0
NOTES: 1. External components such as the catch diode, inductor, input and output capacitors can affect the switching regulator system
performance. When the TC2574 is used as shown in the Figure 2 test circuit, the system performance will be as
shown in the system parameters section of the Electrical Characteristics.
2. Tested junction temperature range for the TC2574: TLOW = –40°C T high = +125°C
3. The oscillator frequency reduces to approximately 18kHz in the event of an output short or an overload which causes the regulated
output voltage to drop approximately 40% from the nominal output voltage. This self protection feature lowers the average power
dissipation of the IC by lowering the minimum duty cycle from 5% down to approximately 2%.
4. Output (Pin 2) sourcing current. No diode, inductor or capacitor connected to the output pin.
5. Feedback (Pin 4) removed from output and connected to 0 V.
6. Feedback (Pin 4) removed from output and connected to 12V for the Adjustable, 3.3V, and 5.0V versions, and 25V for the 12V
version, to force the output transistor OFF.
7. VIN = 40 V.


유사한 부품 번호 - TC2574-VPA

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TC2571 ETC1-TC2571 Datasheet
151Kb / 3P
   1W Low-Cost Packaged PHEMT GaAs Power FETs
logo
Transcom, Inc.
TC2571 TRANSCOM-TC2571 Datasheet
196Kb / 3P
   1 W Low-Cost Packaged PHEMT GaAs Power FETs
logo
TelCom Semiconductor, I...
TC2575 TELCOM-TC2575 Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-12.0VAT TELCOM-TC2575-12.0VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
TC2575-3.3VAT TELCOM-TC2575-3.3VAT Datasheet
168Kb / 25P
   1.0A Step-Down Switching Regulator
More results

유사한 설명 - TC2574-VPA

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM25007 NSC-LM25007 Datasheet
617Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007 TI1-LM25007_14 Datasheet
933Kb / 17P
[Old version datasheet]   42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25007 NSC-LM25007_08 Datasheet
282Kb / 12P
   42V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25007MMX TI-LM25007MMX Datasheet
924Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007 TI-LM25007_15 Datasheet
956Kb / 20P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
LM25007MMX TI1-LM25007MMX Datasheet
950Kb / 19P
[Old version datasheet]   LM25007 42V, 0.5A Step-Down Switching Regulator
logo
National Semiconductor ...
LM5574 NSC-LM5574_09 Datasheet
446Kb / 22P
   SIMPLE SWITCHER 75V, 0.5A Step-Down Switching Regulator
logo
Texas Instruments
LM25574 TI1-LM25574_17 Datasheet
970Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER 42V, 0.5A Step-Down Switching Regulator
LM5574 TI1-LM5574_14 Datasheet
911Kb / 28P
[Old version datasheet]   SIMPLE SWITCHER짰 75V, 0.5A Step-Down Switching Regulator
LM25574 TI1-LM25574_14 Datasheet
929Kb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 42V, 0.5A Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com