전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TS5A3359DCTR 데이터시트(PDF) 7 Page - Texas Instruments

부품명 TS5A3359DCTR
상세설명  1-ohm SP3T ANALOG SWITCH 5-V/3.3-V SINGLE - CHANNEL 3
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

TS5A3359DCTR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button TS5A3359DCTR Datasheet HTML 3Page - Texas Instruments TS5A3359DCTR Datasheet HTML 4Page - Texas Instruments TS5A3359DCTR Datasheet HTML 5Page - Texas Instruments TS5A3359DCTR Datasheet HTML 6Page - Texas Instruments TS5A3359DCTR Datasheet HTML 7Page - Texas Instruments TS5A3359DCTR Datasheet HTML 8Page - Texas Instruments TS5A3359DCTR Datasheet HTML 9Page - Texas Instruments TS5A3359DCTR Datasheet HTML 10Page - Texas Instruments TS5A3359DCTR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
TS5A3359
1 W SP3T ANALOG SWITCH
5V/3.3V SINGLECHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
SCDS214 – OCTOBER 2005
www.ti.com
7
Electrical Characteristics for 2.5-V Supply(1)
V+ = 2.3 V to 2.7 V, TA = −40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Analog Switch
Analog signal
range
VCOM, VNO
0
V+
V
Peak ON
rpeak
0
≤ (VNO) ≤ V+,
Switch ON,
25
°C
2.3 V
1.8
2.5
Peak ON
resistance
rpeak
0
≤ (VNO) ≤ V+,
ICOM = −8 mA,
Switch ON,
See Figure 13
Full
2.3 V
2.7
ON-state
ron
VNO = 1.8 V,
Switch ON,
25
°C
2.3 V
1.5
2
ON-state
resistance
ron
VNO = 1.8 V,
ICOM = −8 mA,
Switch ON,
See Figure 13
Full
2.3 V
2.4
ON-state
resistance
match
∆ron
VNO = 1.8 V,
Switch ON,
25
°C
2.3 V
0.15
0.2
match
between
channels
∆ron
VNO = 1.8 V,
ICOM = −8 mA,
Switch ON,
See Figure 13
Full
2.3 V
0.2
ON-state
0
≤ (VNO ) ≤ V+,
Switch ON,
25
°C
0.6
ON-state
resistance
ron(flat)
0
≤ (VNO ) ≤ V+,
ICOM = −8 mA,
Switch ON,
See Figure 13
25
°C
2.3 V
0.6
resistance
flatness
ron(flat)
VNO = 0.8 V, 1.8 V,
Switch ON,
25
°C
2.3 V
0.6
1
flatness
VNO = 0.8 V, 1.8 V,
ICOM = −8 mA,
Switch ON,
See Figure 13
Full
1
NO
INO(OFF)
VNO = 0.5 V, VCOM = 0.5 V to 2.3 V,
or
Switch OFF,
25
°C
2.7 V
−15
3
15
nA
NO
OFF leakage
INO(OFF)
NO
COM
or
VNO = 2.3 V, VCOM = 0.5 V to 2.3 V,
Switch OFF,
See Figure 14
Full
2.7 V
−30
30
nA
OFF leakage
current
INO(PWROFF)
VNO = 0 to 2.7 V,
Switch OFF,
25
°C
0 V
−1
0.1
1
A
current
INO(PWROFF)
VNO = 0 to 2.7 V,
VCOM = 2.7 V to 0,
Switch OFF,
See Figure 14
Full
0 V
−10
10
µA
NO
ON leakage
INO(ON)
VNO = 0.5 V, VCOM = Open,
or
Switch ON,
25
°C
2.7 V
−15
3
15
nA
ON leakage
current
INO(ON)
NO
COM
or
VNO = 2.2 V, VCOM = Open,
Switch ON,
See Figure 15
Full
2.7 V
−35
35
nA
COM
ICOM(OFF)
VNO = 0.3 V to 2.3 V, VCOM = 0.5 V,
or
Switch OFF,
25
°C
2.7 V
−15
3
15
nA
COM
OFF leakage
ICOM(OFF)
NO
COM
or
VNO = 0.3 V to 2.3 V, VCOM = 2.3 V,
Switch OFF,
See Figure 14
Full
2.7 V
−60
60
nA
OFF leakage
current
ICOM(PWROFF)
VCOM = 0 to 2.7 V,
Switch OFF,
25
°C
0 V
−1
0.1
1
A
current
ICOM(PWROFF)
VCOM = 0 to 2.7 V,
VNO = 2.7 V to 0,
Switch OFF,
See Figure 14
Full
0 V
−10
10
µA
COM
ON leakage
ICOM(ON)
VNO = Open, VCOM = 0.5 V,
or
Switch ON,
25
°C
2.7 V
−15
3.5
15
nA
ON leakage
current
ICOM(ON)
NO
COM
or
VNO = Open V, VCOM = 2.2 V,
Switch ON,
See Figure 15
Full
2.7 V
−40
40
nA
Digital Control Inputs (IN1, IN2)(2)
Input logic
high
VIH
Full
1.8
5.5
V
Input logic low
VIL
Full
0
0.6
V
Input leakage
IIH, IIL
VI = 5.5 V or 0
25
°C
2.7 V
1
1
nA
Input leakage
current
IIH, IIL
VI = 5.5 V or 0
Full
2.7 V
10
10
nA
(1) The algebraic convention, whereby the most negative value is a minimum and the most positive value is a maximum
(2) All unused digital inputs of the device must be held at V+ or GND to ensure proper device operation. Refer to the TI application report, Implications
of Slow or Floating CMOS Inputs, literature number SCBA004.


유사한 부품 번호 - TS5A3359DCTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3359DCUR TI-TS5A3359DCUR Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359DCUR TI1-TS5A3359DCUR Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359DCUR TI1-TS5A3359DCUR Datasheet
1Mb / 34P
[Old version datasheet]   SP3T Bidirectional Analog Switch
TS5A3359DCURE4 TI-TS5A3359DCURE4 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359DCURG4 TI-TS5A3359DCURG4 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
More results

유사한 설명 - TS5A3359DCTR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TS5A3359 TI1-TS5A3359_14 Datasheet
1Mb / 29P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_08 Datasheet
901Kb / 26P
[Old version datasheet]   1-廓 SP3T ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357 Datasheet
287Kb / 22P
[Old version datasheet]   SINGLE 5-W SP3T ANALOG SWITCH 5-V/3.3-V 3:1 ANALOG MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_15 Datasheet
1Mb / 22P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI-TS5A3357-Q1_15 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357 TI-TS5A3357_10 Datasheet
846Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3357-Q1 TI1-TS5A3357-Q1 Datasheet
937Kb / 23P
[Old version datasheet]   SINGLE 5-廓 SP3T ANALOG SWITCH 5-V/3.3-V 3:1 MULTIPLEXER/DEMULTIPLEXER
TS5A3359 TI-TS5A3359_15 Datasheet
1Mb / 34P
[Old version datasheet]   TS5A3359 1-廓 SP3T Bidirectional Analog Switch 5-V/3.3-V Single-Channel 3:1 Multiplexer and Demultiplexer
TS5A4596 TI-TS5A4596 Datasheet
157Kb / 14P
[Old version datasheet]   8-ohm SPST ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL ANALOG SWITCH
TS5A3159A TI-TS5A3159A Datasheet
514Kb / 30P
[Old version datasheet]   1-ohm SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com