전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM1577K883 데이터시트(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM1577K883
상세설명  SIMPLE SWITCHER-R Step-Up Voltage Regulator
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM1577K883 데이터시트(HTML) 2 Page - National Semiconductor (TI)

  LM1577K883 Datasheet HTML 1Page - National Semiconductor (TI) LM1577K883 Datasheet HTML 2Page - National Semiconductor (TI) LM1577K883 Datasheet HTML 3Page - National Semiconductor (TI) LM1577K883 Datasheet HTML 4Page - National Semiconductor (TI) LM1577K883 Datasheet HTML 5Page - National Semiconductor (TI) LM1577K883 Datasheet HTML 6Page - National Semiconductor (TI) LM1577K883 Datasheet HTML 7Page - National Semiconductor (TI) LM1577K883 Datasheet HTML 8Page - National Semiconductor (TI) LM1577K883 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 27 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage
45V
Output Switch Voltage
65V
Output Switch Current (Note 2)
6.0A
Power Dissipation
Internally Limited
Storage Temperature Range
−65˚C to +150˚C
Lead Temperature
(Soldering, 10 sec.)
260˚C
Maximum Junction Temperature
150˚C
Minimum ESD Rating
(C = 100 pF, R = 1.5 k
Ω)2 kV
Operating Ratings
Supply Voltage
3.5V
≤ V
IN ≤ 40V
Output Switch Voltage
0V
≤ V
SWITCH ≤ 60V
Output Switch Current
I
SWITCH ≤ 3.0A
Junction Temperature Range
LM1577
−55˚C
≤ T
J ≤ +150˚C
LM2577
−40˚C
≤ T
J ≤ +125˚C
Electrical Characteristics — LM1577-12, LM2577-12
Specifications with standard type face are for T
J = 25˚C, and those in bold type face apply over full Operating Temperature
Range. Unless otherwise specified, V
IN = 5V, and ISWITCH = 0.
LM1577-12
LM2577-12
Units
Symbol
Parameter
Conditions
Typical
Limit
Limit
(Limits)
(Notes 3, 4)
(Note 5)
SYSTEM PARAMETERS Circuit of
Figure 1 (Note 6)
V
OUT
Output Voltage
V
IN = 5V to 10V
12.0
V
I
LOAD = 100 mA to 800 mA
11.60/11.40
11.60/11.40
V(min)
(Note 3)
12.40/12.60
12.40/12.60
V(max)
Line Regulation
V
IN = 3.5V to 10V
20
mV
I
LOAD = 300 mA
50/100
50/100
mV(max)
Load Regulation
V
IN = 5V
20
mV
I
LOAD = 100 mA to 800 mA
50/100
50/100
mV(max)
η
Efficiency
V
IN = 5V, ILOAD = 800 mA
80
%
DEVICE PARAMETERS
I
S
Input Supply Current
V
FEEDBACK = 14V (Switch Off)
7.5
mA
10.0/14.0
10.0/14.0
mA(max)
I
SWITCH = 2.0A
25
mA
V
COMP = 2.0V (Max Duty Cycle)
50/85
50/85
mA(max)
V
UV
Input Supply
I
SWITCH = 100 mA
2.90
V
Undervoltage Lockout
2.70/2.65
2.70/2.65
V(min)
3.10/3.15
3.10/3.15
V(max)
f
O
Oscillator Frequency
Measured at Switch Pin
52
kHz
I
SWITCH = 100 mA
48/42
48/42
kHz(min)
56/62
56/62
kHz(max)
V
REF
Output Reference
Measured at Feedback Pin
V
Voltage
V
IN = 3.5V to 40V
12
11.76/11.64
11.76/11.64
V(min)
V
COMP = 1.0V
12.24/12.36
12.24/12.36
V(max)
Output Reference
V
IN = 3.5V to 40V
7mV
Voltage Line Regulator
R
FB
Feedback Pin Input
9.7
k
Resistance
G
M
Error Amp
I
COMP = −30 µA to +30 µA
370
µmho
Transconductance
V
COMP = 1.0V
225/145
225/145
µmho(min)
515/615
515/615
µmho(max)
A
VOL
Error Amp
V
COMP = 1.1V to 1.9V
80
V/V
Voltage Gain
R
COMP = 1.0 MΩ
50/25
50/25
V/V(min)
(Note 7)
www.national.com
2


유사한 부품 번호 - LM1577K883

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM1577K-883 NSC-LM1577K-883 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
More results

유사한 설명 - LM1577K883

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LM1577 NSC-LM1577 Datasheet
889Kb / 27P
   SIMPLE SWITCHER Step-Up Voltage Regulator
logo
Texas Instruments
UC2577 TI-UC2577 Datasheet
179Kb / 8P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ELM2576 SECOS-S5ELM2576 Datasheet
967Kb / 8P
   Simple Switcher 3A Step-Down Voltage Regulator
logo
Texas Instruments
UC2577-ADJ TI1-UC2577-ADJ_12 Datasheet
703Kb / 14P
[Old version datasheet]   Simple Step-Up Voltage Regulator
logo
Cystech Electonics Corp...
PL2576-XXXF5 CYSTEKEC-PL2576-XXXF5 Datasheet
223Kb / 10P
   Simple Switcher 3A Step- Down Voltage Regulator
logo
National Semiconductor ...
LM1575 NSC-LM1575 Datasheet
725Kb / 27P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
LM2574 NSC-LM2574 Datasheet
639Kb / 24P
   SIMPLE SWITCHER??0.5A Step-Down Voltage Regulator
LM2576 NSC-LM2576 Datasheet
639Kb / 24P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
AE2576 ETC-AE2576 Datasheet
569Kb / 11P
   SIMPLE SWITCHER 3A Step-Down Voltage Regulator
Jan.2010 V1.2
logo
National Semiconductor ...
LM2575EP NSC-LM2575EP Datasheet
1Mb / 26P
   SIMPLE SWITCHER 1A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com