전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STP9NK90Z 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 STP9NK90Z
상세설명  N-CHANNEL 900V - 1.1Ohm - 8A - TO-220/FP-D2PAK-TO-247 Zener-Protected SuperMESH MOSFET
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STP9NK90Z 데이터시트(HTML) 1 Page - STMicroelectronics

  STP9NK90Z Datasheet HTML 1Page - STMicroelectronics STP9NK90Z Datasheet HTML 2Page - STMicroelectronics STP9NK90Z Datasheet HTML 3Page - STMicroelectronics STP9NK90Z Datasheet HTML 4Page - STMicroelectronics STP9NK90Z Datasheet HTML 5Page - STMicroelectronics STP9NK90Z Datasheet HTML 6Page - STMicroelectronics STP9NK90Z Datasheet HTML 7Page - STMicroelectronics STP9NK90Z Datasheet HTML 8Page - STMicroelectronics STP9NK90Z Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
July 2006
Rev 4
1/16
16
STB9NK90Z - STFPNK90Z
STP9NK90Z - STW9NK90Z
N-channel 900V - 1.1
Ω - 8A - TO-220 /FP- D2PAK - TO-247
Zener-protected superMESHTM MOSFET
General features
Extremely high dv/dt capability
100% avalanche tested
Gate charge minimized
Description
The SuperMESH™ series is obtained through an
extreme optimization of ST’s well established
strip-based PowerMESH™ layout. In addition to
pushing on-resistance significantly down, special
care is taken to ensure a very good dv/dt
capability for the most demanding applications.
Applications
Switching application
Internal schematic diagram
Type
VDSS
RDS(on)
ID
Pw
STB9NK90Z
900V
<1.3
8A
160 W
STW9NK90Z
900V
<1.3
8A
160 W
STP9NK90Z
900V
<1.3
8A
160 W
STF9NK90Z
900V
<1.3
8A
160 W
1
2
3
1
3
1
2
3
TO-220
D²PAK
TO-247
TO-220FP
www.st.com
Order codes
Part number
Marking
Package
Packaging
STB9NK90Z
B9NK90Z
D²PAK
Tape & reel
STF9NK90Z
F9NK90Z
TO-220FP
Tube
STP9NK90Z
P9NK90Z
TO-220
Tube
STW9NK90Z
W9NK90Z
TO-247
Tube


유사한 부품 번호 - STP9NK90Z

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
STP9NK90Z STMICROELECTRONICS-STP9NK90Z Datasheet
478Kb / 11P
   N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP9NK90Z STMICROELECTRONICS-STP9NK90Z Datasheet
997Kb / 17P
   N-channel 900 V, 1.1 廓, 8 A, TO-220, TO-220FP, D2PAK, TO-247 Zener-protected SuperMESH??Power MOSFET
logo
Inchange Semiconductor ...
STP9NK90Z ISC-STP9NK90Z Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
More results

유사한 설명 - STP9NK90Z

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
ST_STP9NK90Z STMICROELECTRONICS-ST_STP9NK90Z Datasheet
478Kb / 11P
   N-CHANNEL 900V - 1.1W - 8A TO-220/TO-220FP/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP6NK90Z STMICROELECTRONICS-STP6NK90Z_07 Datasheet
483Kb / 18P
   N-channel 900V - 1.56廓 - 5.8A - TO-220/TO-220FP/D2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
STP14NK50Z STMICROELECTRONICS-STP14NK50Z_06 Datasheet
626Kb / 19P
   N-channel 500V - 0.34OHM - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH Power MOSFET
STP14NK60Z STMICROELECTRONICS-STP14NK60Z Datasheet
672Kb / 17P
   N-CHANNEL 600V-0.45ohm-13.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH Power MOSFET
STP9NK70Z STMICROELECTRONICS-STP9NK70Z Datasheet
664Kb / 14P
   N-CHANNEL 700V - 1ohm - 7.5A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
April 2002
STP13NK60Z STMICROELECTRONICS-STP13NK60Z Datasheet
657Kb / 14P
   N-CHANNEL 600V-0.48ohm-13A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STP14NK50Z STMICROELECTRONICS-STP14NK50Z Datasheet
673Kb / 14P
   N-CHANNEL 500V-0.34ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
March 2003
STP15NK50Z STMICROELECTRONICS-STP15NK50Z Datasheet
672Kb / 14P
   N-CHANNEL500V-0.30ohm-14ATO-220/FP/D2PAK/I2PAK/TO-247 Zener-Protected SuperMESH?줡ower MOSFET
STB9NK50ZT4 STMICROELECTRONICS-STB9NK50ZT4 Datasheet
371Kb / 13P
   N-CHANNEL 500V - 7.2A TO-220/FP/D2PAK/I2PAK Zener-Protected SuperMESH MOSFET
STP15NK50Z STMICROELECTRONICS-STP15NK50Z_07 Datasheet
505Kb / 19P
   N-channel 500V - 0.30廓 - 14A TO-220/FP/D2PAK/I2PAK/TO-247 Zener-protected SuperMESH??Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com