전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SSD0817 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 SSD0817
상세설명  LCD Segment / Common Driver with Controller
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

SSD0817 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button SSD0817 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 12Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD0817 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
SSD0817 Series
Rev 1.3
01/2003
SOLOMON
7
M
This pin is the frame signal input/output. In master mode, this pin supplies the frame signal to slave
devices. In slave mode, this pin receives the frame signal from the master device.
CL
This pin is the system clock input/output. When both the internal oscillator (CLS pin pulled high) and
the master mode (M/S pin pulled high) are enabled, the CL pin will supplies system clock signal to the
slave device. When both internal oscillator and the slave mode are enabled, the CL pin receives
system clock signal from either the master device or the external clock source.
DOF DOF
This pin is the display blanking signal control pin. In master mode, the
DOF pin supplies “display on”
or “display off” signal (blanking signal) to the slave devices. In slave mode, the DOF pin receives
“display on” or “display off” signal from the master device.
1
CS
, CS2
These pins are the chip selection inputs. The chip is enabled for MCU communication only
when
1
CS is pulled low and CS2 is pulled high.
RES RES
This pin is the reset signal input. Initialization of the chip is started once the reset pin is pulled low.
The minimum pulse width for completion of the reset procedure is 5 -10 us.
SA0, SCL, SDAout, SDAin
These pins are bi-directional data bus to be connected to the MCU in I
2C-bus interface. Please refer
to the section: I
2C Communication interface on page 11 for detail pin descriptions.
VDD
The VDD is the Chip’s Power Supply pins. VDD is also acted as a reference level of both the DC-DC
Converter and the LCD driving output.
VSS
The Vss is the grounding of the chip. Vss is also acted as a reference level of the logic input/output.
VSS1
The VSS1 is the input of the internal DC-DC converter. The generated voltage from the internal DC-DC
converter, VEE, is equal to the multiple factors (2X, 3X, 4X, 5X) times the potential different between
VSS1, and VDD. The multiple factors, 2X, 3X, 4X or 5X are selected by different arrangements of the
external boosting capacitors.
Note: the potential at this input pin must lower than or equal to VSS.
VEE
This is the most negative voltage supply pin of the chip. It can be supplied externally or generated by
the internal DC-DC converter. If the internal DC-DC converter generates the voltage level at VEE, the
voltage level is used for internal referencing only. The voltage level at VEE pins is not used for driving
external circuitry.
C1P, C1N, C2N, C2P C3N and C4N
When internal DC-DC voltage converter is used, external capacitor(s) is/are connected between these
pins. Different connections result in different DC-DC converter multiple factors, for example, 2X, 3X,
4X or 5X. Please refer to the voltage converter section in the functional block description for detail
description.


유사한 부품 번호 - SSD0817

제조업체부품명데이터시트상세설명
logo
SeCoS Halbleitertechnol...
SSD01L60 SECOS-SSD01L60 Datasheet
675Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
SSD01N60 SECOS-SSD01N60 Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power Mos.FET
SSD01N65J SECOS-SSD01N65J Datasheet
175Kb / 3P
   N-Ch Enhancement Mode Power MOSFET
SSD02N60J SECOS-SSD02N60J Datasheet
281Kb / 3P
   N-Ch Enhancement Mode Power MOSFET
SSD02N60SL SECOS-SSD02N60SL Datasheet
565Kb / 5P
   N-Ch Enhancement Mode Power MOSFET
More results

유사한 설명 - SSD0817

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC141539 MOTOROLA-MC141539 Datasheet
977Kb / 19P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1818A ETC-SSD1818A Datasheet
642Kb / 47P
   LCD Segment / Common Driver with Controller
SSD1818 ETC1-SSD1818 Datasheet
471Kb / 44P
   LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141800A MOTOROLA-MC141800A Datasheet
533Kb / 34P
   LCD Segment / Common Driver with Controller
logo
List of Unclassifed Man...
SSD1815B ETC1-SSD1815B Datasheet
361Kb / 36P
   LCD Segment / Common Driver with Controller
SSD1800 ETC-SSD1800 Datasheet
598Kb / 42P
   LCD Segment / Common Driver with Controller
logo
Motorola, Inc
MC141532 MOTOROLA-MC141532 Datasheet
971Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER COMS
logo
List of Unclassifed Man...
SSD1809 ETC1-SSD1809 Datasheet
343Kb / 27P
   LCD SEGMENT / COMMON DRIVER WITH CONTROLLER CMOS
SSD1852 ETC-SSD1852 Datasheet
637Kb / 55P
   LCD Segment / Common Driver With Controller CMOS
SSD1812 ETC-SSD1812 Datasheet
434Kb / 28P
   LCD Segment / Common Driver with Controller CMOS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com