전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC141556 데이터시트(PDF) 6 Page - Freescale Semiconductor, Inc

부품명 MC141556
상세설명  USB Hub Controller CMOS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC141556 데이터시트(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MC141556 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 9Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
MC141556
6
MOTOROLA
PIN DESCRIPTION
VDD (Pin 1)
This is the +5V power pin of the chip.
OSC1 (Pin 2), OSC2 (Pin 3)
The OSC1 and OSC2 pins are the connections for the on-
chip oscillator. The crystal frequency is 24MHz . OSC1 may
be driven by an external oscillator if an external crystal circuit
is not used.
VSS (Pin 4)
This is the ground pin of the chip.
IICEN (Pin 5)
This is an input pin which requires the default input state
to determine the IIC Mode of Hub controller. During Power-
On Reset, pulling IICEN high configures MC141556 as a IIC
slave to allow customized parameters programmable. Pull-
ing this pin low disables IIC Mode and adopts default param-
eters. See Table1 Configuration selection for detail.
DP0 (Pin 6)
This is the upstream differential data plus I/O pin of the
Hub.
DM0 (Pin 7)
This is the upstream differential data minus I/O pin of the
Hub.
VDD3CAP (Pin 8)
This pin must connect an external capacitor for the inter-
nal 3.3V regulator which supply transceivers of all USB
ports.
OVR1 (Pin 9)
This is the over-current detection pin of the downstream
port 1. Active low is to indicate overcurrent condition occurs.
In GANG mode, OVR1 is the common detection pin for all
the four downstream ports.
PWRSW1 (Pin 10)
This is an output pin which can be used to switch on/off
the external power regulator for the downstream port 1.
Active high is to switch on the power. In GANG mode,
PWRSW1 is the common output pin for all the four down-
stream ports.
DP1 (Pin 11)
This is the differential data plus I/O pin of the downstream
port 1.
DM1 (Pin 12)
This is the differential data minus I/O pin of the down-
stream port 1.
OVR2 (Pin 13)
This is the over-current detection pin of the downstream
port 2. Active low is to indicate overcurrent condition occurs.
PWRSW2 (Pin 14)
This is an output pin which can be used to switch on/off
the external power regulator for the downstream port 2.
Active high is to switch on the power.
DP2 (Pin 15)
This is the differential data plus I/O pin of the downstream
port 2.
DM2 (Pin 16)
This is the differential data minus I/O pin of the down-
stream port 2.
OVR3 (Pin 17)
This is the over-current detection pin of the downstream
port 3. Active low is to indicate overcurrent condition occurs.
PWRSW3 (Pin 18)
This is an output pin which can be used to switch on/off
the external power regulator for the downstream port 3.
Active high is to switch on the power.
DP3 (Pin 19)
This is the differential data plus I/O pin of the down-
stream port 3.
DM3 (Pin 20)
This is the differential data minus I/O pin of the down-
stream port 3.
OVR4 (Pin 21)
This is the over-current detection pin of the downstream
port 4. Active low is to indicate overcurrent condition oc-
curs.
PWRSW4 (Pin 22)
This is an output pin which can be used to switch on/off
the external power regulator for the downstream port 4.
Active high is to switch on the power.
DP4 (Pin 23)
This is the differential data plus I/O pin of the downstream
port 4.
DM4 (Pin 24)
This is the differential data minus I/O pin of the down-
stream port 4.
OVR5/GANG/SCL (Pin 25)
When IIC Mode: this input pin acts as SCL, which is the
synchronizing clock input from the transmitter for IIC proto-
col. (Detailed description of the programming protocol will be
discussed in the IIC Communication section).
When non-IIC Mode: if self-powered, this input pin acts as
OVR5, which is overcurrent detection of downstream port 5;
active low is to indicate overcurrent occurs. If bus-powered,
this input pin acts as GANG to determine Power Control
Mode; pulling this pin low configures the Hub as Ganged
control, and pulling it high as Individual control.
PWRSW5/SDA (Pin 26)
When IIC Mode: this pin acts as SDA, which is a uni-
directional data line for IIC protocol. (Detailed description of
the programming protocol will be discussed in the IIC Com-
munication section).
When non-IIC Mode: if self-powered, this output pin is to
switch on/off the external power regulator for downstream
port 5; active high is to switch on the power.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC141556

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
MC141555P1 MOTOROLA-MC141555P1 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
More results

유사한 설명 - MC141556

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com