전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC141556 데이터시트(PDF) 2 Page - Freescale Semiconductor, Inc

부품명 MC141556
상세설명  USB Hub Controller CMOS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FREESCALE [Freescale Semiconductor, Inc]
홈페이지  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MC141556 데이터시트(HTML) 2 Page - Freescale Semiconductor, Inc

  MC141556 Datasheet HTML 1Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 2Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 3Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 4Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 5Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 6Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 7Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 8Page - Freescale Semiconductor, Inc MC141556 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
MC141556
2
MOTOROLA
Figure1. BLOCK DIAGRAM
Root
VSS
DP0
DM0
OSC2
OSC1
VDD
2
4
6
7
1
VDD3CAP
Hub
(SIE)
IICEN
5
8
3
Controller
Port
Clock
Doubler
Power
Supply
&
3.3V
Regulator
3.3 Volts
Serial Interface
Engine
Frame Counter
(1ms)
48MHz
DM5/SEL0
DP5/SEL1
25
27
28
OVR5/GANG/SCL
PWRSW5/SDA
26
Repeater
PORT 5
Downstream
IIC Module
DM4
DP4
21
23
24
OVR4
PWRSW4
22
PORT 4
Downstream
DM3
DP3
17
19
20
OVR3
PWRSW3
18
PORT 3
Downstream
DM2
DP2
13
15
16
OVR2
PWRSW2
14
PORT 2
Downstream
DM1
DP1
9
11
12
OVR1
PWRSW1
10
PORT 1
Downstream
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


유사한 부품 번호 - MC141556

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
MC141555P1 MOTOROLA-MC141555P1 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
More results

유사한 설명 - MC141556

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MC141555 MOTOROLA-MC141555 Datasheet
280Kb / 16P
   USB Hub Controller CMOS
logo
Winbond
W81181D WINBOND-W81181D Datasheet
211Kb / 18P
   USB HUB CONTROLLER
logo
ATMEL Corporation
AT43301 ATMEL-AT43301 Datasheet
16Kb / 2P
   USB HUB CONTROLLER
logo
List of Unclassifed Man...
AU9254A21 ETC-AU9254A21 Datasheet
202Kb / 32P
   USB Hub Controller
AU9254 ETC2-AU9254_05 Datasheet
481Kb / 23P
   USB Hub Controller
logo
ELAN Microelectronics C...
EM77F900 EMC-EM77F900 Datasheet
1Mb / 136P
   USB HUBBB Controller
logo
VIA Labs, Inc
VL812 VIALABS-VL812 Datasheet
1Mb / 18P
   USB 3.0 Hub Controller
logo
NEC
UPD720113 NEC-UPD720113 Datasheet
362Kb / 32P
   USB 2.0 HUB CONTROLLER
logo
List of Unclassifed Man...
AU9462 ETC-AU9462 Datasheet
150Kb / 31P
   USB Keyboard Hub Controller
AU9462 ETC1-AU9462_06 Datasheet
607Kb / 23P
   USB Keyboard Hub Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com