전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IRFB4212PBF 데이터시트(PDF) 1 Page - International Rectifier

부품명 IRFB4212PBF
상세설명  DIGITAL AUDIO MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  IRF [International Rectifier]
홈페이지  http://www.irf.com
Logo IRF - International Rectifier

IRFB4212PBF 데이터시트(HTML) 1 Page - International Rectifier

  IRFB4212PBF Datasheet HTML 1Page - International Rectifier IRFB4212PBF Datasheet HTML 2Page - International Rectifier IRFB4212PBF Datasheet HTML 3Page - International Rectifier IRFB4212PBF Datasheet HTML 4Page - International Rectifier IRFB4212PBF Datasheet HTML 5Page - International Rectifier IRFB4212PBF Datasheet HTML 6Page - International Rectifier IRFB4212PBF Datasheet HTML 7Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
www.irf.com
1
9/16/05
IRFB4212PbF
Notes
 through … are on page 2
Description
This Digital Audio MOSFET is specifically designed for Class-D audio amplifier applications. This MOSFET utilizes
the latest processing techniques to achieve low on-resistance per silicon area. Furthermore, Gate charge, body-diode
reverse recovery and internal Gate resistance are optimized to improve key Class-D audio amplifier performance
factors such as efficiency, THD and EMI. Additional features of this MOSFET are 175°C operating junction
temperature and repetitive avalanche capability. These features combine to make this MOSFET a highly efficient,
robust and reliable device for ClassD audio amplifier applications.
PD - 96918A
S
D
G
DIGITAL AUDIO MOSFET
TO-220AB
Features
• Key parameters optimized for Class-D audio
amplifier applications
• Low RDSON for improved efficiency
• Low QG and QSW for better THD and improved
efficiency
• Low QRR for better THD and lower EMI
• 175°C operating junction temperature for
ruggedness
• Can deliver up to 150W per channel into 4Ω load in
half-bridge topology
VDS
100
V
RDS(ON) typ. @ 10V
72.5
m
:
Qg typ.
15
nC
Qsw typ.
8.3
nC
RG(int) typ.
2.2
TJ max
175
°C
Key Parameters
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
V
VGS
Gate-to-Source Voltage
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
A
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TC = 25°C
Power Dissipation
f
W
PD @TC = 100°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
°C
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
(1.6mm from case)
Mounting torque, 6-32 or M3 screw
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
f
–––
2.5
RθCS
Case-to-Sink, Flat, Greased Surface
0.50
–––
°C/W
RθJA
Junction-to-Ambient
f
–––
62
Max.
13
57
±20
100
18
60
30
0.4
10lb
xin (1.1Nxm)
-55 to + 175
300


유사한 부품 번호 - IRFB4212PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRFB4212PBF IRF-IRFB4212PBF Datasheet
298Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
logo
Kersemi Electronic Co.,...
IRFB4212PBF KERSEMI-IRFB4212PBF Datasheet
832Kb / 7P
   Key parameters optimized for Class-D audio amplifier applications
logo
International Rectifier
IRFB4212PBF IRF-IRFB4212PBF_15 Datasheet
298Kb / 8P
   Key parameters optimized for Class-D audio amplifier applications
More results

유사한 설명 - IRFB4212PBF

제조업체부품명데이터시트상세설명
logo
International Rectifier
IRLR4343PBF IRF-IRLR4343PBF Datasheet
306Kb / 11P
   DIGITAL AUDIO MOSFET
IRFSL5620PBF IRF-IRFSL5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFSL5615PBF IRF-IRFSL5615PBF Datasheet
351Kb / 9P
   DIGITAL AUDIO MOSFET
IRF6785MTRPBF IRF-IRF6785MTRPBF Datasheet
604Kb / 9P
   DIGITAL AUDIO MOSFET
IRLIB4343 IRF-IRLIB4343 Datasheet
239Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343PBF IRF-IRLIB9343PBF Datasheet
208Kb / 7P
   DIGITAL AUDIO MOSFET
IRLR9343PBF IRF-IRLR9343PBF Datasheet
299Kb / 10P
   DIGITAL AUDIO MOSFET
IRFI4019H-117P IRF-IRFI4019H-117P Datasheet
286Kb / 7P
   DIGITAL AUDIO MOSFET
IRFS5620PBF IRF-IRFS5620PBF Datasheet
338Kb / 9P
   DIGITAL AUDIO MOSFET
IRFB5620PBF IRF-IRFB5620PBF Datasheet
274Kb / 7P
   DIGITAL AUDIO MOSFET
IRLIB9343 IRF-IRLIB9343 Datasheet
190Kb / 7P
   DIGITAL AUDIO MOSFET
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com