전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YSS932 데이터시트(PDF) 8 Page - YAMAHA CORPORATION

부품명 YSS932
상세설명  96kHz DIR Dolby Digital / Pro Logic II / DTS decoder Sub DSP
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAMAHA [YAMAHA CORPORATION]
홈페이지  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YSS932 데이터시트(HTML) 8 Page - YAMAHA CORPORATION

Back Button YSS932 Datasheet HTML 4Page - YAMAHA CORPORATION YSS932 Datasheet HTML 5Page - YAMAHA CORPORATION YSS932 Datasheet HTML 6Page - YAMAHA CORPORATION YSS932 Datasheet HTML 7Page - YAMAHA CORPORATION YSS932 Datasheet HTML 8Page - YAMAHA CORPORATION YSS932 Datasheet HTML 9Page - YAMAHA CORPORATION YSS932 Datasheet HTML 10Page - YAMAHA CORPORATION YSS932 Datasheet HTML 11Page - YAMAHA CORPORATION YSS932 Datasheet HTML 12Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
YSS932
8
FUNCTION DESCRIPTION
YSS932 consists of three blocks; the Main DSP block where AC-3 / Pro Logic II / DTS decoding is executed,
the Sub DSP block where various sound field effects are added and the SPDIF receiver (DIR) block.
The Sub DSP is a 8 channel input / 8 channel output programmable DSP exclusively for sound field
processing. It can apply such effects as simulation surround, output configuration and virtual surround. In
addition, with SRAM or DRAM connected, it can produce reverberation up to 2.73 seconds delay at fs=48kHz.
By using this function, it is possible to simulate various sound fields such as a hall or a church.
The SPDIF receiver (DIR) can handle the digital audio interface format input signals of the sampling
frequency 32kHz through 96kHz.
Note)
If adopting some technology owned by another company is desired for use in Sub DSP block, note that a separate
contract may be required between the owner of that technology and the user with respect to adoption of the
technology.
PIN DESCRIPTION
1) DIR Block
1-1) Digital audio interface signal input
DDIN0-3
Input digital audio interface format signal (DAIF signal) into these pins. Then the signal selected by control
register DDINSEL0, 1 is input to the DIR block.
As the pull-up resistors are not built in, connect the unnecessary pins to VSS.
Also, DDIN1, 2, 3 are served as IPORT5, 6, 7. If they are not used as DDIN input pins, they are usable as
general purpose input ports.
1-2) Clock
DIRMCK
The master clock for such peripheral devices as DAC and ADC is output.
The operation mode of DIRMCK is selected according to the lock condition of PLL in the DIR block and
settings for the control register. The DIRMCK output modes are as follows.
- When PLL in the DIR block is not locked (/LOCK=H) ----- (1)
DIRMCK outputs 12.288MHz.
- When PLL in the DIR block is locked (/LOCK=L) and CKMOD=1 ----- (2)
DIRMCK outputs 12.288MHz
- When PLL in the DIR block is locked (/LOCK=L) and CKMOD=0
DIRMCK outputs according to the setting of LOCKMOD1-0.
LOCKMOD1
LOCKMOD0
Normal rate
Double rate
0
0
256fs
256fs
0
1
256fs
128fs
1
256fs
12.288MHz -(3)
The mode like the above (1), (2) and (3) in which the XI's divided clock of 12.288 MHz is output from
DIRMCK is referred to as "free-run mode".


유사한 부품 번호 - YSS932

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
YSS901 ETC-YSS901 Datasheet
140Kb / 14P
   SD Stereo dipole
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
YSS903 YAMAHA-YSS903 Datasheet
1Mb / 28P
   Karaoke Processor 2 for Video disc player
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS915 YAMAHA-YSS915 Datasheet
820Kb / 32P
   Karaoke Processor 2 for Video disc player
More results

유사한 설명 - YSS932

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
YSS912C ETC-YSS912C Datasheet
141Kb / 14P
   DOLBY DIGITAL (AC-3) / PRO LOGIC / DTS DECODER SUB DSP
logo
YAMAHA CORPORATION
YSS902 YAMAHA-YSS902 Datasheet
597Kb / 12P
   Dolby Digital (AC-3) / Pro Logic decoder Sub DSP
logo
New Japan Radio
NJU26203A NJRC-NJU26203A Datasheet
215Kb / 11P
   Dolby Pro Logic II Decoder
NJU26203 NJRC-NJU26203 Datasheet
209Kb / 11P
   Dolby Pro Logic II Decoder
NJW1103 NJRC-NJW1103 Datasheet
146Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER?
logo
Mitsubishi Electric Sem...
M62463AFP MITSUBISHI-M62463AFP Datasheet
184Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
Sanyo Semicon Device
LV1050M SANYO-LV1050M Datasheet
84Kb / 4P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJW1104 NJRC-NJW1104 Datasheet
84Kb / 6P
   DOLBY PRO LOGIC SURROUND DECODER
logo
Renesas Technology Corp
M62463AFP RENESAS-M62463AFP Datasheet
203Kb / 17P
   Dolby Pro Logic Surround Decoder
logo
New Japan Radio
NJM2177 NJRC-NJM2177 Datasheet
160Kb / 4P
   DOLBY PRO LOGIC SURROUND DECODER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com