전자부품 데이터시트 검색엔진 |
|
HLMP-DH17 데이터시트(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
HLMP-DH17 데이터시트(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 8 page T-13/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps Technical Data Features • Well Defined Spatial Radiation Patterns • Viewing Angles: 6 °, 15°, 23 °, 30° • High Luminous Output • Colors: 590 nm Amber 605 nm Orange 615 nm Reddish-Orange 626 nm Red • High Operating Temperature: TJ LED = +130°C • Superior Resistance to Moisture • Four Package Options: With or Without Flange Base; With or Without Lead Stand- Offs Benefits • Viewing Angles Match Traffic Management Sign Requirements • Colors Meet Automotive and Pedestrian Signal Specifications • Superior Performance in Outdoor Environments • Suitable for Autoinsertion onto PC Boards Applications • Traffic Management: Traffic Signals Pedestrian Signals Work Zone Warning Lights Variable Message Signs • Commercial Outdoor Advertising: Signs Marquees • Automotive: Exterior and Interior Lights Description These Precision Optical Perform- ance AlInGaP LEDs provide superior light output for excellent readability in sunlight and are extremely reliable. AlInGaP LED technology provides extremely stable light output over long periods of time. Precision Optical Performance lamps utilize the aluminum indium gallium phos- phide (AlInGaP) technology. These LED lamps are untinted, nondiffused, T-13/4 packages incorporating second generation optics producing well defined spatial radiation patterns at specific viewing cone angles. SunPower Series HLMP-DLXX HLMP-DJXX HLMP-DHXX HLMP-DGXX HLMP-GLXX HLMP-GJXX These lamps are made with an advanced optical grade epoxy, offering superior high tempera- ture and high moisture resistance performance in outdoor signal and sign applications. The high maximum LED junction tempera- ture limit of +130 °C enables high temperature operation in bright sunlight conditions. The package epoxy contains both uv-a and uv-b inhibitors to reduce the effects of long term exposure to direct sunlight. These lamps are available in four package options to give the designer flexibility with device mounting. HLMP-GHXX HLMP-GGXX HLMP-ULXX HLMP-UJXX HLMP-UHXX HLMP-UGXX |
유사한 부품 번호 - HLMP-DH17 |
|
유사한 설명 - HLMP-DH17 |