전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP-UG13 데이터시트(Datasheet) 2 Page - Agilent(Hewlett-Packard)

부품명 HLMP-UG13
상세내용  T-1 - 3/4 (5 mm) Precision Optical Performance AlInGaP LED Lamps
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo 

   
 2 page
background image
Device Selection Guide
Color,
Luminous Intensity,
Part
Typical
Dominant
Iv (mcd),[1,2]
Number
Viewing Angle,
Wavelength,
@ 20 mA
Leads with
Flanged
Package
HLMP-
2
θ1/2 (Deg.)[4]
λ
d (nm),
[3] Typ.
Min.
Typ.
Stand-Offs
Base
Drawing
DL08[5]
6
Amber, 590
4000
9300
No
Yes
A
GL08[5]
6
Amber, 590
4000
9300
No
No
B
DL10[5]
6
Amber, 590
4000
9300
Yes
Yes
C
GL10[5]
6
Amber, 590
4000
9300
Yes
No
D
UL06[5]
6
Amber, 590
1600
4000
No
Yes
A
UL07[5]
6
Amber, 590
1600
4000
Yes
Yes
C
DJ08[5]
6
Orange, 605
4200
9500
No
Yes
A
GJ08[5]
6
Orange, 605
4200
9500
No
No
B
DJ10[5]
6
Orange, 605
4200
9500
Yes
Yes
C
GJ10[5]
6
Orange, 605
4200
9500
Yes
No
D
UJ06[5]
6
Orange, 605
2000
4500
No
Yes
A
UJ07[5]
6
Orange, 605
2000
4500
Yes
Yes
C
DH08[5]
6
Red-Orange, 615
2900
8000
No
Yes
A
GH08[5]
6
Red-Orange, 615
2900
8000
No
No
B
DH10[5]
6
Red-Orange, 615
2900
8000
Yes
Yes
C
GH10[5]
6
Red-Orange, 615
2900
8000
Yes
No
D
UH06[5]
6
Red-Orange, 615
1400
3500
No
Yes
A
UH07[5]
6
Red-Orange, 615
1400
3500
Yes
Yes
C
DG08[5]
6
Red, 626
2900
6500
No
Yes
A
GG08[5]
6
Red, 626
2900
6500
No
No
B
DG10[5]
6
Red, 626
2900
6500
Yes
Yes
C
GG10[5]
6
Red, 626
2900
6500
Yes
No
D
UG06[5]
6
Red, 626
1000
3000
No
Yes
A
UG07[5]
6
Red, 626
1000
3000
Yes
Yes
C
DL15
15
Amber, 590
1600
3100
No
Yes
A
GL15
15
Amber, 590
1600
3100
No
No
B
DL17
15
Amber, 590
1600
3100
Yes
Yes
C
GL17
15
Amber, 590
1600
3100
Yes
No
D
UL13
15
Amber, 590
700
1600
No
Yes
A
UL14
15
Amber, 590
700
1600
Yes
Yes
C
DJ15
15
Orange, 605
1400
3400
No
Yes
A
GJ15
15
Orange, 605
1400
3400
No
No
B
DJ17
15
Orange, 605
1400
3400
Yes
Yes
C
GJ17
15
Orange, 605
1400
3400
Yes
No
D
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λ
d, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
4.
θ
1/2 is the off-axis angle where the luminous intensity is one half the on-axis intensity.
5. The intensity of narrow viewing angle lamps is measured at the intensity peak.




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HLMP-EL24T-1 5mm Precision Optical Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-EL55T-1 3/4 5 mm Precision Optical Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMPDL24T-13/4 5 mm Precision Optical Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-CE23T-1 3/4 5 mm Precision Optical Performance InGaN Bluish-Green LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-CB11T-1 3/4 5 mm Extra Bright Precision Optical Performance InGaN LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-5C4UYLT-1 3/4 5mm High Performance AlInGaP LED Lamps 1 2 Unity Opto Technology
HLMP-ABXXOval Precision Optical Performance AlInGaP and InGaN Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
MVL-5A4UGT-1 3/4 5mm High Performance AlInGaP LED Lamps 1 2 Unity Opto Technology

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl