전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC90A80N 데이터시트(PDF) 1 Page - Toshiba Semiconductor

부품명 TC90A80N
상세설명  3-Line Digital Comb Filter for VCR, YNR/CNR, and Skew Correctors (NTSC)
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC90A80N 데이터시트(HTML) 1 Page - Toshiba Semiconductor

  TC90A80N Datasheet HTML 1Page - Toshiba Semiconductor TC90A80N Datasheet HTML 2Page - Toshiba Semiconductor TC90A80N Datasheet HTML 3Page - Toshiba Semiconductor TC90A80N Datasheet HTML 4Page - Toshiba Semiconductor TC90A80N Datasheet HTML 5Page - Toshiba Semiconductor TC90A80N Datasheet HTML 6Page - Toshiba Semiconductor TC90A80N Datasheet HTML 7Page - Toshiba Semiconductor TC90A80N Datasheet HTML 8Page - Toshiba Semiconductor TC90A80N Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
TC90A80N/F
2002-12-04
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC90A80N,TC90A80F
3-Line Digital Comb Filter for VCR, YNR/CNR, and Skew Correctors (NTSC)
The TC90A80N/F is a 3-line digital Y/C (luminance/
chrominance) separation IC for VCR.
In addition to YNR and CNR used for noise reduction in the
playback signal, the IC incorporates skew correctors for special
playback. The IC is then suitable for processing S-VHS recorded
playback signals.
Features
• TV format: NTSC (3.58)
• Dynamic comb filter
• YNR circuit
• CNR circuit
• Luminance signal non-linear vertical edge corrector (with
coring function)
• Luminance signal horizontal frequency characteristic
corrector (with coring function)
• Luminance signal line noise canceller
• Record/playback input switch circuit (switches between Y/C
and Y inputs)
• Y and C input pins, independently one another (Y: sync tip
clamp; C: center bias)
• Re-mixer circuit after Y/C sharpness processing
• Skew detector and correctors (NTSC ×5 Mode: in units of 0.2
H)
• PLL detector for switching frequencies (fsc, 2 fsc, 4 fsc and 8 fsc clock inputs)
• 8-bit 4 fsc AD converter (2 channels)
• 10-bit 8 fsc DA converter (2 channels)
• 1-H delay line (2 channels)
• I2C bus control
• I2C bus decode output pin (High/Low)
• 5-V single power operation
TC90A80N
TC90A80F
Weight
SDIP28-P-400-1.78 : 1.7 g (typ.)
SOP28-P-450-1.27 : 0.8 g (typ.)


유사한 부품 번호 - TC90A80N

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TC90A13F TOSHIBA-TC90A13F Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A13N TOSHIBA-TC90A13N Datasheet
542Kb / 14P
   3 LINE DIGITAL Y/C SEPARATION IC
TC90A17F TOSHIBA-TC90A17F Datasheet
1Mb / 30P
   PAP/PIP/POP CINTROLLER FOR NTCS /PAL WIDE TV
TC90A18AF TOSHIBA-TC90A18AF Datasheet
324Kb / 8P
   TIME COMPRESSION LSI FOR EDTV-II WIDE-SCREEN TVs
TC90A30AF TOSHIBA-TC90A30AF Datasheet
1Mb / 36P
   toshiba cmos digital intergrated circuit silicon monolithic
More results

유사한 설명 - TC90A80N

제조업체부품명데이터시트상세설명
logo
Sony Corporation
CXD2043Q SONY-CXD2043Q Datasheet
157Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073Q SONY-CXD2073Q Datasheet
160Kb / 11P
   Digital Comb Filter (NTSC)
CXD2073S SONY-CXD2073S Datasheet
144Kb / 11P
   Digital Comb Filter (NTSC)
CXD2093Q SONY-CXD2093Q Datasheet
235Kb / 15P
   Digital Comb Filter (NTSC)
CXD2064Q SONY-CXD2064Q Datasheet
266Kb / 15P
   Digital Comb Filter (NTSC/PAL)
logo
Toshiba Semiconductor
TL8857F TOSHIBA-TL8857F Datasheet
450Kb / 13P
   NTSC SKEW CORRECTION IC FOR VCR
logo
NXP Semiconductors
TDA9183 PHILIPS-TDA9183 Datasheet
106Kb / 24P
   Integrated NTSC comb filter
2000 Nov 30
SAA4963 PHILIPS-SAA4963 Datasheet
116Kb / 20P
   Integrated NTSC comb filter
1997 Mar 03
logo
Sony Corporation
CXD2044Q SONY-CXD2044Q Datasheet
242Kb / 12P
   Digital Comb Filter (NTSC/PAL/PAL-M/PAL-N)
logo
Texas Instruments
TVP5147M1PFP TI-TVP5147M1PFP Datasheet
1Mb / 99P
[Old version datasheet]   NTSC/PAL/SECAM 2x10-BIT DIGITAL VIDEO DECODER WITH MACROVISION DETECTION, YPbPr INPUTS, AND 5-LINE COMB FILTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com