전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

9354-00 데이터시트(PDF) 5 Page - Peregrine Semiconductor Corp.

부품명 9354-00
상세설명  SPDT High Power UltraCMOS??RF Switch Rad hard for Space Applications
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PEREGRINE [Peregrine Semiconductor Corp.]
홈페이지  http://www.peregrine-semi.com
Logo PEREGRINE - Peregrine Semiconductor Corp.

9354-00 데이터시트(HTML) 5 Page - Peregrine Semiconductor Corp.

  9354-00 Datasheet HTML 1Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 2Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 3Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 4Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 5Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 6Page - Peregrine Semiconductor Corp. 9354-00 Datasheet HTML 7Page - Peregrine Semiconductor Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Product Specification
PE9354
Page 5 of 7
Document No. 70-0099-02
│ www.psemi.com
©2004-2006 Peregrine Semiconductor Corp. All rights reserved.
Evaluation Kit Information
Evaluation Kit
The SPDT Switch Evaluation Kit board was designed to
ease customer evaluation of the PE9354 SPDT switch.
The RF common port is connected through a 50
transmission line to the top left SMA connector, J1.
Port 1 and Port 2 are connected through 50
transmission lines to the top two SMA connectors on
the right side of the board, J2 and J3. A through
transmission line connects SMA connectors J4 and J5.
This transmission line can be used to estimate the loss
of the PCB over the environmental conditions being
evaluated.
The board is constructed of a two metal layer FR4
material with a total thickness of 0.031”. The bottom
layer provides ground for the RF transmission lines.
The transmission lines were designed using a coplanar
waveguide with ground plane model using a trace width
of 0.030”, trace gaps of 0.007”, dielectric thickness of
0.028”, metal thickness of 0.0014” and
ε
r of 4.4.
J6 provides a means for controlling DC and digital
inputs to the device. Starting from the lower left pin,
the second pin to the right (J2-3) is connected to the
device CNTL input. The fourth pin to the right (J2-7) is
connected to the device VDD input. A decoupling
capacitor (100 pF) is provided on both CTRL and VDD
traces. It is the responsibility of the customer to
determine proper supply decoupling for their design
application. Removing these components from the
evaluation board has not been shown to degrade RF
performance.
The ground plane has been removed from beneath the
device for performance issues. It was found that
insertion loss dips (suck-outs) were experienced due to
the capacitive effect of the metal package sitting
insulated by the solder-mask on the ground plane. All
Figure
13. Evaluation Board Schematic
Figure
12. Evaluation Board Layouts
Peregrine specification 102/0129
data specified and shown on this datasheet was taken
using this evaluation board configuration. For optimal
performance, the package may be soldered directly to
the ground plane, but the reliability issues associated
with this mounting must be addressed by the customer.


유사한 부품 번호 - 9354-00

제조업체부품명데이터시트상세설명
logo
Cornell Dubilier Electr...
935 CDE-935 Datasheet
231Kb / 5P
   Polypropylene Capacitors for High Frequency Filtering
logo
List of Unclassifed Man...
935 ETC-935 Datasheet
205Kb / 6P
   METALLIZED POLYPROPYLENE CAPACITORS
logo
3M Electronics
9350 3M-9350 Datasheet
1Mb / 3P
   Sample Development Design Kits for High Speed Cabling and Connectors
logo
Amphenol Corporation
9350 AMPHENOL-9350 Datasheet
53Kb / 1P
   BNC 50 ohm Cable Plugs
9350 AMPHENOL-9350 Datasheet
11Mb / 30P
   Bayonet coupling mechanism provides quick
More results

유사한 설명 - 9354-00

제조업체부품명데이터시트상세설명
logo
Peregrine Semiconductor
PE9354 PSEMI-PE9354 Datasheet
189Kb / 7P
   SPDT High Power UltraCMOS RF Switch Rad hard for Space Applications
PE9704 PSEMI-PE9704 Datasheet
248Kb / 10P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
PE97042 PSEMI-PE97042 Datasheet
461Kb / 11P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9704 PEREGRINE-PE9704_06 Datasheet
246Kb / 10P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9702 PSEMI-PE9702 Datasheet
263Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9702 PEREGRINE-PE9702_06 Datasheet
260Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE97022 PSEMI-PE97022 Datasheet
561Kb / 14P
   3.5 GHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor...
PE9701 PEREGRINE-PE9701 Datasheet
280Kb / 13P
   3000 MHz UltraCMOS??Integer-N PLL Rad Hard for Space Applications
PE97022 PEREGRINE-PE97022 Datasheet
355Kb / 14P
   3500 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
logo
Peregrine Semiconductor
PE9701 PSEMI-PE9701 Datasheet
287Kb / 13P
   3000 MHz UltraCMOS Integer-N PLL Rad Hard for Space Applications
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com