전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

KM62V256C 데이터시트(PDF) 5 Page - Samsung semiconductor

부품명 KM62V256C
상세설명  32Kx8 bit Low Power AND Low Vcc CMOS Static RAM
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMSUNG [Samsung semiconductor]
홈페이지  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

KM62V256C 데이터시트(HTML) 5 Page - Samsung semiconductor

  KM62V256C Datasheet HTML 1Page - Samsung semiconductor KM62V256C Datasheet HTML 2Page - Samsung semiconductor KM62V256C Datasheet HTML 3Page - Samsung semiconductor KM62V256C Datasheet HTML 4Page - Samsung semiconductor KM62V256C Datasheet HTML 5Page - Samsung semiconductor KM62V256C Datasheet HTML 6Page - Samsung semiconductor KM62V256C Datasheet HTML 7Page - Samsung semiconductor KM62V256C Datasheet HTML 8Page - Samsung semiconductor KM62V256C Datasheet HTML 9Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
ELECTRONICS
KM62V256C, KM62U256C Family
CMOS SRAM
Revision 04
April 1996
- 5 -
Min
70
-
-
-
10
5
0
0
5
70
60
0
60
50
0
0
50
0
5
Max
-
70
70
35
-
-
30
30
-
-
-
-
-
-
-
25
-
-
-
Min
100
-
-
-
10
5
0
0
15
100
70
0
70
60
0
0
60
0
10
Max
-
100
100
50
-
-
35
35
-
-
-
-
-
-
-
30
-
-
-
Read cycle time
Address access time
Chip select to output
Output enable to valid output
Chip select to low-Z output
Output enable to low-Z output
Chip disable to high-Z output
Output disable to high-Z output
Output hold from address change
Write cycle time
Chip select to end of write
Address set-up time
Address valid to end of write
Write pulse width
Write recovery time
Write to output high-Z
Data to write time overlap
Data hold from write time
End write to output low-Z
Temperature
0~70 °C
-25~85 °C
-40~85 °C
0~70 °C
-25~85 °C
-40~85 °C
Read
Write
tRC
tAA
tCO
tOE
tLZ
tOLZ
tHZ
tOHZ
tOH
tWC
tCW
tAS
tAW
tWP
tWR
tWHZ
tDW
tDH
tOW
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
Parameter List
70ns
100ns
Symbol
Units
TEST CONDITIONS (2. Temperature and Vcc Conditions)
Product Family
KM62V256CL-L
KM62V256CLE-L
KM62V256CLI-L
KM62U256CL-L
KM62U256CLE-L
KM62U256CLI-L
Power Supply(Vcc)
3.3V +/- 0.3
3.3V +/- 0.3
3.3V +/- 0.3
3.0V +/- 0.3
3.0V +/- 0.3
3.0V +/- 0.3
Comments
Commercial
Extended
Industrial
Commercial
Extended
Industrial
PARAMETER LIST FOR EACH SPEED BIN
Speed Bin
70*/100ns
70*/100ns
70*/100ns
85*/100ns
85*/100ns
85*/100ns
* all the AC parameters are measured with 30pF test load
Speed Bins
Min
85
-
-
-
10
5
0
0
10
85
70
0
70
60
0
0
60
0
10
Max
-
85
85
40
-
-
35
35
-
-
-
-
-
-
-
25
-
-
-
85ns


유사한 부품 번호 - KM62V256C

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
KM62V256D SAMSUNG-KM62V256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DL-L SAMSUNG-KM62V256DL-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLE-L SAMSUNG-KM62V256DLE-L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLG-7L SAMSUNG-KM62V256DLG-7L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
KM62V256DLGE-7L SAMSUNG-KM62V256DLGE-7L Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
More results

유사한 설명 - KM62V256C

제조업체부품명데이터시트상세설명
logo
Samsung semiconductor
K6X0808T1D SAMSUNG-K6X0808T1D Datasheet
153Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6T0808C1D SAMSUNG-K6T0808C1D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256D SAMSUNG-KM62256D Datasheet
170Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
K6X0808C1D SAMSUNG-K6X0808C1D Datasheet
166Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256C SAMSUNG-KM62256C Datasheet
158Kb / 9P
   32Kx8 bit Low Power CMOS Static RAM
KM62256CL SAMSUNG-KM62256CL Datasheet
162Kb / 10P
   32Kx8 bit Low Power CMOS Static RAM
KM62U256D SAMSUNG-KM62U256D Datasheet
162Kb / 9P
   32Kx8 bit Low Power and Low Voltage CMOS Static RAM
logo
Integrated Silicon Solu...
IS62LV2568LL ISSI-IS62LV2568LL Datasheet
62Kb / 10P
   256K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV1288LL ISSI-IS62LV1288LL Datasheet
77Kb / 10P
   128K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
IS62LV5128LL ISSI-IS62LV5128LL Datasheet
61Kb / 10P
   512K x 8 LOW POWER and LOW Vcc CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com