전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FFPF20UP30S 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FFPF20UP30S
상세설명  Ultrafast Recovery Power Rectifier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FFPF20UP30S 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FFPF20UP30S Datasheet HTML 1Page - Fairchild Semiconductor FFPF20UP30S Datasheet HTML 2Page - Fairchild Semiconductor FFPF20UP30S Datasheet HTML 3Page - Fairchild Semiconductor FFPF20UP30S Datasheet HTML 4Page - Fairchild Semiconductor FFPF20UP30S Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
www.fairchildsemi.com
FFPF20UP30S Rev. A
Typical Performance Characteristics
Figure 1. Typical Forward Voltage Drop
Figure 2. Typical Reverse Current
Figure 3. Typical Junction Capacitance
Figure 4. Typical Reverse Recovery Time
Figure 5. Typical Reverse Recovery Current
Figure 6. Forward Current Deration Curve
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0.1
1
10
100
T
C=25
oC
FORWARD VOLTAGE, V
F [A]
T
C=100
oC
0
50
100
150
200
250
300
0.01
0.1
1
10
REVERSE VOLTAGE, V
R [V]
T
C=100
oC
T
C=25
oC
0.1
1
10
100
10
100
1000
REVERSE VOLTAGE, V
R [V]
f=1MHz
100
200
300
400
500
25
30
35
40
di/dt [A/µs]
I
F=20A
T
C=25
oC
100
200
300
400
500
0
1
2
3
4
5
di/dt [A/µs]
I
F=20A
T
C=25
oC
60
80
100
120
140
0
5
10
15
20
25
30
CASE TEMPERATURE, T
C [
oC]
DC


유사한 부품 번호 - FFPF20UP30S

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FFPF20UP30S FAIRCHILD-FFPF20UP30S Datasheet
83Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP30STU FAIRCHILD-FFPF20UP30STU Datasheet
83Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP30S FAIRCHILD-FFPF20UP30S_06 Datasheet
83Kb / 5P
   Ultrafast Recovery Power Rectifier
More results

유사한 설명 - FFPF20UP30S

제조업체부품명데이터시트상세설명
logo
KODENSHI_AUK CORP.
SF10S600D2 KODENSHI-SF10S600D2 Datasheet
253Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF30UP20STTU FAIRCHILD-FFPF30UP20STTU Datasheet
187Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H KODENSHI-SF5A200H Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD KODENSHI-SF5A400HD Datasheet
242Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A200H KODENSHI-SF8A200H Datasheet
282Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFPF10UP30STU FAIRCHILD-FFPF10UP30STU Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
logo
KODENSHI_AUK CORP.
SF5A200H-1 KODENSHI-SF5A200H-1 Datasheet
290Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF5A400HD-1 KODENSHI-SF5A400HD-1 Datasheet
219Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
SF8A300H-1 KODENSHI-SF8A300H-1 Datasheet
283Kb / 5P
   ULTRAFAST RECOVERY POWER RECTIFIER
logo
Fairchild Semiconductor
FFB10UP20S FAIRCHILD-FFB10UP20S Datasheet
116Kb / 5P
   Ultrafast Recovery Power Rectifier
FFPF20UP30DN FAIRCHILD-FFPF20UP30DN Datasheet
121Kb / 5P
   Ultrafast Recovery Power Rectifier
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com