전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZ1225M 데이터시트(PDF) 3 Page - Integral Corp.

부품명 IZ1225M
상세설명  BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1225M 데이터시트(HTML) 3 Page - Integral Corp.

  IZ1225M Datasheet HTML 1Page - Integral Corp. IZ1225M Datasheet HTML 2Page - Integral Corp. IZ1225M Datasheet HTML 3Page - Integral Corp. IZ1225M Datasheet HTML 4Page - Integral Corp. IZ1225M Datasheet HTML 5Page - Integral Corp. IZ1225M Datasheet HTML 6Page - Integral Corp. IZ1225M Datasheet HTML 7Page - Integral Corp. IZ1225M Datasheet HTML 8Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IZ1225M
3
FUNCTIONAL DESCRIPTION
Decimal point system
Complete floating decimal point system.
Integral number : 8 digits leading zero suppression. Zero shift.
Symbols
: - : negative number display
E : error display
M : memory display
, : punctuation comma
♪ : touch tone indicator
Error detections
• System errors occur when:
1) The integral part of any memory calculation result exceeds 8 digits.
2) The division by zero.
3) The extraction of square root of a negative number.
• Rough estimate calculation error
When the integral part of the result of any standard functions, percentage, square, reciprocal,
or power calculations exceed 8 digits.
Error indication
• System error
“0” is indicated in the 1-digit position and “E” in the sign-digit position.
• Rough estimate calculation error
The high-order 8-digit calculation result is indicated together with “E”.
The decimal point is indicated in the position corresponding to a calculation result of time 10
-8,
and no zero shift is performed
Error release
• System error
A system error can be release by the ON/C or ON/CE key.
• Rough estimate calculation error
A rough estimate calculation error can be released by the ON/C, ON/CE, CE key.
A calculation result is not cleared by ON/CE, CE key but is retained.
Number entry
Numerical can be entered up to 8 digits. Numerical entries equal to 9 digits or more are ignored.


유사한 부품 번호 - IZ1225M

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1228M INTEGRAL-IZ1228M Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
More results

유사한 설명 - IZ1225M

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
Winbond
W91510DN WINBOND-W91510DN Datasheet
453Kb / 30P
   TONE/PULSE DIALER WITH RTC AND LCD DISPLAY FUNCTION
logo
ELAN Microelectronics C...
EM91465 EMC-EM91465 Datasheet
280Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Winbond
W91550DN WINBOND-W91550DN Datasheet
468Kb / 32P
   13-MEMORY TONE/PULSE DIALER WITH LCD AND LOCK FUNCTION
logo
ELAN Microelectronics C...
EM91455 EMC-EM91455 Datasheet
199Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
EM91450 EMC-EM91450 Datasheet
213Kb / 24P
   TONE/PULSE DIALER WITH LCD INTERFACE AND I.P.P. DETECT FUNCTION
logo
Integral Corp.
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1238M INTEGRAL-IZ1238M Datasheet
93Kb / 6P
   8-DIGITS CURENCY CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com