전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

IZ1238M 데이터시트(PDF) 3 Page - Integral Corp.

부품명 IZ1238M
상세설명  8-DIGITS CURENCY CALCULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTEGRAL [Integral Corp.]
홈페이지  http://www.iksemi.com/
Logo INTEGRAL - Integral Corp.

IZ1238M 데이터시트(HTML) 3 Page - Integral Corp.

  IZ1238M Datasheet HTML 1Page - Integral Corp. IZ1238M Datasheet HTML 2Page - Integral Corp. IZ1238M Datasheet HTML 3Page - Integral Corp. IZ1238M Datasheet HTML 4Page - Integral Corp. IZ1238M Datasheet HTML 5Page - Integral Corp. IZ1238M Datasheet HTML 6Page - Integral Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IZ1238M
3
E : error display
, : punctuation comma
M : non-zero memory indicator
C1, C2 : currency exchange operations indicator
Error detection
• System errors occur when:
1) The division by zero.
2) The extraction of square root of a negative number.
• Rough estimate calculation error occur when
The integral part of the result of any standard functions, percentage, square, reciprocal, or
power calculations exceed 8 digits.
Error indication
• System error
“0” is indicated in the 1-digit position and “E” in the sign-digit position.
• Rough estimate calculation error
The high-order 8-digit calculation result is indicated together with “E”.
The decimal point is indicated in the position corresponding to a calculation result of time 10
-8,
and no zero shift is performed
Error release
• System error
A system error can be release by the ON/C key.
• Rough estimate calculation error
A rough estimate calculation error can be released by the ON/C, CE key.
Number entry
Numerical can be entered up to 8 digits. Numerical entries equal to 9 digits or more are ignored.
Memory protection
In any error detection, the special memory content is retained when auto power off.
Key bounce protection
Front edge
Down to 1 word and up to about 3 words.
Trailing edge
9 words
1 word is 3.3ms when display frequency is fd = 100Hz.
Auto power OFF
Power automatically turns off after 9 - 11 minutes pass from the last key pressure. The special
memory content is saving when power auto off.


유사한 부품 번호 - IZ1238M

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ1236 INTEGRAL-IZ1236 Datasheet
151Kb / 6P
   8-DIGIT CALCULATOR WITH MARKER
IZ1236MR INTEGRAL-IZ1236MR Datasheet
151Kb / 6P
   8-DIGIT CALCULATOR WITH MARKER
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
More results

유사한 설명 - IZ1238M

제조업체부품명데이터시트상세설명
logo
Integral Corp.
IZ1239M INTEGRAL-IZ1239M Datasheet
79Kb / 6P
   8 - DIGITS CURENCY CALCULATOR
IZ1229 INTEGRAL-IZ1229 Datasheet
106Kb / 6P
   10-DIGITS CALCULATOR
IZ12291M INTEGRAL-IZ12291M Datasheet
98Kb / 5P
   10-DIGITS CALCULATOR
IZ1229M INTEGRAL-IZ1229M Datasheet
108Kb / 6P
   10-DIGITS CALCULATOR
IZ1242C INTEGRAL-IZ1242C Datasheet
273Kb / 18P
   SCIENTIFIC 10 DIGITS LCD CALCULATOR
IZ1242M INTEGRAL-IZ1242M Datasheet
353Kb / 18P
   Scientific 10 Digits LCD Calculator
IZ1223M INTEGRAL-IZ1223M Datasheet
134Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
logo
Silan Microelectronics ...
SC3423 SILAN-SC3423 Datasheet
238Kb / 13P
   8-DIGIT CALCULATOR
logo
Integral Corp.
IZ1225M INTEGRAL-IZ1225M Datasheet
118Kb / 8P
   BASIC FUNCTION 8-DIGITS LCD CALCULATOR WITH TOUCH TONE AND PUNCTUATION FUNCTION
IZ1228 INTEGRAL-IZ1228 Datasheet
111Kb / 9P
   8-DIGIT CALCULATOR
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com