전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LC89052T 데이터시트(PDF) 5 Page - Sanyo Semicon Device

부품명 LC89052T
상세설명  Digital Audio Interface Receiver
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LC89052T 데이터시트(HTML) 5 Page - Sanyo Semicon Device

  LC89052T Datasheet HTML 1Page - Sanyo Semicon Device LC89052T Datasheet HTML 2Page - Sanyo Semicon Device LC89052T Datasheet HTML 3Page - Sanyo Semicon Device LC89052T Datasheet HTML 4Page - Sanyo Semicon Device LC89052T Datasheet HTML 5Page - Sanyo Semicon Device LC89052T Datasheet HTML 6Page - Sanyo Semicon Device LC89052T Datasheet HTML 7Page - Sanyo Semicon Device LC89052T Datasheet HTML 8Page - Sanyo Semicon Device LC89052T Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 42 page
background image
LC89052T
No.7457-5/42
7. Electrical Characteristics
7.1 Absolute Maximum Ratings
Table 7.1 Absolute Maximum Ratings at AGND = DGND = 0V
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage
AVDD max
7-1-1
–0.3 to 4.6
V
Maximum supply voltage
DVDD max
7-1-2
–0.3 to 4.6
V
Input voltage 1
VIN1
7-1-3
–0.3 to 3.9
V
Input voltage 2
VIN2
7-1-4
–0.3 to 5.8
V
Output voltage
VOUT
7-1-5
–0.3 to 3.9
V
Storage temperature
Tstg
–55 to 125
°C
Operating temperature
Topg
–30 to 70
°C
Maximum output current
Ii, IOUT
7-1-6
±20
mA
7-1-1 : AVDD pin.
7-1-2 : DVDD pin.
7-1-3 : XIN pin.
7-1-4 : RXIN, SDIN,
_____
PD, CE, CL, and DI pins.
7-1-5 : XOUT, ERROR, DO, E/INT,
______
AUDIO,
_____
UGPI, CKOUT, BCK, LRCK, and DATAO pins.
7-1-6 : Per single input or output pin.
7.2 Recommended Operating Conditions
Table 7.2 Recommended Operating Conditions
Parameter
Symbol
Conditions
min
typ
max
unit
Supply voltage 1
AVDD, DVDD
7-2-1
2.7
3.3
3.6
V
Supply voltage 2
AVDD, DVDD
7-2-2
3.0
3.3
3.6
V
Input voltage range 1
VIN1
7-2-3
03.3
3.6
V
Input voltage range 2
VIN2
7-2-4
03.3
5.5
V
Operating temperature
Vopg
–30
70
°C
7-2-1 : PLLCK [1:0] = "00" or PLLCK [1:0] = "01"
7-2-2 : PLLCK [1:0] = "10" or PLLCK [1:0] = "11"
7-2-3 : XIN pin
7-2-4 : RXIN, SDIN,
_____
PD, CE, CL, and DI pins
7.3 Input and Output Pin Capacitances
Table 7.3 Input and Output Pin Capacitances
Parameter
Symbol
Conditions
min
typ
max
unit
Input pins
CIN
7-3-1
10
pF
Output pins
COUT
7-3-1
10
pF
7-3-1 : AVDD = DVDD = VIN1 = VIN2 = 0 V, Ta = 25°C, f = 1MHz


유사한 부품 번호 - LC89052T

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
ON Semiconductor
LC89052TA-E ONSEMI-LC89052TA-E Datasheet
229Kb / 42P
   Digital Audio Interface Receiver
May, 2013
More results

유사한 설명 - LC89052T

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DIR1703 BURR-BROWN-DIR1703 Datasheet
236Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
List of Unclassifed Man...
YM3623B ETC-YM3623B Datasheet
574Kb / 10P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC89052TA-E SANYO-LC89052TA-E Datasheet
230Kb / 42P
   Digital Audio Interface Receiver
logo
Burr-Brown (TI)
DIR1700 BURR-BROWN-DIR1700 Datasheet
87Kb / 3P
   DIGITAL AUDIO INTERFACE RECEIVER
DIR1701 BURR-BROWN-DIR1701 Datasheet
290Kb / 19P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Wolfson Microelectronic...
WM8803 WOLFSON-WM8803 Datasheet
376Kb / 45P
   DIGITAL AUDIO INTERFACE RECEIVER
logo
Sanyo Semicon Device
LC8901 SANYO-LC8901 Datasheet
177Kb / 15P
   Digital Audio Interface Receiver
LC8903 SANYO-LC8903 Datasheet
299Kb / 15P
   Digital Audio Interface Receiver?
LC89051V SANYO-LC89051V Datasheet
275Kb / 15P
   Digital Audio Interface Receiver
logo
STMicroelectronics
STA120DJ13TR STMICROELECTRONICS-STA120DJ13TR Datasheet
194Kb / 15P
   DIGITAL AUDIO INTERFACE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com