전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM3Z11VT1 데이터시트(PDF) 5 Page - Leshan Radio Company

부품명 LM3Z11VT1
상세설명  Zener Voltage Regulators
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LRC [Leshan Radio Company]
홈페이지  http://www.lrc.cn/
Logo LRC - Leshan Radio Company

LM3Z11VT1 데이터시트(HTML) 5 Page - Leshan Radio Company

  LM3Z11VT1 Datasheet HTML 1Page - Leshan Radio Company LM3Z11VT1 Datasheet HTML 2Page - Leshan Radio Company LM3Z11VT1 Datasheet HTML 3Page - Leshan Radio Company LM3Z11VT1 Datasheet HTML 4Page - Leshan Radio Company LM3Z11VT1 Datasheet HTML 5Page - Leshan Radio Company LM3Z11VT1 Datasheet HTML 6Page - Leshan Radio Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LESHAN RADIO COMPANY, LTD.
LM3Z2V4T1/D–5/6
LM3Z2V4T1 SERIES
Typical Characteristics
12
VZ, ZENER VOLTAGE (V)
100
10
1.0
0.1
0.01
10
8.0
6.0
4.0
2.0
0
TA = 25°C
VZ, ZENER VOLTAGE (V)
Figure 5. Zener Voltage versus Zener Current
(VZ Up to 12 V)
Figure 6. Zener Voltage versus Zener Current
(12 V to 75 V)
100
10
1
0.1
0.01
10
30
50
70
90
TA = 25°C
TEMPERATURE (
°C)
25
0
100
40
20
0
50
75
100
125
150
80
60
Figure 7. Steady State Power Derating


유사한 부품 번호 - LM3Z11VT1

제조업체부품명데이터시트상세설명
logo
Leshan Radio Company
LM3Z11VT1G LRC-LM3Z11VT1G Datasheet
106Kb / 6P
   Zener Voltage Regulators
LM3Z11VT1G LRC-LM3Z11VT1G Datasheet
119Kb / 6P
   Zener Voltage Regulators 200 mW SOD??23 Surface Mount
logo
Shanghai Leiditech Elec...
LM3Z11VT1G LEIDITECH-LM3Z11VT1G Datasheet
631Kb / 6P
   200 mW SOD??23 Surface Mount
logo
Leshan Radio Company
LM3Z11VT1G LRC-LM3Z11VT1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results

유사한 설명 - LM3Z11VT1

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
MMSZ15T3G ONSEMI-MMSZ15T3G Datasheet
157Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MMBZ5234ELT1G ONSEMI-MMBZ5234ELT1G Datasheet
154Kb / 6P
   Zener Voltage Regulators
December, 2011 ??Rev. 7
SZMM3Z3V0T1G ONSEMI-SZMM3Z3V0T1G Datasheet
107Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
MMSZ5V1T3G ONSEMI-MMSZ5V1T3G Datasheet
174Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 11
MM3ZXXXT1G ONSEMI-MM3ZXXXT1G Datasheet
151Kb / 5P
   Zener Voltage Regulators
January, 2012 ??Rev. 9
BZX84C3V3ET1G ONSEMI-BZX84C3V3ET1G Datasheet
173Kb / 6P
   Zener Voltage Regulators
January, 2012 ??Rev. 8
SZMM5Z18VT1G ONSEMI-SZMM5Z18VT1G Datasheet
103Kb / 4P
   Zener Voltage Regulators
January, 2014 ??Rev. 12
MMBZ5221BLT1 ONSEMI-MMBZ5221BLT1 Datasheet
72Kb / 6P
   Zener Voltage Regulators
August, 2004 ??Rev. 5
logo
SHENZHEN YONGERJIA INDU...
BZT52C2V4 WINNERJOIN-BZT52C2V4_15 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Leshan Radio Company
LUDZS20BT1G LRC-LUDZS20BT1G_15 Datasheet
136Kb / 5P
   Zener Voltage Regulators
LM3Z8V2T1G LRC-LM3Z8V2T1G_15 Datasheet
106Kb / 6P
   Zener Voltage Regulators
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com