전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM124AWG 데이터시트(PDF) 10 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
부품명 LM124AWG
상세설명  Low Power Quad Operational Amplifiers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM124AWG 데이터시트(HTML) 10 Page - National Semiconductor (TI)

Back Button LM124AWG Datasheet HTML 6Page - National Semiconductor (TI) LM124AWG Datasheet HTML 7Page - National Semiconductor (TI) LM124AWG Datasheet HTML 8Page - National Semiconductor (TI) LM124AWG Datasheet HTML 9Page - National Semiconductor (TI) LM124AWG Datasheet HTML 10Page - National Semiconductor (TI) LM124AWG Datasheet HTML 11Page - National Semiconductor (TI) LM124AWG Datasheet HTML 12Page - National Semiconductor (TI) LM124AWG Datasheet HTML 13Page - National Semiconductor (TI) LM124AWG Datasheet HTML 14Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
LM124A RAD HARD — AC Electrical Characteristics (Note 10)
(The following conditions apply to all the following parameters, unless otherwise specified.) AC: +Vcc = 30V, -Vcc = 0V
SYMBOL
PARAMETER
CONDITIONS
NOTES
MIN
MAX
UNIT
SUB-
GROUPS
NI(BB)
Noise Broadband
+Vcc = 15V, -Vcc = -15V,
BW = 10Hz to 5KHz
15
uVrm s
7
NI(PC)
Noise Popcorn
+Vcc = 15V, -Vcc = -15V,
Rs = 20K Ohms,
BW = 10Hz to 5KHz
50
uVpK
7
Cs
Channel Separation
+Vcc = 30V, -Vcc = Gnd,
Rl = 2K Ohms
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,AtoB
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,AtoC
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,AtoD
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,BtoA
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,BtoC
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,BtoD
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,CtoA
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,CtoB
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,CtoD
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,DtoA
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,DtoB
80
dB
7
Rl = 2K Ohms,
Vin=1Vand 16V,DtoC
80
dB
7
www.national.com
10


유사한 부품 번호 - LM124AWG

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM124AWG/883 TI1-LM124AWG/883 Datasheet
456Kb / 30P
[Old version datasheet]   LM124AQML LM124QML Low Power Quad Operational Amplifiers
LM124AWG/883 TI1-LM124AWG/883 Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Quad Operational Amplifiers
LM124AWGRLQMLV TI1-LM124AWGRLQMLV Datasheet
456Kb / 30P
[Old version datasheet]   LM124AQML LM124QML Low Power Quad Operational Amplifiers
LM124AWGRLQMLV TI1-LM124AWGRLQMLV Datasheet
1Mb / 31P
[Old version datasheet]   Low Power Quad Operational Amplifiers
LM124AWGRQMLV TI1-LM124AWGRQMLV Datasheet
456Kb / 30P
[Old version datasheet]   LM124AQML LM124QML Low Power Quad Operational Amplifiers
More results

유사한 설명 - LM124AWG

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902 Datasheet
135Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
August 1998
LM124 STMICROELECTRONICS-LM124 Datasheet
142Kb / 14P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
June 1999
LM124 STMICROELECTRONICS-LM124_05 Datasheet
915Kb / 16P
   Low Power Quad Operational Amplifiers
Rev 3 June 2005
logo
National Semiconductor ...
LM2902EP NSC-LM2902EP Datasheet
844Kb / 18P
   Low Power Quad Operational Amplifiers
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324 Datasheet
52Kb / 2P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
logo
Taiwan Semiconductor Co...
TS324 TSC-TS324_07 Datasheet
531Kb / 8P
   Low Power Quad Operational Amplifiers
logo
New Japan Radio
NJM324C NJRC-NJM324C Datasheet
459Kb / 10P
   Low power quad operational amplifiers
ver.09
logo
Texas Instruments
LM124JAN TI1-LM124JAN_13 Datasheet
781Kb / 26P
[Old version datasheet]   Low Power Quad Operational Amplifiers
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_V01 Datasheet
792Kb / 20P
   Low-power quad operational amplifiers
2022
LM124A STMICROELECTRONICS-LM124A Datasheet
1,021Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
March 2001
logo
BCD Semiconductor Manuf...
AS324 BCDSEMI-AS324_06 Datasheet
285Kb / 13P
   LOW POWER QUAD OPERATIONAL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com