전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FPF2504 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FPF2504
상세설명  IntelliMAXTM Advanced Load Management Products
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FPF2504 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FPF2504 Datasheet HTML 1Page - Fairchild Semiconductor FPF2504 Datasheet HTML 2Page - Fairchild Semiconductor FPF2504 Datasheet HTML 3Page - Fairchild Semiconductor FPF2504 Datasheet HTML 4Page - Fairchild Semiconductor FPF2504 Datasheet HTML 5Page - Fairchild Semiconductor FPF2504 Datasheet HTML 6Page - Fairchild Semiconductor FPF2504 Datasheet HTML 7Page - Fairchild Semiconductor FPF2504 Datasheet HTML 8Page - Fairchild Semiconductor FPF2504 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
www.fairchildsemi.com
FPF2500-FPF2506 Rev. C4
Pin Description
Absolute Maximum Ratings
Recommended Operating Range
Electrical Characteristics
VIN = 4.5 to 20V, TA = -40 to +85°C unless otherwise noted. Typical values are at VIN = 12V and TA = 25°C.
Pin
Name
Function
1
VIN
Supply Input: Input to the power switch and the supply voltage for the IC
2
GND
Ground
3
ON
ON Control Input:
4
FLAGB
Fault Output (FPF2503-FPF2506): Active LO, open drain output which indicates on over
current supply under voltage or over temperature state.
ISET
Adjustable Current Limit Setting Resistor (FPF2500-FPF2502):
An external resistor
connected between this pin and ground sets the current limit value.
5
VOUT
Switch Output: Output of the power switch
Parameter
Min.
Max.
Unit
VIN, VOUT, to GND
-0.3
20
V
ON, FLAGB, ISET to GND
-0.3
5.5
V
Power Dissipation @ TA=25°C (Note 1)
667
mW
Operating Temperature Range
-40
125
°C
Storage Temperature
-65
150
°C
Thermal Resistance, Junction to Ambient
150
°C/W
Electrostatic Discharge Protection
HBM
2000
V
MM
200
V
Parameter
Min.
Max.
Unit
VIN
4.5
20
V
Ambient Operating Temperature, TA
-40
85
°C
Parameter
Symbol
Conditions
Min.
Typ.
Max
Units
Basic Operation
Operating Voltage
VIN
4.5
20
V
Quiescent Current
IQ
IOUT = 0mA, VIN = 12V, Von=5V
60
100
µ
A
Shutdown Current
ISHDN
1
µ
A
Latch-Off Current (Note 2)
ILATCHOFF
FPF2501
45
µ
A
On-Resistance
RON
TA = 25°C, IOUT = 50mA
230
320
mΩ
TA = -40 to +85°C, IOUT = 50mA
300
ON Input Logic High Voltage
VIH
VIN = 4.5V to 20V
0.9
V
ON Input Logic Low Voltage
VIL
VIN = 4.5V to 20V
0.4
V
ON Input Leakage
VON = 5V or GND
-1
1
µ
A
Off Switch Leakage
ISWOFF
VON = 0V, VOUT = 0V
0.01
µ
A
FLAGB Output Logic Low Voltage
VIN = 5V, ISINK = 10mA
0.1
0.2
V
FLAGB Output High Leakage Current
VIN = 5V, Switch on
1
µ
A


유사한 부품 번호 - FPF2504

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF2504 FAIRCHILD-FPF2504 Datasheet
552Kb / 13P
   IntelliMAX??Advanced Load Management Products
logo
Rochester Electronics
FPF2504-G ROCHESTER-FPF2504-G Datasheet
611Kb / 1P
   INTELLIMAX LOAD SWITCHES available in thin profile packages Load Switch
More results

유사한 설명 - FPF2504

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FPF1005 FAIRCHILD-FPF1005 Datasheet
279Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005_0612 FAIRCHILD-FPF1005_0612 Datasheet
361Kb / 9P
   IntelliMAXTM Advanced Load Management Products
FPF1005 FAIRCHILD-FPF1005_07 Datasheet
528Kb / 9P
   IntelliMAXTM Advanced Load Management Products
logo
ON Semiconductor
FPF1005 ONSEMI-FPF1005 Datasheet
622Kb / 9P
   Advanced Load Management Products
October-2017, Rev. 7
FPF2000 ONSEMI-FPF2000 Datasheet
365Kb / 14P
   Advanced Load Management Products
October 2008 Rev. H
FPF2116 ONSEMI-FPF2116 Datasheet
380Kb / 14P
   Advanced Load Management Products
August 2008 Rev. D
FPF2123 ONSEMI-FPF2123 Datasheet
382Kb / 15P
   Advanced Load Management Products
October 2008 Rev. F
FPF1003A ONSEMI-FPF1003A Datasheet
1Mb / 13P
   Advanced Load Management Products
August 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FPF2116 FAIRCHILD-FPF2116_08 Datasheet
385Kb / 12P
   IntelliMAX??Advanced Load Management Products
FPF2108 FAIRCHILD-FPF2108 Datasheet
423Kb / 12P
   IntelliMAX Advanced Load Management Products
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com