전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDY101PZ 데이터시트(PDF) 3 Page - Fairchild Semiconductor

부품명 FDY101PZ
상세설명  Single P-Channel (-2.5V) Specified PowerTrench MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDY101PZ 데이터시트(HTML) 3 Page - Fairchild Semiconductor

  FDY101PZ Datasheet HTML 1Page - Fairchild Semiconductor FDY101PZ Datasheet HTML 2Page - Fairchild Semiconductor FDY101PZ Datasheet HTML 3Page - Fairchild Semiconductor FDY101PZ Datasheet HTML 4Page - Fairchild Semiconductor FDY101PZ Datasheet HTML 5Page - Fairchild Semiconductor FDY101PZ Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FDY101PZ Rev A
www.fairchildsemi.com
Typical Characteristics
0
0.2
0.4
0.6
0.8
1
00.5
11.5
2
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS= -4.5V
-3.0V
-1.8V
-2.0V
-2.5V
-3.5V
-1.5V
0
1
2
3
4
5
00.2
0.4
0.6
0.81
-ID, DRAIN CURRENT (A)
VGS=-1.5V
-2.5V
-3.0V
-4.5V
-1.8V
-2.0V
-3.5V
Figure 1. On-Region Characteristics.
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage.
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ, JUNCTION TEMPERATURE (
oC)
ID = -0.15A
VGS = -4.5V
0.25
0.5
0.75
1
1.25
1.5
1.75
2
02
46
8
10
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -0.075A
TA = 125
oC
TA = 25
oC
igure 3. On-Resistance Variation with
Temperature.
Figure 4. On-Resistance Variation with
Gate-to-Source Voltage.
0
0.2
0.4
0.6
0.8
1
0.51
1.52
2.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = 125
oC
25
oC
-55
oC
VDS = -5V
0.0001
0.001
0.01
0.1
1
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
Figure 5. Transfer Characteristics.
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature.


유사한 부품 번호 - FDY101PZ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDY1002PZ FAIRCHILD-FDY1002PZ Datasheet
257Kb / 7P
   Dual P-Channel (-1.5 V) Specified PowerTrench MOSFET
logo
TECH PUBLIC Electronics...
FDY1002PZ TECHPUBLIC-FDY1002PZ Datasheet
2Mb / 5P
   20V Dual P-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDY102PZ FAIRCHILD-FDY102PZ Datasheet
209Kb / 7P
   Single P-Channel (??.5 V) Specified PowerTrench짰 MOSFET ??0 V, ??.83 A, 0.5 
More results

유사한 설명 - FDY101PZ

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FDY100PZ FAIRCHILD-FDY100PZ Datasheet
176Kb / 6P
   Single P-Channel (-2.5V) Specified PowerTrench MOSFET
FDN336P FAIRCHILD-FDN336P_05 Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
SI9424DY FAIRCHILD-SI9424DY Datasheet
77Kb / 5P
   Single P-Channel 2.5V Specified PowerTrench MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
   P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
   P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
   P-Channel 2.5V PowerTrench Specified MOSFET
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com