전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN1537DA 데이터시트(PDF) 5 Page - Fairchild Semiconductor

부품명 FAN1537DA
상세설명  Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1537DA 데이터시트(HTML) 5 Page - Fairchild Semiconductor

  FAN1537DA Datasheet HTML 1Page - Fairchild Semiconductor FAN1537DA Datasheet HTML 2Page - Fairchild Semiconductor FAN1537DA Datasheet HTML 3Page - Fairchild Semiconductor FAN1537DA Datasheet HTML 4Page - Fairchild Semiconductor FAN1537DA Datasheet HTML 5Page - Fairchild Semiconductor FAN1537DA Datasheet HTML 6Page - Fairchild Semiconductor FAN1537DA Datasheet HTML 7Page - Fairchild Semiconductor FAN1537DA Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PRODUCT SPECIFICATION
FAN1537
REV. 1.1.1 3/20/02
5
Mechanical Dimensions
8-Lead SOIC Package
85
14
D
A
A1
– C –
ccc C
LEAD COPLANARITY
SEATING
PLANE
e
B
L
h x 45
°
C
α
EH
A
.053
.069
1.35
1.75
Symbol
Inches
Min.
Max.
Min.
Max.
Millimeters
Notes
A1
.004
.010
0.10
0.25
.020
0.51
B
.013
0.33
C
.0075
.010
0.20
0.25
E
.150
.158
3.81
4.01
e
.228
.244
5.79
6.20
.010
.020
0.25
0.50
H
.050 BSC
1.27 BSC
h
L
.016
.050
0.40
1.27
0
°
8
°
0
°
8
°
3
6
5
2
2
N8
8
α
ccc
.004
0.10
——
D
.189
.197
4.80
5.00
Notes:
1.
2.
3.
4.
5.
6.
Dimensioning and tolerancing per ANSI Y14.5M-1982.
"D" and "E" do not include mold flash. Mold flash or
protrusions shall not exceed .010 inch (0.25mm).
"L" is the length of terminal for soldering to a substrate.
Terminal numbers are shown for reference only.
"C" dimension does not include solder finish thickness.
Symbol "N" is the maximum number of terminals.


유사한 부품 번호 - FAN1537DA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
More results

유사한 설명 - FAN1537DA

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN1537 FAIRCHILD-FAN1537 Datasheet
340Kb / 8P
   Dual 1A Adjustable/Fixed Low Dropout Linear Regulators
RC1117 FAIRCHILD-RC1117 Datasheet
48Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Advanced Monolithic Sys...
AMS1117 AMS-AMS1117 Datasheet
894Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Leshan Radio Company
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
Fairchild Semiconductor
FAN1117A FAIRCHILD-FAN1117A Datasheet
49Kb / 9P
   1A Adjustable/Fixed Low Dropout Linear Regulator
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
94Kb / 12P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com