전자부품 데이터시트 검색엔진 |
|
FAN1537MC 데이터시트(PDF) 2 Page - Fairchild Semiconductor |
|
FAN1537MC 데이터시트(HTML) 2 Page - Fairchild Semiconductor |
2 / 8 page FAN1537 PRODUCT SPECIFICATION 2 REV. 1.1.1 3/20/02 Pin Assignments Pin Descriptions Absolute Maximum Ratings Pin Name SO-8 SPAK DPAK Pin Function VIN 1 1 Input supply voltage NC/FB 2 2 For V2 fixed, no connect. For V2 adjustable, feedback voltage. V1 3 4/5 Output #1 V2 4 5/4 Output #2 GND 5, 6, 7, 8 3 Ground Parameter Min. Max. Unit VIN 10 V Operating Junction Temperature Range 0 150 °C Storage Temperature Range -65 150 °C Lead Temperature (Soldering, 10 sec.) 300 °C TOP VIEW GND GND GND GND 1 12 3 4 5 2 3 4 8 7 6 5 VIN NC V1 V2 8-Lead Plastic SO-8 Θ JC=25°C/W FAN1537PB FRONT VIEW 5-Lead SPAK Θ JC=2°C/W FAN1537PA FAN1537PC FRONT VIEW 5-Lead SPAK Θ JC=2°C/W 12 3 4 5 FRONT VIEW FAN1537DA FAN1537DC FRONT VIEW FAN1537DB 5-Lead Plastic TO-252 DPAK Θ JC=3°C/W Tab is GND 12 3 4 5 1 2 3 4 5 |
유사한 부품 번호 - FAN1537MC |
|
유사한 설명 - FAN1537MC |