전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC16373 데이터시트(PDF) 1 Page - STMicroelectronics

부품명 74VHC16373
상세설명  16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC16373 데이터시트(HTML) 1 Page - STMicroelectronics

  74VHC16373 Datasheet HTML 1Page - STMicroelectronics 74VHC16373 Datasheet HTML 2Page - STMicroelectronics 74VHC16373 Datasheet HTML 3Page - STMicroelectronics 74VHC16373 Datasheet HTML 4Page - STMicroelectronics 74VHC16373 Datasheet HTML 5Page - STMicroelectronics 74VHC16373 Datasheet HTML 6Page - STMicroelectronics 74VHC16373 Datasheet HTML 7Page - STMicroelectronics 74VHC16373 Datasheet HTML 8Page - STMicroelectronics 74VHC16373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
s
HIGH SPEED:
tPD = 5.0 ns (TYP.) at VCC =5V
s
LOW POWER DISSIPATION:
ICC =4 µA (MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH =VNIL = 28% VCC (MIN.)
s
POWER DOWN PROTECTION ON INPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH|=IOL = 8 mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2V to 5.5V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 16373
s
IMPROVED LATCH-UP IMMUNITY
s
LOW NOISE: VOLP = 0.9V (MAX.)
DESCRIPTION
The 74VHC16373 is an advanced high-speed
CMOS 16 BIT D-TYPE LATCH with 3 STATE
OUTPUTS NON INVERTING fabricated with
sub-micron silicon gate and double-layer metal
wiring C2MOS technology.
These 16 bit D-TYPE latches are byte controlled
by two latch enable inputs (nLE) and two output
enable inputs(nOE).
While the nLE input is held at a high level, the nQ
outputs will follow the data (D) inputs.
When the nLE is taken LOW, the nQ outputs will
be latched at the logic level of D data inputs.
When the (nOE) input is low, the nQ outputs will
be in a normal logic state (high or low logic level);
when nOE is at high level ,the outputs will be in a
high impedance state.
Power down protection is provided on all inputs
and 0 to 7V can be accepted on inputs with no
regard to the supply voltage. This device can be
used to interface 5V to 3V.
All inputs and outputs are equipped with protec-
tion circuits against static discharge, giving them
2KV ESD immunity and transient excess voltage.
74VHC16373
16-BIT D-TYPE LATCH
WITH 3-STATE OUTPUTS NON INVERTING
ORDER CODES
PACKAGE
TUBE
T & R
TSSOP
74VHC16373TTR
TSSOP
PIN CONNECTION


유사한 부품 번호 - 74VHC16373

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHC16373 STMICROELECTRONICS-74VHC16373 Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373TTR STMICROELECTRONICS-74VHC16373TTR Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373 STMICROELECTRONICS-74VHC16373_03 Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
More results

유사한 설명 - 74VHC16373

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHCT16373A STMICROELECTRONICS-74VHCT16373A Datasheet
274Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373 STMICROELECTRONICS-74VHC16373_03 Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74LVQ373 STMICROELECTRONICS-74LVQ373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74ACT16373 STMICROELECTRONICS-74ACT16373 Datasheet
277Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS (NON INVERTED)
74VHC16374 STMICROELECTRONICS-74VHC16374 Datasheet
187Kb / 11P
   16-BIT D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS NON INVERTING
74VHCT16374A STMICROELECTRONICS-74VHCT16374A Datasheet
282Kb / 10P
   16-BIT D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS NON INVERTING
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com