전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74VHC16373 데이터시트(PDF) 5 Page - STMicroelectronics

부품명 74VHC16373
상세설명  16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  STMICROELECTRONICS [STMicroelectronics]
홈페이지  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74VHC16373 데이터시트(HTML) 5 Page - STMicroelectronics

  74VHC16373 Datasheet HTML 1Page - STMicroelectronics 74VHC16373 Datasheet HTML 2Page - STMicroelectronics 74VHC16373 Datasheet HTML 3Page - STMicroelectronics 74VHC16373 Datasheet HTML 4Page - STMicroelectronics 74VHC16373 Datasheet HTML 5Page - STMicroelectronics 74VHC16373 Datasheet HTML 6Page - STMicroelectronics 74VHC16373 Datasheet HTML 7Page - STMicroelectronics 74VHC16373 Datasheet HTML 8Page - STMicroelectronics 74VHC16373 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74VHC16373
5/10
AC ELECTRICAL CHARACTERISTICS (Input tr =tf = 3ns)
(*) Voltage range is 3.3V
± 0.3V
(**) Voltage range is 5.0V
± 0.5V
Note 1 : Parameter guaranteed by design. tsoLH =|tpLHm -tpLHn|, tsoHL =|tpHLm -tpHLn|
CAPACITIVE CHARACTERISTICS
1) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without
load. (Refer to Test Circuit). Average operating current can be obtained by the following equation. ICC(opr) =CPD xVCC xfIN +ICC/n (per Latch)
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
CL
(pF)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay
Time
LE to Qn
3.3(*)
15
5.5
13
1
15
1
15
ns
3.3(*)
50
7
14.5
1
16.5
1
16.5
5.0(**)
15
3.6
8.5
1
9.5
1
9.5
5.0(**)
50
5
9.5
1
10.5
1
10.5
tPLH
tPHL
Propagation Delay
Time
Dn to Qn
3.3(*)
15
5.5
13
1
15
1
15
ns
3.3(*)
50
7.5
14
1
16
1
16
5.0(**)
15
4
8.2
1
9.5
1
9.5
5.0(**)
50
5
9.2
1
10.5
1
10.5
tPZL
tPZH
Output Enable
Time
3.3(*)
15
5.2
13
1
15
1
15
ns
3.3(*)
50
7.6
14.9
1
16
1
16
5.0(**)
15
4
9.1
1
10
1
10
ns
5.0(**)
50
5
10.1
1
11.5
1
11.5
tPLZ
tPHZ
Output Disable
Time
3.3(*)
50
9
15.5
1
17
1
17
ns
5.0(**)
50
6
10.5
1
11.5
1
11.5
tw
Pulse Width (LE)
HIGH
3.3(*)
55
5
ns
5.0(**)
55
5
ts
Setup Time Dn to
LE HIGH or LOW
3.3(*)
44
4
ns
5.0(**)
44
4
th
Hold Time Dn to LE
HIGH or LOW
3.3(*)
11
1
ns
5.0(**)
11
1
tOSLH
tOSHL
Output to Output
Skew time (note 1)
3.3(*)
50
1.5
1.5
1.5
ns
5.0(**)
50
1
1
1
Symbol
Parameter
Test Condition
Value
Unit
VCC
(V)
TA =25°C
-40 to 85
°C -55 to 125°C
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
CIN
Input Capacitance
2.5
10
10
10
pF
COUT
Output
Capacitance
4pF
CPD
Power Dissipation
Capacitance
(note 1)
5.0
fIN = 10MHz
21
pF


유사한 부품 번호 - 74VHC16373

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHC16373 STMICROELECTRONICS-74VHC16373 Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373TTR STMICROELECTRONICS-74VHC16373TTR Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373 STMICROELECTRONICS-74VHC16373_03 Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
More results

유사한 설명 - 74VHC16373

제조업체부품명데이터시트상세설명
logo
STMicroelectronics
74VHCT16373A STMICROELECTRONICS-74VHCT16373A Datasheet
274Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74VHC16373 STMICROELECTRONICS-74VHC16373_03 Datasheet
282Kb / 11P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS NON INVERTING
74LVQ373 STMICROELECTRONICS-74LVQ373 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74LVQ573 STMICROELECTRONICS-74LVQ573 Datasheet
75Kb / 10P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
February 1999
74VHCT373A STMICROELECTRONICS-74VHCT373A_04 Datasheet
279Kb / 13P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74VHC373 STMICROELECTRONICS-74VHC373_04 Datasheet
306Kb / 14P
   OCTAL D-TYPE LATCH WITH 3 STATE OUTPUTS NON INVERTING
74ACT16373 STMICROELECTRONICS-74ACT16373 Datasheet
277Kb / 10P
   16-BIT D-TYPE LATCH WITH 3-STATE OUTPUTS (NON INVERTED)
74VHC16374 STMICROELECTRONICS-74VHC16374 Datasheet
187Kb / 11P
   16-BIT D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS NON INVERTING
74VHCT16374A STMICROELECTRONICS-74VHCT16374A Datasheet
282Kb / 10P
   16-BIT D-TYPE FLIP FLOP WITH 3-STATE OUTPUTS NON INVERTING
logo
Texas Instruments
SN74AUC16373 TI-SN74AUC16373 Datasheet
224Kb / 11P
[Old version datasheet]   16-BIT TRANSPARENT D-TYPE LATCH WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com