전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74AVCH24T245GRGR 데이터시트(PDF) 7 Page - Texas Instruments

부품명 74AVCH24T245GRGR
상세설명  24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74AVCH24T245GRGR 데이터시트(HTML) 7 Page - Texas Instruments

Back Button 74AVCH24T245GRGR Datasheet HTML 3Page - Texas Instruments 74AVCH24T245GRGR Datasheet HTML 4Page - Texas Instruments 74AVCH24T245GRGR Datasheet HTML 5Page - Texas Instruments 74AVCH24T245GRGR Datasheet HTML 6Page - Texas Instruments 74AVCH24T245GRGR Datasheet HTML 7Page - Texas Instruments 74AVCH24T245GRGR Datasheet HTML 8Page - Texas Instruments 74AVCH24T245GRGR Datasheet HTML 9Page - Texas Instruments 74AVCH24T245GRGR Datasheet HTML 10Page - Texas Instruments 74AVCH24T245GRGR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
SN74AVCH24T245
24BIT DUALSUPPLY BUS TRANSCEIVER
WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3STATE OUTPUTS
SCES588B – AUGUST 2004 − REVISED MARCH 2005
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (see Notes 10 and 11) (continued)
PARAMETER
TEST CONDITIONS
VCCA
VCCB
TA = 25°C
−40
°C to 85°C
UNIT
PARAMETER
TEST CONDITIONS
VCCA
VCCB
MIN
TYP
MAX
MIN
MAX
UNIT
Ioff
A port
VI or VO = 0 to 3.6 V
0 V
0 to 3.6 V
±0.1
±2.5
±5
A
Ioff
B port
VI or VO = 0 to 3.6 V
0 to 3.6 V
0 V
±0.1
±2.5
±5
µA
I
A or B
ports
VO = VCCO or GND,
OE = VIH
3.6 V
3.6 V
±0.5
±2.5
±5
A
IOZ†
B port
VO = VCCO or GND,
VI = VCCI or GND
OE = don’t
0 V
3.6 V
±5
µA
A port
VI = VCCI or GND
OE = don’t
care
3.6 V
0 V
±5
1.2 V to 3.6 V
1.2 V to 3.6 V
40
ICCA
VI = VCCI or GND,
IO = 0
0 V
3.6 V
−5
µA
ICCA
VI = VCCI or GND,
IO = 0
3.6 V
0 V
40
µA
1.2 V to 3.6 V
1.2 V to 3.6 V
40
ICCB
VI = VCCI or GND,
IO = 0
0 V
3.6 V
40
µA
ICCB
VI = VCCI or GND,
IO = 0
3.6 V
0 V
−5
µA
ICCA ) ICCB VI = VCCI or GND,
IO = 0
1.2 V to 3.6 V
1.2 V to 3.6 V
75
µA
Ci
Control
inputs
VI = 3.3 V or GND
3.3 V
3.3 V
3.5
pF
Cio
A or B
ports
VO = 3.3 V or GND
3.3 V
3.3 V
7
pF
† For I/O ports, the parameter IOZ includes the input leakage current.
NOTES: 10. VCCO is the VCC associated with the output port.
11. VCCI is the VCC associated with the input port.
switching characteristics over recommended operating free-air temperature range,
VCCA = 1.2 V (see Figure 1)
PARAMETER
FROM
TO
VCCB = 1.2 V
VCCB = 1.5 V
VCCB = 1.8 V
VCCB = 2.5 V
VCCB = 3.3 V
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TYP
TYP
TYP
TYP
TYP
UNIT
tPLH
A
B
4.1
3.3
3
2.8
3.2
ns
tPHL
A
B
4.1
3.3
3
2.8
3.2
ns
tPLH
B
A
4.4
4
3.8
3.6
3.5
ns
tPHL
B
A
4.4
4
3.8
3.6
3.5
ns
tPZH
OE
A
6.4
6.4
6.4
6.4
6.4
ns
tPZL
OE
A
6.4
6.4
6.4
6.4
6.4
ns
tPZH
OE
B
6
4.6
4
3.4
3.2
ns
tPZL
OE
B
6
4.6
4
3.4
3.2
ns
tPHZ
OE
A
6.6
6.6
6.6
6.6
6.8
ns
tPLZ
OE
A
6.6
6.6
6.6
6.6
6.8
ns
tPHZ
OE
B
6
4.9
4.9
4.2
5.3
ns
tPLZ
OE
B
6
4.9
4.9
4.2
5.3
ns


유사한 부품 번호 - 74AVCH24T245GRGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74AVCH24T245GRGR TI1-74AVCH24T245GRGR Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results

유사한 설명 - 74AVCH24T245GRGR

제조업체부품명데이터시트상세설명
logo
Texas Instruments
AVCE6467T-2 TI1-AVCE6467T-2 Datasheet
366Kb / 15P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI1-SN74AVC24T245 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_06 Datasheet
287Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245 Datasheet
286Kb / 14P
[Old version datasheet]   24-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC24T245 TI-SN74AVC24T245_V01 Datasheet
1Mb / 29P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVCH24T245 TI-SN74AVCH24T245_V01 Datasheet
1Mb / 27P
[Old version datasheet]   24-Bit Dual-Supply Bus Transceiver with Configurable Voltage Translation And 3-State Outputs
SN74AVC2T45 TI-SN74AVC2T45_08 Datasheet
522Kb / 23P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVC2T45 TI-SN74AVC2T45_07 Datasheet
386Kb / 20P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74AVCH2T45 TI-SN74AVCH2T45_09 Datasheet
640Kb / 24P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
SN74LVC2T45 TI-SN74LVC2T45_10 Datasheet
611Kb / 25P
[Old version datasheet]   DUAL-BIT DUAL-SUPPLY BUS TRANSCEIVER WITH CONFIGURABLE VOLTAGE TRANSLATION AND 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com