전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MTBL2237-G 데이터시트(PDF) 1 Page - Marktech Corporate

부품명 MTBL2237-G
상세설명  Marktech Side View COB 40.0 x 17.6mm Backlighter
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MARKTECH [Marktech Corporate]
홈페이지  http://www.marktechopto.com
Logo MARKTECH - Marktech Corporate

MTBL2237-G 데이터시트(HTML) 1 Page - Marktech Corporate

  MTBL2237-G Datasheet HTML 1Page - Marktech Corporate  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Marktech Side View COB 40.0 x 17.6mm Backlighter
Features
Design flexibility − Available in a variety sizes and colors to suit most any application.
Durable Acrylic Panel − Offers sturdy mechanical support and device stability.
Long lifetimes − Typically 100k hours.
Low power consumption − Uses far less power than standard incandescent EL or CCFL light sources.
Applications
Backlighting LCD Displays; Panels and Symbols
Illumination of Large Surface Areas
Company Headquarters
3 Northway Lane North
Latham, New York 12110
Toll Free: 800.984.5337
Fax: 518.785.4725
Web: www.marktechopto.com | Email: info@marktechopto.com
West Coast Sales Office
950 South Coast Drive, Suite 225
Costa Mesa, California 92626
Toll Free: 800.984.5337
Fax: 714.850.9314
Electrical and Optical Characteristics (Ta=25
o
C)
Part
Number
PWL nm
λP
Material
View
Angle
2
θ1/2
Luminous Intensity
Iv
Forward Voltage
VF
min.
typ.
max.
IF@
min.
typ.
max.
IF@
MTBL2237−G
574
InGaAlP
30.00−
60mA−
2.00−
60mA
nm
deg
mcd
V


유사한 부품 번호 - MTBL2237-G

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTBL2118-G MARKTECH-MTBL2118-G Datasheet
183Kb / 1P
   Marktech Surface View COB 86.0 x 21.5mm Backlighter
MTBL2119-G MARKTECH-MTBL2119-G Datasheet
105Kb / 1P
   Marktech Surface View COB 72.0 x 48.0mm Backlighter
MTBL2121-G MARKTECH-MTBL2121-G Datasheet
266Kb / 1P
   Marktech Surface View COB 75.1 x 39.8mm Backlighter
MTBL2122-G MARKTECH-MTBL2122-G Datasheet
251Kb / 1P
   Marktech Surface View COB 101.0 x 25.0mm Backlighter
MTBL2124-G MARKTECH-MTBL2124-G Datasheet
115Kb / 2P
   Marktech Surface View COB 65.0 x 18.0mm Backlighter
More results

유사한 설명 - MTBL2237-G

제조업체부품명데이터시트상세설명
logo
Marktech Corporate
MTBL2311-G MARKTECH-MTBL2311-G Datasheet
184Kb / 3P
   Marktech Side View COB 68.7 x 34.0mm Backlighter
MTBL8526-WT MARKTECH-MTBL8526-WT Datasheet
192Kb / 1P
   Marktech Side View COB 104.7 x 83.0mm Backlighter
MTBL8628-BL MARKTECH-MTBL8628-BL Datasheet
250Kb / 1P
   Marktech Side View COB 67.0 x 60.0mm Backlighter
MTBL2314-G MARKTECH-MTBL2314-G Datasheet
237Kb / 1P
   Marktech Side View COB 60.5 x 34.6mm Backlighter
MTBL2316-G MARKTECH-MTBL2316-G Datasheet
145Kb / 1P
   Marktech Side View COB 35.2 x 25.0mm Backlighter
MTBL2119-G MARKTECH-MTBL2119-G Datasheet
105Kb / 1P
   Marktech Surface View COB 72.0 x 48.0mm Backlighter
MTBL2121-G MARKTECH-MTBL2121-G Datasheet
266Kb / 1P
   Marktech Surface View COB 75.1 x 39.8mm Backlighter
MTBL2126-G MARKTECH-MTBL2126-G Datasheet
127Kb / 1P
   Marktech Surface View COB 94.5 x 17.0mm Backlighter
MTBL2130-G MARKTECH-MTBL2130-G Datasheet
508Kb / 1P
   Marktech Surface View COB 38.0 x 16.3mm Backlighter
MTBL2122-G MARKTECH-MTBL2122-G Datasheet
251Kb / 1P
   Marktech Surface View COB 101.0 x 25.0mm Backlighter
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com