전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

DAC667 데이터시트(PDF) 6 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 DAC667
상세설명  Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

DAC667 데이터시트(HTML) 6 Page - Burr-Brown (TI)

  DAC667 Datasheet HTML 1Page - Burr-Brown (TI) DAC667 Datasheet HTML 2Page - Burr-Brown (TI) DAC667 Datasheet HTML 3Page - Burr-Brown (TI) DAC667 Datasheet HTML 4Page - Burr-Brown (TI) DAC667 Datasheet HTML 5Page - Burr-Brown (TI) DAC667 Datasheet HTML 6Page - Burr-Brown (TI) DAC667 Datasheet HTML 7Page - Burr-Brown (TI) DAC667 Datasheet HTML 8Page - Burr-Brown (TI) DAC667 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
®
DAC667
6
high speed performance. It is recommended that both power
ground (pin 16) and analog ground (AGND, pin 5) be
connected directly to a ground plane under the package. If a
ground plane is not used, connect the AGND and power
ground pins together close to the package. Since the refer-
ence point for V
OUT and VREF OUT is the AGND pin, it is also
important to connect the load directly to the AGND pin.
The change in current in the AGND pin due to an input data
word change from 000HEX to FFFHEX is only 1mA.
OUTPUT VOLTAGE SWING
AND RANGE CONNECTIONS
The DAC667 output amplifier can provide
±10V output
swing while operating on
±11.4V supplies. The Analog
Devices AD667 requires a minimum of
±12.5V to achieve
an output swing of
±10V.
Internal scaling resistors provided in the DAC667 may be
connected to produce bipolar output voltage ranges of
±10V,
±5V or ±2.5V or unipolar output voltage ranges of 0 to +5V
or 0 to +10V. Refer to Figures 6, 7 and 8. Connections for
various output ranges are shown in Table III.
The internal feedback resistors (5k
Ω) and the bipolar offset
resistor (9.95k
Ω) are trimmed to an absolute tolerance of
about
±10%.
full scale (–10V) for an output transition from +10V to
–10V. Figure 4d shows the major carry glitch response for
input code transitions 7FFHEX to 800HEX and for 800HEX to
7FF
HEX.
Unlike the Analog Devices AD667, the Burr-Brown DAC667
does not require an external capacitor (Cf = 20pF) across
RSPAN to eliminate overshoot. Using the 20pF with the Burr-
Brown DAC667 increases the settling time about one micro-
second. The DAC667 settling time is specified at 7
µs maxi-
mum. The AD667 is specified at 4
µs maximum.
INSTALLATION
POWER SUPPLY CONNECTIONS
Note that the metal lid of the ceramic-packaged DAC667 is
connected to –VEE. Take care to avoid accidental short
circuits in tightly spaced installations.
Power supply decoupling capacitors should be added as
shown in Figure 5. Best settling performance occurs using a
1
µF to 10µF tantalum capacitor at –V
EE. Applications with
less critical settling time may be able to use 0.01
µF at –V
EE
as well as at +V
CC. The capacitors should be located close to
the DAC667 package.
DAC667 features separate digital and analog power supply
returns to permit optimum connections for low noise and
(a) ± FULL SCALE OUTPUT SWING
2µs/Division
Data
= 000
HEX
Data = FFF
HEX
Data
HEX
= 000
20
15
10
5
0
–5
–10
–15
–20
5
0
C
f = 0
CS
V
OUT
(b) PLUS FULL SCALE SETTLING, –10V TO +10V
1µs/Division
4
2
0
C
f = 0
(d) MAJOR CARRY GLITCH
2µs/Division
250
200
150
100
50
0
+10
0
Data =
7FF
H
Data = 800
H
Data = 7FF
H
(c) MINUS FULL SCALE SETTLING, +10V TO –10V
1µs/Division
4
2
0
V
OUT
CS
C
f = 0
FIGURE 4. Settling Time Performance, Z
LOAD
= 2k
Ω || 500pF.


유사한 부품 번호 - DAC667

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC600 BURR-BROWN-DAC600 Datasheet
155Kb / 12P
   12-Bit 256MHz Monolithic DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC60004 TI1-DAC60004 Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IDMDR TI1-DAC60004IDMDR Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IDMDT TI1-DAC60004IDMDT Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
DAC60004IPW TI1-DAC60004IPW Datasheet
2Mb / 38P
[Old version datasheet]   Quad 16-,14-,12-Bit, 1 LSB INL, Buffered, Voltage-Output Digital-to-Analog Converters
More results

유사한 설명 - DAC667

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Texas Instruments
DAC811 TI1-DAC811 Datasheet
273Kb / 14P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC813 TI1-DAC813 Datasheet
548Kb / 16P
[Old version datasheet]   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC813 BURR-BROWN-DAC813 Datasheet
298Kb / 11P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
DAC1201 TI1-DAC1201 Datasheet
322Kb / 6P
[Old version datasheet]   Monolithic Microprocessor-Compatible 12-Bit Resolution DIGITAL-TO-ANALOG CONVERTER
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC1201KP-V TI-DAC1201KP-V Datasheet
314Kb / 7P
[Old version datasheet]   MONOLITHIC MICROPROCESSOR-COMPATIBLE 12 BIT RESOLUTIION DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com