전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISO255 데이터시트(PDF) 5 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
부품명 ISO255
상세설명  Precision, Powered, Three-Port Isolated INSTRUMENTATION AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  BURR-BROWN [Burr-Brown (TI)]
홈페이지  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

ISO255 데이터시트(HTML) 5 Page - Burr-Brown (TI)

  ISO255 Datasheet HTML 1Page - Burr-Brown (TI) ISO255 Datasheet HTML 2Page - Burr-Brown (TI) ISO255 Datasheet HTML 3Page - Burr-Brown (TI) ISO255 Datasheet HTML 4Page - Burr-Brown (TI) ISO255 Datasheet HTML 5Page - Burr-Brown (TI) ISO255 Datasheet HTML 6Page - Burr-Brown (TI) ISO255 Datasheet HTML 7Page - Burr-Brown (TI) ISO255 Datasheet HTML 8Page - Burr-Brown (TI) ISO255 Datasheet HTML 9Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
®
ISO255
INPUT BIAS AND OFFSET CURRENT
vs TEMPERATURE
5
4
3
2
1
0
–1
–2
–3
–4
–5
–75
–50
–25
0
25
50
75
100
125
Temperature (°C)
I
OS
±I
b
TYPICAL PERFORMANCE CURVES (CONT)
At TA = +25°C, +VS3 = 15V, RL = 2kΩ, and 220nF capacitors on all generated supplies, unless otherwise noted.
100
Frequency (Hz)
10
1.0k
100
ISOLATION MODE VOLTAGE
vs FREQUENCY
10k
1M
100M
1k
100k
10M
2.1k
Max AC
Rating
Degraded
Performance
Max DC Rating
Typical
Performance
COMMON-MODE REJECTION vs FREQUENCY
Frequency (Hz)
1
10
1k
100k
100
140
120
100
80
60
40
20
0
10k
G=1
G=10
G=100
G=1000
INPUT COMMON-MODE RANGE
vs OUTPUT VOLTAGE
Output Voltage (V)
–15
–10
0
5
15
–5
15
10
5
0
–5
–10
–15
10
G = 1
VD/2
+
+
V
CM
V
O
VD/2
G
≥ 10
All Gains
All Gains
G
≥ 10
G = 1
GAIN vs FREQUENCY
60
40
20
0
–20
–40
Frequency (Hz)
1
10
100
1k
10k
100k
1M
G = 1000
G = 100
G = 10
G = 1
PULSE RESPONSE
(f = 10kHz, G = 1)
1
–1
1
–1
080
20
40
60
100
Time (µs)


유사한 부품 번호 - ISO255

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
ISO253 BURR-BROWN-ISO253 Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO253P BURR-BROWN-ISO253P Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO254 BURR-BROWN-ISO254 Datasheet
172Kb / 9P
   Precision, Powered, Three-Port Isolated PROGRAMMABLE GAIN AMPLIFIER
ISO254P BURR-BROWN-ISO254P Datasheet
172Kb / 9P
   Precision, Powered, Three-Port Isolated PROGRAMMABLE GAIN AMPLIFIER
ISO256 BURR-BROWN-ISO256 Datasheet
130Kb / 9P
   Precision, Powered, Three-Port Isolated OPERATIONAL AMPLIFIER
More results

유사한 설명 - ISO255

제조업체부품명데이터시트상세설명
logo
Burr-Brown (TI)
ISO253 BURR-BROWN-ISO253 Datasheet
123Kb / 9P
   Precision, Powered, Three-Port Isolated BUFFER AMPLIFIER
ISO256 BURR-BROWN-ISO256 Datasheet
130Kb / 9P
   Precision, Powered, Three-Port Isolated OPERATIONAL AMPLIFIER
ISO254 BURR-BROWN-ISO254 Datasheet
172Kb / 9P
   Precision, Powered, Three-Port Isolated PROGRAMMABLE GAIN AMPLIFIER
ISO175 BURR-BROWN-ISO175 Datasheet
160Kb / 8P
   Precision, Isolated INSTRUMENTATION AMPLIFIER
ISO213 BURR-BROWN-ISO213 Datasheet
131Kb / 13P
   Two-Port Isolated, Low Profile ISOLATED INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624 Datasheet
691Kb / 15P
   Precision Instrumentation Amplifier
REV. C
logo
Burr-Brown (TI)
INA114AG BURR-BROWN-INA114AG Datasheet
430Kb / 13P
   Precision INSTRUMENTATION AMPLIFIER
logo
Analog Devices
AD624 AD-AD624_16 Datasheet
468Kb / 17P
   Precision Instrumentation Amplifier
logo
Texas Instruments
INA114 TI1-INA114 Datasheet
758Kb / 17P
[Old version datasheet]   Precision INSTRUMENTATION AMPLIFIER
logo
Burr-Brown (TI)
INA115 BURR-BROWN-INA115 Datasheet
211Kb / 11P
   Precision INSTRUMENTATION AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com