부품명
         상세내용
IN9270

 DTMF RECEIVER High-Performance Silicon-Gate CMOS ( 11 Page)


INTEGRAL
100% 
Zoom Out Zoom In
 6 page
background image
IN9270
4
OPERATING CHARACTERISTICS
Gain Setting Amplifier
Symbol
Parameter
Test Conditions
Typ
Unit
IN
Input Leakage Current
GND< VIN < VCC
±100
nA
RIN
Input Resistance
10
M
VOS
Input Offset Voltage
±25
mV
PSRR
Power Supply Rejection
1 KHz
60
dB
CMRR
Common Mode Rejection
-3.0 V < VIN < 3.0 V
60
dB
AVOL
DC Open Loop Voltage Gain
65
dB
fC
Open Loop Unity Gain Bandwidth
1.5
MHz
VO
Output Voltage Swing
RL ≥100 KΩ to GND
4.5
VPP
CL
Tolerable Resistive Load (GS)
100
pF
RL:
Tolerable Resistive Load (GS)
50
K
VCM
Common Mode Range
No Load
3.0
VPP
AC ELECTRICAL CHARACTERISTICS(All Voltages referenced to GND. V
CC = 5.0 V, GND =
0 V, TA = -10 to +70°C, FCLK = 3.579545 Mhz, using test circuit of Figure 5)
Parameter
Guaranteed Limits
Min
Typ
Max
Unit
Notes
SIGNAL CONDITION
Valid Input Signal
MIN
-29
dBm
1,2,3,5,6,9
Level (each tone of
27.5
m VRMS
1,2,3,5,6,9
composite signal)
MAX
+1
dBm
1,2,3,5,6,9
883
m VRMS
NON-ACCEPT LEVEL
Freq. Deviation Accept Limit
±1.5%
±2 Hz
Nom.
2,3,5,9
Freq. Deviation Reject Limit
±3.5%
Nom.
2,3,5
Third Tone Tolerance
-2.5
dB
2,3,4,5,7,9,10
Dial Tone Tolerance
+18
dB
2,3,4,5,8,9,10
1  2  3  4  5  6  7  8  9  10  11 



관련 부품명

부품명상세내용Html View제조사
IL9270DTMF RECEIVER High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
IN74AC574Octal 3-State Noninverting D Flip-Flop High-Performance Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
IN74HC1668-Bit Serial or Parallel-Input/ Serial-Output Shift Register High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
IN74HC139ADual 1-of-4 Decoder/Demultiplexer High-Performance Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
IN74AC240Octal 3-State Inverting Buffer/Line Driver/Line Receiver High-Speed Silicon-Gate CMOS 1 2 3 4 Integral Corp.
IN74HC365HEX 3-STATE NONINVERTING BUFFER WITH COMMON ENABLES High-Performance Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
IW4541BProgrammable Timer High-Performance Silicon-Gate CMOS 1 2 3 4 5 Integral Corp.
IN74HC40948-Bit Serial-Input Shift Register With Latched 3-State Outputs High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
IL91210ETone/Pulse Dialer High-Performance Silicon-Gate CMOS 1 2 3 4 5 MoreIntegral Corp.
IN74HCT04AHex Inverter High-Performance Silicon-Gate CMOS 1 2 3 4 Integral Corp.

링크 URL

Alldatasheet 제휴사


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com


Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com


Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인 정보 보호 정책   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2012    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl