전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF020 데이터시트(PDF) 7 Page - Silicon Storage Technology, Inc

부품명 SST25VF020
상세설명  2 Mbit / 4 Mbit SPI Serial Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF020 데이터시트(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST25VF020 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF020 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF020 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF020 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF020 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF020 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF020 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST25VF020 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST25VF020 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
Data Sheet
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 / SST25VF040
7
©2004 Silicon Storage Technology, Inc.
S71231-04-000
6/04
Block Protection (BP1, BP0)
The Block-Protection (BP1, BP0) bits define the size of the
memory area, as defined in Table 5, to be software pro-
tected against any memory Write (Program or Erase)
operations. The Write-Status-Register (WRSR) instruction
is used to program the BP1 and BP0 bits as long as WP#
is high or the Block-Protect-Lock (BPL) bit is 0. Chip-Erase
can only be executed if Block-Protection bits are both 0.
After power-up, BP1 and BP0 are set to 1.
Block Protection Lock-Down (BPL)
WP# pin driven low (VIL), enables the Block-Protection-
Lock-Down (BPL) bit. When BPL is set to 1, it prevents any
further alteration of the BPL, BP1, and BP0 bits. When the
WP# pin is driven high (VIH), the BPL bit has no effect and
its value is “Don’t Care”. After power-up, the BPL bit is
reset to 0.
Auto Address Increment (AAI)
The Auto Address Increment Programming-Status bit pro-
vides status on whether the device is in AAI programming
mode or Byte-Program mode. The default at power up is
Byte-Program mode.
TABLE
5: SOFTWARE STATUS REGISTER BLOCK PROTECTION1
1. Default at power-up for BP1 and BP0 is ‘11’.
Protection Level
Status
Register
Bit
Protected Memory Area
BP1
BP0
2 Mbit
4 Mbit
00
0
None
None
1 (1/4 Memory Array)
0
1
030000H-03FFFFH
060000H-07FFFFH
2 (1/2 Memory Array)
1
0
020000H-03FFFFH
040000H-07FFFFH
3 (Full Memory Array)
1
1
000000H-03FFFFH
000000H-07FFFFH
T5.0 1231


유사한 부품 번호 - SST25VF020

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF020-20-4C-QAE SST-SST25VF020-20-4C-QAE Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020-20-4C-SAE SST-SST25VF020-20-4C-SAE Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020-20-4E-QAE SST-SST25VF020-20-4E-QAE Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020-20-4E-SAE SST-SST25VF020-20-4E-SAE Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020-20-4I-QAE SST-SST25VF020-20-4I-QAE Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
More results

유사한 설명 - SST25VF020

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com