전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SST25VF020-20-4C-S2AE 데이터시트(PDF) 3 Page - Silicon Storage Technology, Inc

부품명 SST25VF020-20-4C-S2AE
상세설명  2 Mbit / 4 Mbit SPI Serial Flash
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SST [Silicon Storage Technology, Inc]
홈페이지  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF020-20-4C-S2AE 데이터시트(HTML) 3 Page - Silicon Storage Technology, Inc

  SST25VF020-20-4C-S2AE Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF020-20-4C-S2AE Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet
2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 / SST25VF040
3
©2004 Silicon Storage Technology, Inc.
S71231-04-000
6/04
PIN DESCRIPTION
FIGURE 1: PIN ASSIGNMENTS
TABLE
1: PIN DESCRIPTION
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock input, while output
data is shifted out on the falling edge of the clock input.
SI
Serial Data
Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
SO
Serial Data
Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low for the duration of
any command sequence.
WP#
Write Protect
The Write Protect (WP#) pin is used to enable/disable BPL bit in the status register.
HOLD#
Hold
To temporarily stop serial communication with SPI flash memory without resetting the device.
VDD
Power Supply
To provide power supply (2.7-3.6V).
VSS
Ground
T1.0 1231
8-LEAD SOIC
8-CONTACT WSON
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
Top View
VDD
HOLD#
SCK
SI
1231 08-wson P2.0
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
Top View
1231 08-soic P1.0


유사한 부품 번호 - SST25VF020-20-4C-S2AE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF020-20-4C-SAE SST-SST25VF020-20-4C-SAE Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
More results

유사한 설명 - SST25VF020-20-4C-S2AE

제조업체부품명데이터시트상세설명
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040 Datasheet
379Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25VF020 SST-SST25VF020_06 Datasheet
397Kb / 23P
   2 Mbit / 4 Mbit SPI Serial Flash
SST25LF020A SST-SST25LF020A Datasheet
300Kb / 26P
   2 Mbit / 4 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_13 Datasheet
346Kb / 36P
   2 Mbit SPI Serial Flash
2013 04/13
logo
Silicon Storage Technol...
SST25VF020B SST-SST25VF020B Datasheet
887Kb / 33P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B_11 Datasheet
3Mb / 35P
   2 Mbit SPI Serial Flash
2011 Silicon
logo
Silicon Storage Technol...
SST25LF020A SST-SST25LF020A_10 Datasheet
620Kb / 25P
   2 Mbit SPI Serial Flash
logo
Microchip Technology
SST25VF020B MICROCHIP-SST25VF020B Datasheet
1Mb / 33P
   2-Mbit SPI Serial Flash
Revision D / March 2020
logo
Silicon Storage Technol...
SST25VF040 SST-SST25VF040_10 Datasheet
472Kb / 23P
   4 Mbit SPI Serial Flash
SST25VF040B SST-SST25VF040B Datasheet
350Kb / 28P
   4 Mbit SPI Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com