전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

YTD428 데이터시트(PDF) 8 Page - YAMAHA CORPORATION

부품명 YTD428
상세설명  DSU LSI for the ISDN Terminal Equipment
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  YAMAHA [YAMAHA CORPORATION]
홈페이지  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

YTD428 데이터시트(HTML) 8 Page - YAMAHA CORPORATION

Back Button YTD428 Datasheet HTML 4Page - YAMAHA CORPORATION YTD428 Datasheet HTML 5Page - YAMAHA CORPORATION YTD428 Datasheet HTML 6Page - YAMAHA CORPORATION YTD428 Datasheet HTML 7Page - YAMAHA CORPORATION YTD428 Datasheet HTML 8Page - YAMAHA CORPORATION YTD428 Datasheet HTML 9Page - YAMAHA CORPORATION YTD428 Datasheet HTML 10Page - YAMAHA CORPORATION YTD428 Datasheet HTML 11Page - YAMAHA CORPORATION YTD428 Datasheet HTML 12Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
- 8 -
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
)
L
T
T
(
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
H
V H
I
)
1
e
t
o
N
(2
.
2V
V H
I
)
2
e
t
o
N
(0
.
3V
)
L
T
T
(
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
l
w
o
L
V L
I
)
1
e
t
o
N
(8
.
0V
V L
I
)
2
e
t
o
N
(8
.
0V
)
S
O
M
C
(
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
h
g
i
HV H
I
)
3
e
t
o
N
(5
.
3V
)
S
M
O
C
(
e
g
a
t
l
o
V
t
u
p
n
I
l
e
v
e
L
w
o
LV L
I
)
3
e
t
o
N
(0
.
1V
)
L
T
T
(
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
h
g
i
HV H
O
)
4
e
t
o
N
(V
D
D
D
0
.
1
-V
)
5
e
t
o
N
(V
D
D
D
0
.
1
-V
)
L
T
T
(
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
w
o
LV L
O
)
4
e
t
o
N
(V
D
S
S
4
.
0
+V
)
5
e
t
o
N
(V
D
S
S
4
.
0
+V
)
D
-
n
e
p
O
(
e
g
a
t
l
o
V
t
u
p
t
u
O
l
e
v
e
L
w
o
LV L
O
)
6
e
t
o
N
(V
D
S
S
4
.
0
+V
t
n
e
r
r
u
C
k
a
e
LIL
0
1
-0
1A
µ
t
n
e
r
r
u
C
k
a
e
L
n
o
i
t
i
d
n
o
C
e
l
d
II Z
L
0
1
-0
1A
µ
t
n
e
r
r
u
C
y
l
p
p
u
S
r
e
w
o
PI D
D
)
7
e
t
o
N
(6
3A
m
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Sn
o
i
t
i
d
n
o
C.
n
i
M.
p
y
T.
x
a
Ms
t
i
n
U
e
l
b
a
w
o
l
l
A
t
u
p
t
u
O
g
o
l
a
n
A
e
c
n
a
d
e
p
m
I
d
a
o
L
ZO
1
e
t
o
N0
3k
r
e
f
f
u
B
e
v
i
e
c
e
R
g
o
l
a
n
A
e
c
n
a
d
e
p
m
I
t
u
p
n
I
Z 1
i
2
e
t
o
N0
1M
e
c
n
e
r
e
f
e
R
l
a
n
g
i
S
g
o
l
a
n
A
e
g
a
t
l
o
V
V G
S
3
e
t
o
N5
4
.
20
5
.
25
5
.
2V
C
D
A
T
R
V
s
a
i
B
-
f
l
e
SV T
R
4
e
t
o
NV
A
7
.
0
D
D
1
.
0
-V
A
7
.
0
D
D
V
A
7
.
0
D
D
1
.
0
+V
B
R
V
s
a
i
B
-
f
l
e
SV B
R
5
e
t
o
NV
A
3
.
0
D
D
1
.
0
-V
A
3
.
0
D
D
V
A
3
.
0
D
D
1
.
0
+V
❒ DC Characteristics
(DVDD = AVDD = 5 .0V, DVSS = AVSS = 0.0 V, Operating Temperature: Top = 25 ºC)
Note 1
With respect to SGR, SXA pins.
Note 2
With respect to RXU1 and RXU2 pins.
Note 3
Set SGR pin to open.
Note 4
With respect to VRT pin.
Note 5
With respect to VRB pin.
(DVDD = AVDD = 5.0 V, Top = -20 ~ 70 ºC)
Note 1
With respect to the digital pins other than RESET, POWMON, CLK1536 and TEST23 ~ 28 pins
Note 2
With respect to RESET, POWMON pins
Note 3
With respect to CLK1536, TEST23 ~ 28 pins
Note 4
With respect to the pin other than HRD, LRD pins
Test condition:
Output Current "H" level (IOH) = -0.2 mA, Output Current "L" level (IOL) = 1.2 mA
Note 5
With respect to HRD, LRD pins (when ODSEL = "H"),
Test condition: IOH = -0.2 mA, IOL = 1.2 mA
Note 6
With respect to HRD, LRD pins (when ODSEL = "L"),
Test condition: IOL = 1.2 mA
Note 7
With using T ref. pt. analog interface


유사한 부품 번호 - YTD428

제조업체부품명데이터시트상세설명
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428 Datasheet
928Kb / 28P
   IDSU ISDN DSU for Terminal Equipment
YTD428 YAMAHA-YTD428_07 Datasheet
928Kb / 28P
   IDSU ISDN DSU for Terminal Equipment
More results

유사한 설명 - YTD428

제조업체부품명데이터시트상세설명
logo
YAMAHA CORPORATION
YTD428 YAMAHA-YTD428_07 Datasheet
928Kb / 28P
   IDSU ISDN DSU for Terminal Equipment
logo
List of Unclassifed Man...
YTD439 ETC-YTD439 Datasheet
179Kb / 15P
   ISDN BRI controller for Terminal Equipment with built-in DSU
YTD427 ETC-YTD427 Datasheet
172Kb / 23P
   ISDN DSU Analog Front End
logo
Samsung semiconductor
S5L9291 SAMSUNG-S5L9291 Datasheet
684Kb / 88P
   signal processing LSI for the CD
S5L9290X SAMSUNG-S5L9290X Datasheet
324Kb / 48P
   signal processing LSI for the CD
logo
List of Unclassifed Man...
PDIGTR ETC2-PDIGTR Datasheet
110Kb / 1P
   APC Surge Module for Digital Phone Line (T1, CSU, DSU, ISDN, DLL), Replaceable, 1U, for PRM4, PRM24
logo
OKI electronic componet...
MSM6322 OKI-MSM6322 Datasheet
543Kb / 14P
   PITCH CONTROL LSI FOR THE SPEECH SIGNAL
logo
Asahi Kasei Microsystem...
AK2305 AKM-AK2305 Datasheet
481Kb / 43P
   Dual PCM CODEC for ISDN TERMINAL ADAPTER
logo
NEC
UPD72042A NEC-UPD72042A Datasheet
541Kb / 92P
   LSI DEVICES FOR Inter Equipment BusTM (IEBusTM) PROTOCOL CONTROL
UPD72042B NEC-UPD72042B Datasheet
362Kb / 90P
   LSI DEVICE FOR Inter Equipment Bus (IEBus) PROTOCOL CONTROL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com