전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LNA2701L 데이터시트(PDF) 1 Page - Panasonic Semiconductor

부품명 LNA2701L
상세설명  GaAs Bi-directional Infrared Light Emitting Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PANASONIC [Panasonic Semiconductor]
홈페이지  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

LNA2701L 데이터시트(HTML) 1 Page - Panasonic Semiconductor

  LNA2701L Datasheet HTML 1Page - Panasonic Semiconductor LNA2701L Datasheet HTML 2Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Infrared Light Emitting Diodes
I1
I2
1: Anode
2: Cathode
Unit : mm
2.0
2-0.5
±0.1
0.15
0.5
±0.1
2-0.7 max.
2-R0.7
ø1.4
±0.2
2.8
±0.2
2-C0.5
2.8
±0.2
1.3
±0.2
1
2
Features
Two-way directivity
High-power output, high-efficiency : PO = 1.8 mW (min.)
Small resin package
Long lifetime, high reliability
Thin type package modified from LN59
Applications
Light source for tape end sensor of VCR and video camera
recorder of VHS system
Light source for 2-bit photo sensor
LNA2701L
GaAs Bi-directional Infrared Light Emitting Diode
For light source of VCR (VHS System)
Absolute Maximum Ratings (Ta = 25˚C)
Parameter
Symbol
Ratings
Unit
Power dissipation
PD
75
mW
Forward current (DC)
IF
50
mA
Pulse forward current
IFP*
1A
Reverse voltage (DC)
VR
3V
Operating ambient temperature
Topr
–25 to +65
˚C
Storage temperature
Tstg
– 30 to +85
˚C
* f = 100 Hz, Duty cycle = 0.1 %
Electro-Optical Characteristics (Ta = 25˚C)
Parameter
Symbol
Conditions
min
typ
max
Unit
Radiant intensity at center
Ie*
IF = 50mA
1.2
mW/sr
Peak emission wavelength
λ
P
IF = 20mA
940
nm
Spectral half band width
∆λ
IF = 20mA
50
nm
Forward voltage (DC)
VF
IF = 50mA
1.3
1.5
V
Reverse current (DC)
IR
VR = 3V
10
µA
Capacitance between pins
Ct
VR = 0V, f = 1MHz
35
pF
* Radiant intensity I
e shows each value of intensity I1 and I2 in two directions.


유사한 부품 번호 - LNA2701L

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
LNA2702L PANASONIC-LNA2702L Datasheet
69Kb / 3P
   GaAs Bi-directional Infrared Light Emitting Diodes
More results

유사한 설명 - LNA2701L

제조업체부품명데이터시트상세설명
logo
Panasonic Semiconductor
LN59-LNA2702L PANASONIC-LN59-LNA2702L Datasheet
69Kb / 3P
   GaAs Bi-directional Infrared Light Emitting Diodes
logo
NTE Electronics
NTE3099 NTE-NTE3099 Datasheet
19Kb / 2P
   Infrared Emitting Diode Bi-Directional
logo
Panasonic Semiconductor
LN54 PANASONIC-LN54 Datasheet
44Kb / 3P
   GaAs Infrared Light Emitting Diode
LN65 PANASONIC-LN65 Datasheet
44Kb / 3P
   GaAs Infrared Light Emitting Diode
LN66L PANASONIC-LN66L Datasheet
42Kb / 3P
   GaAs Infrared Light Emitting Diode
LNA2W01L PANASONIC-LNA2W01L Datasheet
44Kb / 3P
   GaAs Infrared Light Emitting Diode
LNA4905L PANASONIC-LNA4905L Datasheet
21Kb / 1P
   GaAs Infrared Light Emitting Diode
LN162S PANASONIC-LN162S Datasheet
39Kb / 2P
   GaAs Infrared Light Emitting Diode
LN52 PANASONIC-LN52 Datasheet
44Kb / 3P
   GaAs Infrared Light Emitting Diode
LN55 PANASONIC-LN55 Datasheet
38Kb / 2P
   GaAs Infrared Light Emitting Diode
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com