전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPD1038F 데이터시트(PDF) 5 Page - Toshiba Semiconductor

부품명 TPD1038F
상세설명  Motor, Solenoid, Lamp Drivers High Side Power Switch
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TOSHIBA [Toshiba Semiconductor]
홈페이지  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TPD1038F 데이터시트(HTML) 5 Page - Toshiba Semiconductor

  TPD1038F Datasheet HTML 1Page - Toshiba Semiconductor TPD1038F Datasheet HTML 2Page - Toshiba Semiconductor TPD1038F Datasheet HTML 3Page - Toshiba Semiconductor TPD1038F Datasheet HTML 4Page - Toshiba Semiconductor TPD1038F Datasheet HTML 5Page - Toshiba Semiconductor TPD1038F Datasheet HTML 6Page - Toshiba Semiconductor TPD1038F Datasheet HTML 7Page - Toshiba Semiconductor TPD1038F Datasheet HTML 8Page - Toshiba Semiconductor TPD1038F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TPD1038F
2004-01-22
5
Electrical characteristics (Ta=25°C)
Characteristics
Symbol
Test
circuit
Test condition
min
typ.
max
Unit
Operating supply voltage
VDD(OPR)
6
12
18
V
Current dissipation
IDD
VDD=12V, VIN=0V, RL=10Ω
3
mA
H-level input voltage
VIH
VDD=12V
3.5
V
L-level input voltage
VIL
VDD=12V
1.5
V
H-level input current
IIH
VDD=12V, VIN=5V
200
μ
A
On resistance
RDS(ON)
VDD=12V, IO=2A
0.12
Ω
Output leakage current
IOL
VDD=12V
1
mA
Diagnosis
output voltage
“L”-level
VDL
VDD=12V, VIN=0V, IDL=1mA
RL=10Ω
0.4
V
Diagnosis
output current
“H”-level
IDH
VDD=12V, VIN=5V, RL=10Ω,
VDH=12V
10
μ
A
IOC(1)(Note2)
1、2
VDD=12V
3
9
A
Over current detection
IOC(2)(Note3)
3
VDD=12V, RL=0.1Ω
10
A
Overheating detection
TOT
VDD=12V
150
200
Load open detection (Note4)
Rop
VDD=12V, VIN=0V
5
17
ton
100
μ
s
Switching time
toff
4
VDD=12V, RL=10Ω
40
μ
s
tDLH
70
μ
s
Diagnosis delay time
tDHL
5
VDD=12V, RL=10Ω
22
μ
s
Output clamp voltage
Vclamp
VDD=12V, VIN=0V, IO=1A, L=10mH
-
(60-
VDD)
-
(50-
VDD)
(Note 2) Over current detection
(Note 3) Peak current @ current limit function
(Note 4) Load open detection function : VDD = 8 ~ 18V
Test circuit 1
Over current detection IOC(1) :Over current detection when load current is increased while VIN = "H"
VDIAG
IO
IOC(1)
5V
0V
0.4V
VDL
0
TPD1038F
VDD=12V
OUT
RL
IO
5V
2.5kΩ
VDIAG
VIN
5V
DIAG


유사한 부품 번호 - TPD1038F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD1038F TOSHIBA-TPD1038F Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1038F TOSHIBA-TPD1038F_07 Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
More results

유사한 설명 - TPD1038F

제조업체부품명데이터시트상세설명
logo
Toshiba Semiconductor
TPD1038F TOSHIBA-TPD1038F_07 Datasheet
262Kb / 11P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1053F TOSHIBA-TPD1053F Datasheet
247Kb / 14P
   Motor, Solenoid, Lamp Drivers High-side Power Switch
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1052F TOSHIBA-TPD1052F Datasheet
271Kb / 12P
   High-side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1039F TOSHIBA-TPD1039F Datasheet
262Kb / 10P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F Datasheet
190Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1036F TOSHIBA-TPD1036F_13 Datasheet
196Kb / 9P
   2-IN-1 Low-Side Power Switch for Motor, Solenoid and Lamp Drivers
TPD1045F TOSHIBA-TPD1045F Datasheet
287Kb / 9P
   Low-Side Power Switch for Motor, Solenoid and Lamp Drive
TPD1037BS TOSHIBA-TPD1037BS Datasheet
242Kb / 7P
   LOW-SIDE SWITCH FOR MOTOR, SOLENOID AND LAMP DRIVE
TPD1044F TOSHIBA-TPD1044F Datasheet
285Kb / 10P
   Low-Side Switch for Motor, Solenoid and Lamp Drive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com