전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT243E 데이터시트(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT243E
상세설명  High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT243E 데이터시트(HTML) 1 Page - Texas Instruments

  CD74HCT243E Datasheet HTML 1Page - Texas Instruments CD74HCT243E Datasheet HTML 2Page - Texas Instruments CD74HCT243E Datasheet HTML 3Page - Texas Instruments CD74HCT243E Datasheet HTML 4Page - Texas Instruments CD74HCT243E Datasheet HTML 5Page - Texas Instruments CD74HCT243E Datasheet HTML 6Page - Texas Instruments CD74HCT243E Datasheet HTML 7Page - Texas Instruments CD74HCT243E Datasheet HTML 8Page - Texas Instruments CD74HCT243E Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS168D
Features
• Typical Propagation Delay (A to B, B to A) of 7ns at
VCC = 5V, CL = 15pF, TA = 25
oC
• Three-State Outputs
• Buffered Inputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30% of VCC
at VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
Pinout
CD54HC243, CD54HCT243
(CERDIP)
CD74HC243, CD74HCT243
(PDIP, SOIC)
TOP VIEW
Description
The ’HC243 and ’HCT243 silicon-gate CMOS three-state
bidirectional noninverting buffers are intended for two-way
asynchronous communication between data buses. They
have high-drive-current outputs that enable high-speed oper-
ation when driving large bus capacitances. These circuits
possess the low power dissipation of CMOS circuits and
have speeds comparable to low-power Schottky TTL circuits.
They can drive 15 LSTTL loads.
The states of the output-enable (OEB, OEA) inputs
determine both the direction of flow (A to B, B to A), and the
three-state mode.
OEB
NC
A0
A1
A2
A3
GND
VCC
OEA
NC
B0
B1
B2
B3
1
2
3
4
5
6
7
14
13
12
11
10
9
8
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC243F3A
-55 to 125
14 Ld CERDIP
CD54HCT243F3A
-55 to 125
14 Ld CERDIP
CD74HC243E
-55 to 125
14 Ld PDIP
CD74HC243M
-55 to 125
14 Ld SOIC
CD74HC243MT
-55 to 125
14 Ld SOIC
CD74HC243M96
-55 to 125
14 Ld SOIC
CD74HCT243E
-55 to 125
14 Ld PDIP
CD74HCT243M
-55 to 125
14 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
November 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC243, CD74HC243,
CD54HCT243, CD74HCT243
High-Speed CMOS Logic
Quad-Bus Transceiver with Three-State Outputs
[ /Title
(CD74
HCT24
2,
CD74
HC243
,
CD74
HCT24
3)
/Sub-
ject
(High
Speed
CMOS
Logic
Quad-


유사한 부품 번호 - CD74HCT243E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT243E TI-CD74HCT243E Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD74HCT243EE4 TI-CD74HCT243EE4 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
More results

유사한 설명 - CD74HCT243E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT242 TI-CD74HCT242 Datasheet
48Kb / 7P
[Old version datasheet]   High Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD54HC243 TI-CD54HC243_08 Datasheet
444Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Quad-Bus Transceiver with Three-State Outputs
CD54HCT640 TI-CD54HCT640 Datasheet
268Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC652 TI1-CD74HC652_15 Datasheet
139Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD74HC646 TI1-CD74HC646 Datasheet
327Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Octal Bus Transceiver/Register, Three-State
CD74HC640 TI-CD74HC640 Datasheet
37Kb / 8P
[Old version datasheet]   High Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
CD74HC652 TI-CD74HC652 Datasheet
72Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver/Registers, Three-State
CD54HC640 TI-CD54HC640_08 Datasheet
275Kb / 12P
[Old version datasheet]   High-Speed CMOS Logic Octal Three-State Bus Transceiver, Inverting
logo
Advanced Micro Devices
AM2917A AMD-AM2917A Datasheet
209Kb / 8P
   QUAD THREE STATE BUS TRANSCEIVER WITH INTERFACE LOGIC
logo
Texas Instruments
CD54HC245 TI1-CD54HC245_16 Datasheet
853Kb / 17P
[Old version datasheet]   High-Speed CMOS Logic Octal-Bus Transceiver, Three-State, Non-Inverting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com