전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSC695F-25MA-E 데이터시트(PDF) 7 Page - ATMEL Corporation

부품명 TSC695F-25MA-E
상세설명  Rad-Hard 32-bit SPARC Embedded Processor
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ATMEL [ATMEL Corporation]
홈페이지  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

TSC695F-25MA-E 데이터시트(HTML) 7 Page - ATMEL Corporation

Back Button TSC695F-25MA-E Datasheet HTML 3Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 4Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 5Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 6Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 7Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 8Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 9Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 10Page - ATMEL Corporation TSC695F-25MA-E Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 42 page
background image
7
TSC695F
4118H–AERO–06/03
Wait-state and Time-out
Generator
It is possible to control the wait-state generation by programming a Wait-state Configu-
ration Register. The maximum programmable number of wait-states is applied by
default at reset.
It is possible to program the number of wait-states for the following combinations:
RAM read and write
PROM read and write (i.e. EEPROM or Flash write)
Exchange Memory read/write
Four individual I/O peripherals read/write
A bus time-out function of 256 system clock cycles is provided for the bus ready con-
trolled memory areas, i.e., the Extended PROM, Exchange Memory, Extended RAM,
Memory Configuration Register
MCNFR
0x 01F8 0010
I/O Configuration Register
IOCNFR
0x 01F8 0014
Waitstate Configuration Register
WSCNFR
0x 01F8 0018
Access Protection Segment 1 Base Register
APS1BR
0x 01F8 0020
Access Protection Segment 1 End Register
APS1ER
0x 01F8 0024
Access Protection Segment 2 Base Register
APS2BR
0x 01F8 0028
Access Protection Segment 2 End Register
APS2ER
0x 01F8 002C
Interrupt Shape Register
INTSHR
0x 01F8 0044
Interrupt Pending Register
INTPDR
0x 01F8 0048
Interrupt Mask Register
INTMKR
0x 01F8 004C
Interrupt Clear Register
INTCLR
0x 01F8 0050
Interrupt Force Register
INTFCR
0x 01F8 0054
Watchdog Timer Register
WDOGTR
0x 01F8 0060
Watchdog Timer Trap Door Set
WDOGST
0x 01F8 0064
Real Time Clock Timer <Counter> Register
RTCCR
0x 01F8 0080
Real Time Clock Timer <Scaler> Register
RTCSR
0x 01F8 0084
General Purpose Timer <Counter> Register
GPTCR
0x 01F8 0088
General Purpose Timer <Scaler> Register
GPTSR
0x 01F8 008C
Timers Control Register
TIMCTR
0x 01F8 0098
General Purpose Interface Configuration Register
GPICNFR
0x 01F8 00A8
General Purpose Interface Data Register
GPIDATR
0x 01F8 00AC
UART ’A’ Rx & Tx Register
UARTAR
0x 01F8 00E0
UART ’B’ Rx & Tx Register
UARTBR
0x 01F8 00E4
UART Status Register
UARTSR
0x 01F8 00E8
Table 3. System Registers Address Map (Continued)
System Register Name
Address


유사한 부품 번호 - TSC695F-25MA-E

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TSC695F-25MA-E ATMEL-TSC695F-25MA-E Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
More results

유사한 설명 - TSC695F-25MA-E

제조업체부품명데이터시트상세설명
logo
ATMEL Corporation
TSC695F ATMEL-TSC695F_04 Datasheet
2Mb / 42P
   Rad-Hard 32-bit SPARC Embedded Processor
TSC695FL ATMEL-TSC695FL Datasheet
3Mb / 42P
   Low-Voltage Rad-Hard 32-bit SPARC Embedded Processor
AT697F ATMEL-AT697F Datasheet
4Mb / 155P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_14 Datasheet
264Kb / 7P
   Rad-Hard 32-bit SPARC v8 Processor
AT697E ATMEL-AT697E Datasheet
227Kb / 16P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_06 Datasheet
77Kb / 7P
   Rad-Hard 32 bit SPARC V8 Processor
AT697E ATMEL-AT697E_09 Datasheet
3Mb / 154P
   Rad-Hard 32 bit SPARC V8 Processor
TSC21020F ATMEL-TSC21020F Datasheet
697Kb / 50P
   Rad. Hard 32/40-bit IEEE Floating Point DSP
logo
Intel Corporation
376 INTEL-376 Datasheet
1Mb / 95P
   376TM HIGH PERFORMANCE 32-BIT EMBEDDED PROCESSOR
logo
Freescale Semiconductor...
MCIMX233DJM4C FREESCALE-MCIMX233DJM4C Datasheet
298Kb / 2P
   i.MX233 Applications Processor 32-bit Embedded Microprocessor ??ARM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com