전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TIO-TA1101B 데이터시트(PDF) 3 Page - List of Unclassifed Manufacturers

부품명 TIO-TA1101B
상세설명  STEREO 20W (4-ohm) CLASS-T DIGITAL AUDIO AMPLIFIER CARD USING DIGITAL POWER PROCESSING-TM TECHNOLOGY
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

TIO-TA1101B 데이터시트(HTML) 3 Page - List of Unclassifed Manufacturers

  TIO-TA1101B Datasheet HTML 1Page - List of Unclassifed Manufacturers TIO-TA1101B Datasheet HTML 2Page - List of Unclassifed Manufacturers TIO-TA1101B Datasheet HTML 3Page - List of Unclassifed Manufacturers TIO-TA1101B Datasheet HTML 4Page - List of Unclassifed Manufacturers TIO-TA1101B Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Tr i p ath Technol ogy, I n c. - Techni cal I n for m ati on
Typical Performance Characteristics
Output Power (W)
THD+N versus Output Power
20Hz - 22kHz BW
f = 1kHz
Vs = 12V
Av = 11.7
1
2
5
0.02
0.01
0.05
0.1
0.2
0.5
10
1
2
3
4
5
6 7 8 9 10
20
500m
R
L= 4Ω
R
L= 8Ω
R
L = 4Ω
R
L = 8Ω
Efficiency versus Output Power
0
10
20
30
40
50
60
70
80
90
100
0
5
10
15
20
Output Power (W)
f = 1kHz
V
S = 12V
Av = 11.7
Intermodulation Performance
R
L = 4Ω
Frequency (Hz)
50
30k
1k
2k
5k
10k
20k
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
+0
10Hz - 80kHz BW
19kHz, 20kHz, 1:1
Pout = 1W/Channel
V
S = 12V
0dBr = 12Vrms
Av = 11.7
A-Weighted Noise FFT
R
L = 4Ω
Frequency (Hz)
20Hz - 22kHz BW
Pout = 0W
Vs = 12V
Av = 11.7
-140
+0
-120
-100
-80
-60
-40
-20
20
20k
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
Frequency Response
R
L = 4Ω
20Hz - 22kHz BW
Pout = 1W
Vs = 12V
Av = 11.7
-2
+2
-1.5
-1
-0.5
+0
+0.5
+1
+1.5
+2.5
+3
-2.5
-3
10
20k
20
50
100
200
500
1k
2k
5k
10k
Frequency (Hz)
THD+N versus Frequency
10
20k
20
50
100
200
500
1k
2k
5k
10k
20Hz - 22kHz BW
Pout = 5W/Channel
Vs = 12V
Av = 11.7
10
0.01
0.02
0.05
0.1
0.2
0.5
1
2
5
R
L = 4Ω
R
L = 8Ω
3
TIO-TA1101B – MT/Rev. 1.0/02.00


유사한 부품 번호 - TIO-TA1101B

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
TIO-PC-AMP ETC1-TIO-PC-AMP Datasheet
362Kb / 16P
   Home Stereo Inside Your PC
More results

유사한 설명 - TIO-TA1101B

제조업체부품명데이터시트상세설명
logo
Tripath Technology Inc.
TA2020-020 TRIPATH-TA2020-020 Datasheet
293Kb / 13P
   Stereo 20W (4?? Class-T Digital Audio Amplifier using Digital Power Processing Technology
TA2024 TRIPATH-TA2024 Datasheet
467Kb / 14P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA1101B TRIPATH-TA1101B Datasheet
202Kb / 13P
   Stereo 10W (4?? Class-T??Digital Audio Amplifier using Digital Power Processing??Technology
TA2024B TRIPATH-TA2024B Datasheet
538Kb / 14P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TA2024C TRIPATH-TA2024C Datasheet
395Kb / 18P
   STEREO 15W (4?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TK2150 TRIPATH-TK2150 Datasheet
666Kb / 34P
   STEREO 200W CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING TECHNOLOGY
TAA2008 TRIPATH-TAA2008 Datasheet
354Kb / 18P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
TDA2500 TRIPATH-TDA2500 Datasheet
313Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPP) TECHNOLOGY
TA0105A TRIPATH-TA0105A Datasheet
359Kb / 29P
   STEREO CLASS-T DIGITAL AUDIO AMPLIFIER DRIVER USING DIGITAL POWER PROCESSING (DPPTM ) TECHNOLOGY
TAA2009 TRIPATH-TAA2009 Datasheet
313Kb / 19P
   STEREO 9W (8?? CLASS-T??DIGITAL AUDIO AMPLIFIER USING DIGITAL POWER PROCESSING??TECHNOLOGY
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com