전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

P26TG-1205E21H35M 데이터시트(PDF) 1 Page - PEAK electronics GmbH

부품명 P26TG-1205E21H35M
상세설명  3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PEAK [PEAK electronics GmbH]
홈페이지  http://www.peak-electronics.de
Logo PEAK - PEAK electronics GmbH

P26TG-1205E21H35M 데이터시트(HTML) 1 Page - PEAK electronics GmbH

  P26TG-1205E21H35M Datasheet HTML 1Page - PEAK electronics GmbH P26TG-1205E21H35M Datasheet HTML 2Page - PEAK electronics GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Telefon: +49 (0) 6135 931069
Telefax: +49 (0) 6135 931070
www.peak-electronics.de
info@peak-electronics.de
MD SERIES
P26TG-XXXXE2:1H35M 3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
Available Inputs:
12, 24 and 48 VDC Wide Input 2:1
Available Outputs:
3.3, 5, 12, 15 and 18 VDC
Other specifications please enquire.
Electrical Specifications
(Typical at + 25° C, nominal input voltage, rated output current unless otherwise specified)
Input Specifications
Voltage range
9 -18 VDC (12 VDC), 18 - 36 VDC (24 VDC), 36 -
72 VDC (48 VDC)
Filter
Pi Network
Isolation Specifications
Rated voltage
3500 Vdc
Leakage current
1 mA
Resistance
10
9 Ohm
Capacitance
120 pF typ.
Output Specifications
Voltage accuracy
+/- 1 % typ. +/-2% max.
Ripple and noise (at 20 MHz BW)
60 mV p-p, max.
Short circuit protection
Continuous , restart automatic
Line voltage regulation
+/- 0,5 % max.
Load voltage regulation
+/- 0,5 % max.
Temperature coefficient
+/- 0,02 % / °C
General Specifications
Efficiency
70 % to 85 %
Switching frequency
250 KHz, typ.
Environmental Specifications
Operating temperature (ambient)
-40°C to +85°C
Storage temperature
- 55 °C to + 125 °C
Derating
See graph
Humidity
Up to 90 %, non condensing
Cooling
Free air convection
Physical Characteristics
Dimensions
31,75 x 20,32 x 10,16 mm
1,25 x 0,80 x 0,40 inches
Weight
19,0 g
Case material
Nickel Coated Copper
Examples of Partnumbers/Modelcode
PART
NO.
INPUT
VOLTAGE
(VDC)
Nominal
INPUT
CURRENT
NO LOAD
INPUT
CURRENT
FULL
LOAD
OUTPUT
VOLTAGE
(VDC)
OUTPUT
CURRENT
(max. mA)
EFFICIENCY FULL
LOAD
(% TYP.)
P26TG-1205E2:1H35M
9-18
30
676
5
1200
74
P26TG-1212E2:1H35M
9-18
30
641
12
500
78
P26TG-2405E2:1H35M
18-36
29
333
5
1200
75
P26TG-2412E2:1H35M
18-36
29
320
12
500
78
P26TG-2415E2:1H35M
18-36
29
316
15
400
79
P26TG-4805E2:1H35M
36-72
28
167
5
1200
75
P26TG-4812E2:1H35M
36-72
26
158
12
500
79


유사한 부품 번호 - P26TG-1205E21H35M

제조업체부품명데이터시트상세설명
logo
PEAK electronics GmbH
P26TG-1205E21H35 PEAK-P26TG-1205E21H35 Datasheet
204Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
More results

유사한 설명 - P26TG-1205E21H35M

제조업체부품명데이터시트상세설명
logo
PEAK electronics GmbH
P26TG-2405E41H35 PEAK-P26TG-2405E41H35 Datasheet
209Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
P26TG-2405E41H35M PEAK-P26TG-2405E41H35M Datasheet
221Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
P26TG-1205E21H35 PEAK-P26TG-1205E21H35 Datasheet
204Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED SINGLE OUTPUT DIP24
P26TG-2405Z41H35M PEAK-P26TG-2405Z41H35M Datasheet
217Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
P26TG-1205Z21H35M PEAK-P26TG-1205Z21H35M Datasheet
198Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
P26TG-2405Z41H35 PEAK-P26TG-2405Z41H35 Datasheet
205Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
P26TG-1205Z21H35 PEAK-P26TG-1205Z21H35 Datasheet
204Kb / 2P
   3.5 KV ISOLATED 6 W REGULATED DUAL OUTPUT DIP24
P8TG-123R3E21H35 PEAK-P8TG-123R3E21H35 Datasheet
214Kb / 2P
   3.5 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24
P10TG-2405E41H35 PEAK-P10TG-2405E41H35 Datasheet
208Kb / 2P
   3.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
P10TG-2405E41H35M PEAK-P10TG-2405E41H35M Datasheet
221Kb / 2P
   3.5 KV ISOLATED 2 W REGULATED SINGLE OUTPUT DIP24
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com