전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

AME8863 데이터시트(PDF) 3 Page - Asahi Kasei Microsystems

부품명 AME8863
상세설명  600mA CMOS LDO
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  AKM [Asahi Kasei Microsystems]
홈페이지  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems

AME8863 데이터시트(HTML) 3 Page - Asahi Kasei Microsystems

  AME8863 Datasheet HTML 1Page - Asahi Kasei Microsystems AME8863 Datasheet HTML 2Page - Asahi Kasei Microsystems AME8863 Datasheet HTML 3Page - Asahi Kasei Microsystems AME8863 Datasheet HTML 4Page - Asahi Kasei Microsystems AME8863 Datasheet HTML 5Page - Asahi Kasei Microsystems AME8863 Datasheet HTML 6Page - Asahi Kasei Microsystems AME8863 Datasheet HTML 7Page - Asahi Kasei Microsystems AME8863 Datasheet HTML 8Page - Asahi Kasei Microsystems AME8863 Datasheet HTML 9Page - Asahi Kasei Microsystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
AME, Inc.
3
AME8863
600mA CMOS LDO
n Ordering Information
Note: ww represents the date code and pls refer to Date Code Rule before Package Dimension.
* A line on top of the first letter represents lead free plating such as AZY
Please consult AME sales office or authorized Rep./Distributor for output voltage and package type availability.
Part Number
Marking*
Output Voltage
Package
Operating Temp. Range
AME8863AEEY150
AZYww
1.5V
SOT-26
- 40
oC to + 85oC
AME8863AEEY150L
AZYww
1.5V
TSOT-26
- 40
oC to + 85oC
AME8863AEEY150Z
AZYww
1.5V
SOT-26
- 40
oC to + 85oC
AME8863AEEY150Y
AZYww
1.5V
TSOT-26
- 40
oC to + 85oC
AME8863AEEY180
AZRww
1.8V
SOT-26
- 40
oC to + 85oC
AME8863AEEY180L
AZRww
1.8V
TSOT-26
- 40
oC to + 85oC
AME8863AEEY180Z
AZRww
1.8V
SOT-26
- 40
oC to + 85oC
AME8863AEEY180Y
AZRww
1.8V
TSOT-26
- 40
oC to + 85oC
AME8863AEEY300
AZZww
3.0V
SOT-26
- 40
oC to + 85oC
AME8863AEEY300L
AZZww
3.0V
TSOT-26
- 40
oC to + 85oC
AME8863AEEY300Z
AZZww
3.0V
SOT-26
- 40
oC to + 85oC
AME8863AEEY300Y
AZZww
3.0V
TSOT-26
- 40
oC to + 85oC
AME8863AEEY330
AZJww
3.3V
SOT-26
- 40
oC to + 85oC
AME8863AEEY330L
AZJww
3.3V
TSOT-26
- 40
oC to + 85oC
AME8863AEEY330Z
AZJww
3.3V
SOT-26
- 40
oC to + 85oC
AME8863AEEY330Y
AZJww
3.3V
TSOT-26
- 40
oC to + 85oC


유사한 부품 번호 - AME8863

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics
AME8863AEEY150L AME-AME8863AEEY150L Datasheet
116Kb / 12P
   600mA CMOS LDO
AME8863AEEY150Y AME-AME8863AEEY150Y Datasheet
116Kb / 12P
   600mA CMOS LDO
AME8863AEEY150Z AME-AME8863AEEY150Z Datasheet
116Kb / 12P
   600mA CMOS LDO
AME8863AEEY180L AME-AME8863AEEY180L Datasheet
116Kb / 12P
   600mA CMOS LDO
AME8863AEEY180Y AME-AME8863AEEY180Y Datasheet
116Kb / 12P
   600mA CMOS LDO
More results

유사한 설명 - AME8863

제조업체부품명데이터시트상세설명
logo
Analog Microelectronics
AME8806 AME-AME8806_06 Datasheet
245Kb / 18P
   600mA CMOS LDO
AME8805 AME-AME8805_12 Datasheet
188Kb / 17P
   600mA CMOS LDO
AME8841 AME-AME8841_08 Datasheet
201Kb / 14P
   600mA CMOS LDO
logo
List of Unclassifed Man...
CM2862 ETC1-CM2862 Datasheet
190Kb / 9P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8841 AME-AME8841_06 Datasheet
155Kb / 14P
   600mA CMOS LDO
AME8806 AME-AME8806 Datasheet
89Kb / 12P
   600mA CMOS LDO
AME8805 AME-AME8805 Datasheet
180Kb / 12P
   600mA CMOS LDO
logo
Unisonic Technologies
L1186 UTC-L1186_15 Datasheet
239Kb / 7P
   600mA CMOS LDO
logo
Analog Microelectronics
AME8807 AME-AME8807_07 Datasheet
188Kb / 15P
   600mA CMOS LDO
AME8850 AME-AME8850 Datasheet
196Kb / 19P
   600mA CMOS LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com