전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC12C5402AD 데이터시트(PDF) 11 Page - List of Unclassifed Manufacturers

부품명 STC12C5402AD
상세설명  STC12C5410AD
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

STC12C5402AD 데이터시트(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button STC12C5402AD Datasheet HTML 7Page - List of Unclassifed Manufacturers STC12C5402AD Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12C5402AD Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12C5402AD Datasheet HTML 10Page - List of Unclassifed Manufacturers STC12C5402AD Datasheet HTML 11Page - List of Unclassifed Manufacturers STC12C5402AD Datasheet HTML 12Page - List of Unclassifed Manufacturers STC12C5402AD Datasheet HTML 13Page - List of Unclassifed Manufacturers STC12C5402AD Datasheet HTML 14Page - List of Unclassifed Manufacturers STC12C5402AD Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
11
工作
电压(V)
Flash
 程序
存储器
字节
SRAM
字节
UART
PCA
PWM
A/D
I/O
内置
复位
EEP
ROM
封装
20-Pin
封装
28-Pin
封装
32-Pin
STC12C5401
5.5 - 3.4
1K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5401AD
5.5 - 3.4
1K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5402
5.5 - 3.4
2K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5402AD
5.5 - 3.4
2K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5404
5.5 - 3.4
4K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5404AD
5.5 - 3.4
4K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5406
5.5 - 3.4
6K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5406AD
5.5 - 3.4
6K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5408
5.5 - 3.4
8K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5408AD
5.5 - 3.4
8K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5410
5.5 - 3.4
10K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5410AD
5.5 - 3.4
10K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5412
5.5 - 3.4
12K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12C5412AD
5.5 - 3.4
12K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5401
2.0 - 3.8
1K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5401AD
2.0 - 3.8
1K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5402
2.0 - 3.8
2K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5402AD
2.0 - 3.8
2K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5404
2.0 - 3.8
4K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5404AD
2.0 - 3.8
4K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5406
2.0 - 3.8
6K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5406AD
2.0 - 3.8
6K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5408
2.0 - 3.8
8K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5408AD
2.0 - 3.8
8K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5410
2.0 - 3.8
10K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5410AD
2.0 - 3.8
10K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5412
2.0 - 3.8
12K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
STC12LE5412AD
2.0 - 3.8
12K
512
4路
27/23
有 DIP/SOP/TSSOP DIP/SOP PLCC-32
        STC12C5410AD 系列单片机选型一览表


유사한 부품 번호 - STC12C5402AD

제조업체부품명데이터시트상세설명
logo
STCmicro Technology Co,...
STC12C5604 STC-STC12C5604 Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5604AD STC-STC12C5604AD Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5604AD-35C STC-STC12C5604AD-35C Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5604AD-35I STC-STC12C5604AD-35I Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12C5608 STC-STC12C5608 Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com