전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STC12LE5408 데이터시트(PDF) 10 Page - List of Unclassifed Manufacturers

부품명 STC12LE5408
상세설명  STC12C5410AD
Download  149 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  ETC1 [List of Unclassifed Manufacturers]
홈페이지  
Logo ETC1 - List of Unclassifed Manufacturers

STC12LE5408 데이터시트(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button STC12LE5408 Datasheet HTML 6Page - List of Unclassifed Manufacturers STC12LE5408 Datasheet HTML 7Page - List of Unclassifed Manufacturers STC12LE5408 Datasheet HTML 8Page - List of Unclassifed Manufacturers STC12LE5408 Datasheet HTML 9Page - List of Unclassifed Manufacturers STC12LE5408 Datasheet HTML 10Page - List of Unclassifed Manufacturers STC12LE5408 Datasheet HTML 11Page - List of Unclassifed Manufacturers STC12LE5408 Datasheet HTML 12Page - List of Unclassifed Manufacturers STC12LE5408 Datasheet HTML 13Page - List of Unclassifed Manufacturers STC12LE5408 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 149 page
background image
宏晶科技:www.MCU-Memory.com   Mobile:13922805190(姚永平)   Tel:0755-82948409    Fax: 0755-82944243
宏晶科技:专业单片机 / 存储器供应商   www.MCU-Memory.com   STC12C5410AD 系列 1T 8051 单片机中文指南
10
PACKAGE :PLASTIC SHRINK SMALL OUTLINE (TSSOP-20 ,6.4mm × 6.4mm )
e(0.65mm)
B(0.19mm~0.30mm)
 L(0.50mm~0.75mm)
20-PIN
A1
E2
Φ
  DIMENSIONS
in inches (mm)
Minimum/Maximum
- /0.043
(- /1.10)
 0.002/0.006
(0.05/0.15mm)
 0.007/0.012
(0.19/0.30mm)
 0.252/0.260
(6.40/6.60mm)
 0.169/0.177
(4.30/4.50mm)
 0.026 BSC
(0.65mm BSC)
 0.126 BSC
(3.20mm BSC)
 0.020/0.030
(0.50/0.75mm)
0 °/8 °
Φ
D(6.40mm~6.60mm)
STC12C5410AD 系列的 TSSOP-20 封装需订货


유사한 부품 번호 - STC12LE5408

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
STC12LE5052 ETC1-STC12LE5052 Datasheet
656Kb / 71P
   STC12C2052AD
STC12LE5052AD ETC1-STC12LE5052AD Datasheet
656Kb / 71P
   STC12C2052AD
logo
STCmicro Technology Co,...
STC12LE5604 STC-STC12LE5604 Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12LE5604AD STC-STC12LE5604AD Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
STC12LE5604AD-35C STC-STC12LE5604AD-35C Datasheet
1Mb / 377P
   Enhanced 8051 Central Processing Unit ,1T per machine cycle, faster 8~12 times than the rate of a standard 8051.
2011-7-15
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com