전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDS100CA120 데이터시트(PDF) 2 Page - SanRex Corporation

부품명 FDS100CA120
상세설명  DIODE MODULE竊뉶.R.D.竊
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANREX [SanRex Corporation]
홈페이지  http://www.sanrex.com
Logo SANREX - SanRex Corporation

FDS100CA120 데이터시트(HTML) 2 Page - SanRex Corporation

  FDS100CA120 Datasheet HTML 1Page - SanRex Corporation FDS100CA120 Datasheet HTML 2Page - SanRex Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
50 Seaview Blvd. Port Washington, NY 11050-4618 PH.(516)625-1313 FAX(516)625-8845 E-mail: semi@sanrex.com
FDS100CA100/120
Forward Characteristics
Forward Voltage Drop VF(V)
0.
1.
1.
2.
2.
3.
10
10
10
Tj=25℃
Typical
Max.
Reverse Recovery Characteristics
Forward Current IF(A)
150
100
50
10
10
10
-1
Qrr
Qrr
lrr
lrr
trr
trr
Typical
−di/dt=100Aμs
j=25℃
j=150℃
Time
t(sec)
Transient Thermal Impedance
0.
0.
0.
0.
0.
0.
10
-3
10
-2
10
-1
10
Max.
Junction to case
Per one element
Reverse Recovery Characteristics
−di/dt(A/μs)
10
10
10
10
0
10
-1
10
10
10
Qrr
Qrr
lrr
lrr
trr
trr
Typical
IF=100A
j=25℃
j=150℃
SanRex
®


유사한 부품 번호 - FDS100CA120

제조업체부품명데이터시트상세설명
logo
SanRex Corporation
FDS100BA60 SANREX-FDS100BA60 Datasheet
294Kb / 2P
   DIODE MODULE(F.R.D)
More results

유사한 설명 - FDS100CA120

제조업체부품명데이터시트상세설명
logo
SanRex Corporation
MDF150A-L SANREX-MDF150A-L Datasheet
99Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
MDF250A-L SANREX-MDF250A-L Datasheet
94Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS400DA100 SANREX-FRS400DA100 Datasheet
94Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS400BA50 SANREX-FRS400BA50 Datasheet
106Kb / 2P
   DIODE MODULE竊뉶.R.D.竊
FRS150BA50 SANREX-FRS150BA50 Datasheet
95Kb / 2P
   DIODE MODULE竊뉶.R.D.
FRS400CA120 SANREX-FRS400CA120 Datasheet
101Kb / 2P
   DIODE MODULE竊뉶.R.D.)
DKR400AB60 SANREX-DKR400AB60 Datasheet
83Kb / 2P
   DIODE MODULE竊뉿ON-ISOLATED TYPE竊
DKR300AB60 SANREX-DKR300AB60 Datasheet
94Kb / 2P
   DIODE MODULE竊뉿ON-ISOLATED TYPE竊
logo
National Instruments Co...
PCHMB150B12 NI-PCHMB150B12_15 Datasheet
202Kb / 3P
   竊묕폊竊?竊∽펽竊묕폃竊먲폁竊
PCFMB300E6 NI-PCFMB300E6_15 Datasheet
336Kb / 4P
   竊볩폁竊먲샥竊뚳폋竊먲폁竊
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com