전자부품 데이터시트 검색엔진
Selected language     Korean  ▼
부품명
         상세내용
Preview PDF Download HTML-1page HTML-10pages

HLMP-SM11 데이터시트(Datasheet) 5 Page - Agilent(Hewlett-Packard)

부품명 HLMP-SM11
상세내용  4 mm Oval Precision Optical Performance LED Lamps
PDF  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
제조사  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo 

   
 5 page
background image
5
Electrical/Optical Characteristics
TA = 25°C
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Typical Viewing Angle [1]
2
θ
1/2
deg
Major
120
Minor
60
Forward Voltage
VF
VIF = 20 mA
Red (
λ
d = 626 nm)
1.9
2.4
Red (
λ
d = 630 nm)
2.0
2.4[2]
Amber (
λ
d = 590 nm)
2.02
2.4
Amber (
λ
d = 592 nm)
2.15
2.4[2]
Blue (
λ
d = 470 nm)
3.5
4.0
Green (
λ
d = 526 nm)
3.5
4.0
Reverse Voltage
VR
VIR = 100 µA
Amber and Red
5
20
Blue and Green
5
Peak Wavelength
λ
PEAK
nm
Peak of Wavelength of
Red (
λ
d = 626 nm)
635
Spectral Distribution
Red (
λ
d = 630 nm)
639
at IF = 20 mA
Amber (
λ
d = 590 nm)
592
Amber (
λ
d = 592 nm)
594
Notes:
1. 2
θ1/2 is the off-axis angle where the luminous intensity is the on-axis intensity.
2. For options -xxRxx, -xxTxx, and -xxVxx, maximum forward voltage, VF, is 2.6 V.
3. The radiant intensity, Ie, in watts per steradian, may be found from the equation Ie = Ivv, where Iv is the luminous intensity in candelas and ηv is
the luminous efficacy in lumens/watt.
LED Indicators
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Blue (
λ
d = 470 nm)
467
Green (
λ
d = 526 nm)
524
Spectral Halfwidth
∆λ
1/2
nm
Wavelength Width at
Red (
λ
d = 626/630 nm)
17
Spectral Distribution
Amber (
λ
d = 590/592 nm)
17
1/2 Power Point at I
F = 20 mA
Blue (
λ
d = 470 nm)
20
Green (
λ
d = 526 nm)
35
Capacitance
C
pF
VF = 0, F = 1 MHz
All Colors
40
Thermal Resistance
R
θ
J-PIN
°C/W
LED Junction-to-Cathode
All Colors
240
Lead
Luminous Efficacy[3]
η
v
lm/W
Emitted Luminous Power/
Red (
λ
d = 626 nm)
150
Emitted Radiant Power
Red (
λ
d = 630 nm)
155
Amber (
λ
d = 590 nm)
480
Amber (
λ
d = 592 nm)
500
Blue (
λ
d = 470 nm)
70
Green (
λ
d = 526 nm)
540




Html 페이지

1  2  3  4  5  6  7  8 


데이터시트



관련 부품명

부품명상세내용Html View제조사
HLMP-ABXXOval Precision Optical Performance AlInGaP and InGaN Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-DLXXT-1 - 3/4 5 mm Precision Optical Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-EL24T-1 5mm Precision Optical Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMPDL24T-13/4 5 mm Precision Optical Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-CE23T-1 3/4 5 mm Precision Optical Performance InGaN Bluish-Green LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-EL55T-1 3/4 5 mm Precision Optical Performance AlInGaP LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)
HLMP-CB11T-1 3/4 5 mm Extra Bright Precision Optical Performance InGaN LED Lamps 1 2 3 4 5 MoreAgilent(Hewlett-Packard)

링크 URL

ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ]  

Alldatasheet는?   |   광고문의    |   운영자에게 연락하기   |   개인정보취급방침   |   즐겨찾기   |   링크교환   |   제조사별 검색
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl