전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

HLMP-SB11 데이터시트(PDF) 3 Page - Agilent(Hewlett-Packard)

부품명 HLMP-SB11
상세설명  4 mm Oval Precision Optical Performance LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  HP [Agilent(Hewlett-Packard)]
홈페이지  http://www.home.agilent.com
Logo HP - Agilent(Hewlett-Packard)

HLMP-SB11 데이터시트(HTML) 3 Page - Agilent(Hewlett-Packard)

  HLMP-SB11 Datasheet HTML 1Page - Agilent(Hewlett-Packard) HLMP-SB11 Datasheet HTML 2Page - Agilent(Hewlett-Packard) HLMP-SB11 Datasheet HTML 3Page - Agilent(Hewlett-Packard) HLMP-SB11 Datasheet HTML 4Page - Agilent(Hewlett-Packard) HLMP-SB11 Datasheet HTML 5Page - Agilent(Hewlett-Packard) HLMP-SB11 Datasheet HTML 6Page - Agilent(Hewlett-Packard) HLMP-SB11 Datasheet HTML 7Page - Agilent(Hewlett-Packard) HLMP-SB11 Datasheet HTML 8Page - Agilent(Hewlett-Packard)  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Notes:
1. The luminous intensity is measured on the mechanical axis of the lamp package.
2. The optical axis is closely aligned with the package mechanical axis.
3. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.
Device Selection Guide for AlInGaP II
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-SD11-LP000
Red 630
345
1330
Yes
Perpendicular
A
HLMP-RD11-LP000
Red 630
345
1330
Yes
Parallel
B
HLMP-SD11-LPT00
Red 630
345
1330
Yes
Perpendicular
A
HLMP-RD11-LPT00
Red 630
345
1330
Yes
Parallel
B
HLMP-SD11-MNT00
Red 630
450
1010
Yes
Perpendicular
A
HLMP-SL11-HLR00
Amber 592
155
600
Yes
Perpendicular
A
HLMP-SL11-LP000
Amber 592
345
1330
Yes
Perpendicular
A
HLMP-RL11-LP000
Amber 592
345
1330
Yes
Parallel
B
HLMP-SL11-LPR00
Amber 592
345
1330
Yes
Perpendicular
A
HLMP-RL11-LPR00
Amber 592
345
1330
Yes
Parallel
B
HLMP-SL11-LPV00
Amber 592
345
1330
Yes
Perpendicular
A
HLMP-RL11-LPV00
Amber 592
345
1330
Yes
Parallel
B
Device Selection Guide for InGaN
Color and
Luminous
Dominant
Intensity
Wavelength
IV (mcd) at 20 mA
Leads with
Leadframe
Package
Part Number
λd (nm) Typ.
Min.
Max.
Stand-Offs
Orientation
Drawing
HLMP-SM11-LP000
Green 526
345
1330
Yes
Perpendicular
A
HLMP-RM11-LP000
Green 526
345
1330
Yes
Parallel
B
HLMP-SB11-EH000
Blue 470
70
270
Yes
Perpendicular
A
HLMP-RB11-EH000
Blue 470
70
270
Yes
Parallel
B
Notes:
4. The luminous intensity is measured on the mechanical axis of the lamp package.
5. The optical axis is closely aligned with the package mechanical axis.
6. The dominant wavelength,
λd, is derived from the CIE Chromaticity Diagram and represents the color of the lamp.


유사한 부품 번호 - HLMP-SB11

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-SB11 AVAGO-HLMP-SB11 Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
HLMP-SB11-H00XX AVAGO-HLMP-SB11-H00XX Datasheet
239Kb / 9P
   4 mm Super Oval Precision Optical Performance AlInGaP and InGaN LEDs
More results

유사한 설명 - HLMP-SB11

제조업체부품명데이터시트상세설명
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-LB11 AVAGO-HLMP-LB11 Datasheet
369Kb / 8P
   4 mm Precision Optical Performance InGaN Standard Oval LED Lamps
logo
Unity Opto Technology
MVL-63XXX UOT-MVL-63XXX Datasheet
151Kb / 16P
   OVAL PRECISION OPTICAL PERFORMANCE LED LAMPs
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-HB55 AVAGO-HLMP-HB55 Datasheet
101Kb / 12P
   5 mm Precision Optical Performance InGaN Oval LED Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
72Kb / 3P
   5 mm Precision Optical Performance Red Oval Plastic Lamps
HLMP-SL11 AVAGO-HLMP-SL11 Datasheet
205Kb / 7P
   4 mm Oval Precision Optical Performance Best Value AlInGaP and InGaN Lamps
HLMP-HD57 AVAGO-HLMP-HD57 Datasheet
343Kb / 8P
   5 mm Standard Oval Precision Optical Performance Red LED
logo
Agilent(Hewlett-Packard...
ALMP-ALXX HP-ALMP-ALXX Datasheet
92Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
HLMP-ABXX HP-HLMP-ABXX Datasheet
103Kb / 10P
   Oval Precision Optical Performance AlInGaP and InGaN Lamps
logo
AVAGO TECHNOLOGIES LIMI...
HLMP-AD06-NSTXX AVAGO-HLMP-AD06-NSTXX Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
HLMP-BL06-QRKDD AVAGO-HLMP-BL06-QRKDD Datasheet
379Kb / 12P
   5mm mini Oval Precision Optical Performance AlInGaP Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com