전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LM4927 데이터시트(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
부품명 LM4927
상세설명  2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  NSC [National Semiconductor (TI)]
홈페이지  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4927 데이터시트(HTML) 5 Page - National Semiconductor (TI)

  LM4927 Datasheet HTML 1Page - National Semiconductor (TI) LM4927 Datasheet HTML 2Page - National Semiconductor (TI) LM4927 Datasheet HTML 3Page - National Semiconductor (TI) LM4927 Datasheet HTML 4Page - National Semiconductor (TI) LM4927 Datasheet HTML 5Page - National Semiconductor (TI) LM4927 Datasheet HTML 6Page - National Semiconductor (TI) LM4927 Datasheet HTML 7Page - National Semiconductor (TI) LM4927 Datasheet HTML 8Page - National Semiconductor (TI) LM4927 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Typical Performance Characteristics (Note 10)
THD+N vs Frequency
V
DD = 2.6V, RL =8
Ω,P
O = 150mW
THD+N vs Frequency
V
DD = 2.6V, RL =4
Ω,P
O = 150mW
20152534
20152533
THD+N vs Frequency
V
DD = 5V, RL =8
Ω,P
O =1W
THD+N vs Frequency
V
DD = 5V, RL =4
Ω,P
O =1W
20152538
20152537
THD+N vs Frequency
V
DD = 3V, RL =8
Ω,P
O = 275mW
THD+N vs Frequency
V
DD = 3V, RL =4
Ω,P
O = 225mW
20152536
20152535
www.national.com
5


유사한 부품 번호 - LM4927

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4927 TI1-LM4927 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM49270 TI1-LM49270 Datasheet
2Mb / 28P
[Old version datasheet]   Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
LM49270SQ/NOPB TI1-LM49270SQ/NOPB Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM49270SQ/NOPB TI1-LM49270SQ/NOPB Datasheet
2Mb / 28P
[Old version datasheet]   Filterless 2.2W Stereo Class D Audio Subsystem with OCL Headphone Amplifier, 3D Enhancement, and Headphone Sense
LM4927SD/NOPB TI1-LM4927SD/NOPB Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
More results

유사한 설명 - LM4927

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LM4927 TI1-LM4927_14 Datasheet
939Kb / 20P
[Old version datasheet]   Audio Power Amplifier Series 2.5 Watt Fully Differential Audio Power Amplifier With Shutdown
LM4898 TI1-LM4898_14 Datasheet
1Mb / 23P
[Old version datasheet]   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4894 NSC-LM4894 Datasheet
770Kb / 19P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4898 NSC-LM4898 Datasheet
596Kb / 17P
   1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4923 NSC-LM4923_07 Datasheet
390Kb / 14P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923 Datasheet
980Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
National Semiconductor ...
LM4923 NSC-LM4923 Datasheet
433Kb / 12P
   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
logo
Texas Instruments
LM4923 TI1-LM4923_14 Datasheet
947Kb / 23P
[Old version datasheet]   1.1 Watt Fully Differential Audio Power Amplifier With Shutdown Select
LM4941 TI1-LM4941 Datasheet
974Kb / 21P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
LM4941 TI1-LM4941_14 Datasheet
965Kb / 23P
[Old version datasheet]   1.25 Watt Fully Differential Audio Power Amplifier With RF Suppression and Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com