전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA-13-6015 데이터시트(PDF) 2 Page - Teledyne Technologies Incorporated

부품명 TPA-13-6015
상세설명  Power Amplifier 6 GHz - 13 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TPA-13-6015 데이터시트(HTML) 2 Page - Teledyne Technologies Incorporated

  TPA-13-6015 Datasheet HTML 1Page - Teledyne Technologies Incorporated TPA-13-6015 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
TPA-13-6015
Power Amplifier
6 GHz - 13 GHz
08/05
ISO 9001:2000


유사한 부품 번호 - TPA-13-6015

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
TPA-13-6014 TELEDYNE-TPA-13-6014 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-13-6016 TELEDYNE-TPA-13-6016 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 13 GHz
More results

유사한 설명 - TPA-13-6015

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
CPA-13-6035 TELEDYNE-CPA-13-6035 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
CPA-13-6027 TELEDYNE-CPA-13-6027 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
CPA-13-6026 TELEDYNE-CPA-13-6026 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
TPA-13-6035 TELEDYNE-TPA-13-6035 Datasheet
871Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
CPA-13-6025 TELEDYNE-CPA-13-6025 Datasheet
876Kb / 2P
   Power Amplifier 6 GHz - 13 GHz
TPA-13-6014 TELEDYNE-TPA-13-6014 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 13 GHz
CPA-13-6005 TELEDYNE-CPA-13-6005 Datasheet
892Kb / 2P
   Amplifier 6 GHz - 13 GHz
CPA-13-6015 TELEDYNE-CPA-13-6015 Datasheet
892Kb / 2P
   Amplifier 6 GHz - 13 GHz
TPA-13-6016 TELEDYNE-TPA-13-6016 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 13 GHz
CPA-13-6016 TELEDYNE-CPA-13-6016 Datasheet
892Kb / 2P
   Amplifier 6 GHz - 13 GHz
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com