전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TPA-18-6017 데이터시트(PDF) 1 Page - Teledyne Technologies Incorporated

부품명 TPA-18-6017
상세설명  Amplifier 6 GHz - 18 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TELEDYNE [Teledyne Technologies Incorporated]
홈페이지  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

TPA-18-6017 데이터시트(HTML) 1 Page - Teledyne Technologies Incorporated

  TPA-18-6017 Datasheet HTML 1Page - Teledyne Technologies Incorporated TPA-18-6017 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1274 Terra Bella Avenue, Mountain View, CA 94043 • PHN# 800.832.6869 or +1.650.962.6944 • FAX# 650.962.6845
www.teledynemicrowave.com • microwave@teledyne.com
TELEDYNE
MICROWAVE
All Specifications are subject to change. Please contact Teledyne Microwave for the latest information on this product
Teledyne Microwave amplifiers are balanced or feedback
designs and manufactured with the latest MIC & MMIC
technology. The GaAs FET’s used in these amplifiers are well
established proven devices from multiple sources.
Specifications:
Model Number:
Frequency Range:
Gain (min):
Noise Figure (max):
Output Power @ 1dB Compression:
Gain Flatness Vs Frequency:
3rd Order Intercept (Typ):
Power Supply:
Input Voltage: 11.5 to 15 VDC
Current @ 12 VDC (typ):
Current @ 12 VDC (max):
Case Type (See attached Outline):
Temperature Range:
Teledyne Microwave offers a complete line of Narrow and
broadband Amplifiers covering the frequency range 500 MHz
to 40 GHz. These products are available in either
connectorized packages or as modules. For a complete list of
these products and more, please visit our website.
Other products from Teledyne Microwave include:
Transceivers, Synthesizers, and YIG Products
TPA-18-6017
Amplifier
6 GHz - 18 GHz
08/05
ISO 9001:2000
6 GHz - 18 GHz
TPA-18-6017
38 dB
Gain Vs Temp at any Frequency: This Amplifier is not Temperature Compensated
7 dB
23 dBm
+/-2 dB
30 dBm
840 mA
930 mA
SX8
+25C
This Amplifier offers exceptional performance over the band 6
GHz to 18 GHz with 23 dBm P1dB output power and 38 dB
Gain.


유사한 부품 번호 - TPA-18-6017

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
TPA-18-6014 TELEDYNE-TPA-18-6014 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 18 GHz
TPA-18-6015 TELEDYNE-TPA-18-6015 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 18 GHz
TPA-18-6016 TELEDYNE-TPA-18-6016 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 18 GHz
More results

유사한 설명 - TPA-18-6017

제조업체부품명데이터시트상세설명
logo
Teledyne Technologies I...
TPA-18-6015 TELEDYNE-TPA-18-6015 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6003 TELEDYNE-CPA-18-6003 Datasheet
894Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6004 TELEDYNE-CPA-18-6004 Datasheet
894Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6014 TELEDYNE-CPA-18-6014 Datasheet
894Kb / 2P
   Amplifier 6 GHz - 18 GHz
TMA-18-6003 TELEDYNE-TMA-18-6003 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 18 GHz
TPA-18-6003 TELEDYNE-TPA-18-6003 Datasheet
889Kb / 2P
   Amplifier 6 GHz - 18 GHz
TPA-18-6006 TELEDYNE-TPA-18-6006 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6005 TELEDYNE-CPA-18-6005 Datasheet
892Kb / 2P
   Amplifier 6 GHz - 18 GHz
TPA-18-6007 TELEDYNE-TPA-18-6007 Datasheet
887Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6006 TELEDYNE-CPA-18-6006 Datasheet
892Kb / 2P
   Amplifier 6 GHz - 18 GHz
CPA-18-6017 TELEDYNE-CPA-18-6017 Datasheet
892Kb / 2P
   Amplifier 6 GHz - 18 GHz
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com