전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TSFF5410 데이터시트(PDF) 1 Page - Vishay Siliconix

부품명 TSFF5410
상세설명  High Speed IR Emitting Diode in 5 mm (T-1 3 /4) Package
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  VISHAY [Vishay Siliconix]
홈페이지  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TSFF5410 데이터시트(HTML) 1 Page - Vishay Siliconix

  TSFF5410 Datasheet HTML 1Page - Vishay Siliconix TSFF5410 Datasheet HTML 2Page - Vishay Siliconix TSFF5410 Datasheet HTML 3Page - Vishay Siliconix TSFF5410 Datasheet HTML 4Page - Vishay Siliconix TSFF5410 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
VISHAY
TSFF5410
Document Number 81091
Rev. 1.4, 23-Jun-04
Vishay Semiconductors
www.vishay.com
1
94 8390
High Speed IR Emitting Diode in
∅ 5 mm (T-1¾) Package
Description
TSFF5410 is a high speed infrared emitting diode in
GaAlAs on GaAlAs double hetero (DH) technology,
molded in a clear, untinted plastic package.
DH technology combines high speed with high radiant
power at wavelength of 870 nm.
Features
• High modulation bandwidth (23 MHz)
• Extra high radiant power and radiant intensity
• Low forward voltage
• Suitable for high pulse current operation
• Standard T-1¾ (
∅ 5 mm) package
• Angle of half intensity
ϕ = ± 22°
• Peak wavelength
λp = 870 nm
• High reliability
• Good spectral matching to Si photodetectors
• Lead-free device
Applications
Infrared video data transmission between Camcorder
and TV set.
Free air data transmission systems with high modu-
lation frequencies or high data transmission rate
requirements.
Absolute Maximum Ratings
Tamb = 25 °C, unless otherwise specified
Parameter
Test condition
Symbol
Value
Unit
Reverse Voltage
VR
5V
Forward current
IF
100
mA
Peak Forward Current
tp/T = 0.5, tp = 100 µsIFM
200
mA
Surge Forward Current
tp = 100 µsIFSM
1A
Power Dissipation
PV
250
mW
Junction Temperature
Tj
100
°C
Operating Temperature Range
Tamb
- 25 to + 85
°C
Storage Temperature Range
Tstg
- 25 to + 85
°C
Soldering Temperature
t
≤ 5 sec, 2 mm from case
Tsd
260
°C
Thermal Resistance Junction/
Ambient
RthJA
300
K/W


유사한 부품 번호 - TSFF5410

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TSFF5410 VISHAY-TSFF5410 Datasheet
109Kb / 5P
   High Speed Infrared Emitting Diode, RoHS Compliant, 870 nm, GaAlAs Double Hetero
Rev. 1.6, 21-Jul-08
TSFF5410 VISHAY-TSFF5410 Datasheet
111Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.7, 29-Jun-09
TSFF5410 VISHAY-TSFF5410 Datasheet
110Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
Rev. 1.8, 24-Aug-11
TSFF5410 VISHAY-TSFF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2022
TSFF5410 VISHAY-TSFF5410 Datasheet
108Kb / 5P
   High Speed Infrared Emitting Diode, 870 nm, GaAlAs Double Hetero
01-Jan-2023
More results

유사한 설명 - TSFF5410

제조업체부품명데이터시트상세설명
logo
Vishay Siliconix
TSHG6400 VISHAY-TSHG6400 Datasheet
116Kb / 6P
   High Speed IR Emitting Diode in T-1 3/4 Package
Rev. 1.0, 28-Nov-06
TSHF5400 VISHAY-TSHF5400 Datasheet
84Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 7, 02-Aug-99
TSFF5400 VISHAY-TSFF5400 Datasheet
86Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 5, 29-Jun-99
TSPF5400 VISHAY-TSPF5400 Datasheet
85Kb / 6P
   High Speed IR Emitting Diode in ø 5 mm (T–13/4) Package
Rev. 2, 20-May-99
TSFF5200 VISHAY-TSFF5200 Datasheet
87Kb / 6P
   High Speed IR Emitting Diode in ø5 mm (T–13/4) Package
Rev. 2, 29-Jun-99
TSHF5410 VISHAY-TSHF5410 Datasheet
116Kb / 6P
   High Speed Infrared Emitting Diode in T-1 3/4 Package
Rev. 1.1, 26-Oct-06
TSAL4400 VISHAY-TSAL4400 Datasheet
81Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰3 mm (T.1) Package
Rev. 3, 20-May-99
logo
Kingbright Corporation
WP7113F3C-P22 KINGBRIGHT-WP7113F3C-P22 Datasheet
718Kb / 5P
   T-1 3/4 (5 mm) Infrared Emitting Diode
logo
Vishay Siliconix
TSMF1020 VISHAY-TSMF1020 Datasheet
491Kb / 9P
   High Speed IR Emitting Diode in SMD Package
Rev. 6, 21-May-03
TSAL7400 VISHAY-TSAL7400 Datasheet
76Kb / 5P
   GaAs/GaAlAs IR Emitting Diode in 짰5 mm (T-13/4) Package
Rev. 3, 20-May-99
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com